Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SED1278F0C Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SED1278F0C
Description  CMOS DOT MATRIX LCD CONTROLLER DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SED1278F0C Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SED1278F0C Datasheet HTML 1Page - List of Unclassifed Manufacturers SED1278F0C Datasheet HTML 2Page - List of Unclassifed Manufacturers SED1278F0C Datasheet HTML 3Page - List of Unclassifed Manufacturers SED1278F0C Datasheet HTML 4Page - List of Unclassifed Manufacturers SED1278F0C Datasheet HTML 5Page - List of Unclassifed Manufacturers SED1278F0C Datasheet HTML 6Page - List of Unclassifed Manufacturers SED1278F0C Datasheet HTML 7Page - List of Unclassifed Manufacturers SED1278F0C Datasheet HTML 8Page - List of Unclassifed Manufacturers SED1278F0C Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
291
° Write cycle
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Enable cycle time
tcycE
500
ns
Enable “H” level pulse width
tWEH
220
ns
Enable rise/fall time
trE, tfE
——
25
ns
RS, R/W setup time
tAS
40
ns
RS, R/W address hold time
tAH
10
ns
Data setup time
tDS
60
ns
Write data hold time
tDH
10
ns
(VDD = 5.0V
±10%, VSS = 0V, Ta = –20 to 75°C)
Timing Chart
° Read cycle
RS
R/W
E
DB0 to DB7
tAS
tAH
tAH
tWEH
tfE
tRD
tDHR
VIH1
VIL1
VIH1
VIL1
VIH1
VIH1
VIH1
VIL1
VIL1
trE
VOH1
VOL1
VOH1
VOL1
Significant
Data
tcycE
VIL1
VIH1
° Write cycle
RS
R/W
E
DB0 to DB7
tAS
tAH
tAH
tWEH
tfE
tDS
tDH
VIH1
VIL1
VIH1
VIL1
VIH1
VIH1
VIL1
VIL1
trE
VIH1
VIL1
Significant
Data
tcycE
VIL1
VIL1
VIL1
VIH1
VIL1
SED1278


Similar Part No. - SED1278F0C

ManufacturerPart #DatasheetDescription
logo
Epson Company
SED1278F EPSON-SED1278F Datasheet
561Kb / 13P
   Dot Matrix LCD Controller Driver
SED1278FOB EPSON-SED1278FOB Datasheet
561Kb / 13P
   Dot Matrix LCD Controller Driver
SED1278FOC EPSON-SED1278FOC Datasheet
561Kb / 13P
   Dot Matrix LCD Controller Driver
SED1278FOD EPSON-SED1278FOD Datasheet
561Kb / 13P
   Dot Matrix LCD Controller Driver
SED1278FOG EPSON-SED1278FOG Datasheet
561Kb / 13P
   Dot Matrix LCD Controller Driver
More results

Similar Description - SED1278F0C

ManufacturerPart #DatasheetDescription
logo
NEC
UPD7227 NEC-UPD7227 Datasheet
286Kb / 7P
   CMOS, Intelligent, Dot-Matrix LCD Controller/Driver
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
Sitronix Technology Co....
ST7038 SITRONIX-ST7038 Datasheet
1Mb / 63P
   Dot Matrix LCD Controller/Driver
logo
Renesas Technology Corp
PD16435 RENESAS-PD16435_15 Datasheet
440Kb / 38P
   DOT MATRIX LCD CONTROLLER/DRIVER
logo
Sitronix Technology Co....
ST7066U SITRONIX-ST7066U Datasheet
601Kb / 42P
   Dot Matrix LCD Controller/Driver
logo
Epson Company
SED1530 EPSON-SED1530 Datasheet
176Kb / 13P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
List of Unclassifed Man...
ST7036 ETC-ST7036 Datasheet
864Kb / 72P
   Dot Matrix LCD Controller/Driver
logo
OKI electronic componet...
ML9041A OKI-ML9041A Datasheet
655Kb / 64P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
Epson Company
SED1200F EPSON-SED1200F Datasheet
149Kb / 6P
   Dot Matrix LCD Controller Driver
logo
Integral Corp.
IZD1520 INTEGRAL-IZD1520 Datasheet
153Kb / 13P
   CMOS DOT MATRIX LCD DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com