Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN74LVC1G66 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part No. SN74LVC1G66
Description  SINGLE BILATERAL ANALOG SWITCH
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G66 Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVC1G66 Datasheet HTML 1Page - Texas Instruments SN74LVC1G66 Datasheet HTML 2Page - Texas Instruments SN74LVC1G66 Datasheet HTML 3Page - Texas Instruments SN74LVC1G66 Datasheet HTML 4Page - Texas Instruments SN74LVC1G66 Datasheet HTML 5Page - Texas Instruments SN74LVC1G66 Datasheet HTML 6Page - Texas Instruments SN74LVC1G66 Datasheet HTML 7Page - Texas Instruments SN74LVC1G66 Datasheet HTML 8Page - Texas Instruments SN74LVC1G66 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SN74LVC1G66
SINGLE BILATERAL ANALOG SWITCH
SCES323H − JUNE 2001 − REVISED SEPTEMBER 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figure 5)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 1.8 V
± 0.15 V
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
VCC = 5 V
± 0.5 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tpd†
A or B
B or A
2
1.2
0.8
0.6
ns
ten‡
C
A or B
2.5
12
1.9
6.5
1.8
5
1.5
4.2
ns
tdis§
C
A or B
2.2
10
1.4
6.9
2
6.5
1.4
5
ns
† tPLH and tPHL are the same as tpd. The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and
the specified load capacitance when driven by an ideal voltage source (zero output impedance).
‡ tPZL and tPZH are the same as ten.
§ tPLZ and tPHZ are the same as tdis.
analog switch characteristics, TA = 25°C
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
VCC
TYP
UNIT
1.65 V
35
CL = 50 pF, RL = 600 Ω,
fin = sine wave
2.3 V
120
LL
fin = sine wave
(see Figure 6)
3 V
175
Frequency response¶
A or B
B or A
(see Figure 6)
4.5 V
195
MHz
Frequency response¶
(switch ON)
A or B
B or A
1.65 V
>300
MHz
(switch ON)
CL = 5 pF, RL = 50 Ω,
fin = sine wave
2.3 V
>300
LL
fin = sine wave
(see Figure 6)
3 V
>300
(see Figure 6)
4.5 V
>300
1.65 V
35
Crosstalk
C
A or B
CL = 50 pF, RL = 600 Ω,
fin = 1 MHz (square wave)
2.3 V
50
mV
Crosstalk
(control input to signal output)
C
A or B
LL
fin = 1 MHz (square wave)
(see Figure 7)
3 V
70
mV
(control input to signal output)
(see Figure 7)
4.5 V
100
1.65 V
−58
CL = 50 pF, RL = 600 Ω,
fin = 1 MHz (sine wave)
2.3 V
−58
LL
fin = 1 MHz (sine wave)
(see Figure 8)
3 V
−58
Feed-through attenuation#
A or B
B or A
(see Figure 8)
4.5 V
−58
dB
Feed-through attenuation#
(switch OFF)
A or B
B or A
1.65 V
−42
dB
(switch OFF)
CL = 5 pF, RL = 50 Ω,
fin = 1 MHz (sine wave)
2.3 V
−42
LL
fin = 1 MHz (sine wave)
(see Figure 8)
3 V
−42
(see Figure 8)
4.5 V
−42
C = 50 pF, R = 10 k ,
1.65 V
0.1
CL = 50 pF, RL = 10 kΩ,
fin = 1 kHz (sine wave)
2.3 V
0.025
LL
fin = 1 kHz (sine wave)
(see Figure 9)
3 V
0.015
Sine-wave distortion
A or B
B or A
(see Figure 9)
4.5 V
0.01
%
Sine-wave distortion
A or B
B or A
C = 50 pF, R = 10 k ,
1.65 V
0.15
%
CL = 50 pF, RL = 10 kΩ,
fin = 10 kHz (sine wave)
2.3 V
0.025
LL
fin = 10 kHz (sine wave)
(see Figure 9)
3 V
0.015
(see Figure 9)
4.5 V
0.01
¶ Adjust fin voltage to obtain 0 dBm at output. Increase fin frequency until dB meter reads −3 dB.
# Adjust fin voltage to obtain 0 dBm at input.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SN74AUC1G66 SINGLE BILATERAL ANALOG SWITCH 1  2  3  4  5  More Texas Instruments
NLAS323 Dual SPST Analog Switch Low Voltage Single Supply 1  2  3  4  5  More ON Semiconductor
NLAST4501 Single SPST Analog Switch 1  2  3  4  5  More ON Semiconductor
NLAS324 Dual SPST Analog Switch Low Voltage Single Supply 1  2  3  4  5  More ON Semiconductor
DG9461 Low-Voltage Single SPDT Analog Switch 1  2  3  4  5  More Vishay Siliconix
74V1G66 SINGLE BILATERAL SWITCH 1  2  3  4  5  More STMicroelectronics
ISL43L220 Ultra Low ON-Resistance Low Voltage Single Supply Dual SPDT Analog Switch 1  2  3  4  5  More Intersil Corporation
ADG2108 I2C CMOS 8 × 10 Unbuffered Analog Switch Array with Dual/Single Supplies 1  2  3  4  5  More Analog Devices
74V1T66 SINGLE BILATERAL SWITCH 1  2  3  4  5  More STMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn