Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LVB1560 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LVB1560
Description  Single-Phase Single In-Line Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LVB1560 Datasheet(HTML) 1 Page - Vishay Siliconix

  LVB1560_13 Datasheet HTML 1Page - Vishay Siliconix LVB1560_13 Datasheet HTML 2Page - Vishay Siliconix LVB1560_13 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LVB1560
www.vishay.com
Vishay General Semiconductor
Revision: 26-Jun-13
1
Document Number: 89392
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Low VF Single-Phase Single In-Line Bridge Rectifiers
FEATURES
• UL recognition file number E54214, Vol. 1
• Thin single in-Iine package
• Oxide planar chip junction
• Low forward voltage drop
• High surge current capability
• High case dielectric strength of 2500 VRMS
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
General purpose use in AC/DC bridge full wave rectification
for
switching
power
supply,
home
appliances
and
white-goods applications specially for telecom power
supply, high efficiency desktop PC and server SMPS.
MECHANICAL DATA
Case: GSIB-5S
Epoxy meets UL 94 V-0 flammability rating
Base
P/N-M3
-
halogen-free,
RoHS-compliant,
and
commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test
Polarity: As marked on body
Mounting Torque: 10 cm-kg (8.8 in-lbs) maximum
Recommended Torque: 5.7 cm-kg (5 in-lbs)
Notes
(1) Unit case mounted on aluminum plate heatsink
(2) Units mounted on PCB without heatsink
PRIMARY CHARACTERISTICS
Package
GSIB-5S
IF(AV)
15 A
VRRM
600 V
IFSM
400 A
IR
10 μA
VF at IF = 7.5 A, TA = 125 °C
0.73 V
TJ max.
150 °C
Diode variations
In-Line
Case Style GSIB-5S
~
~
~
~
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
LVB1560
UNIT
Maximum repetitive peak reverse voltage
VRRM
600
V
Maximum average forward rectified
output current at
TC = 125 °C
IO (1)
15
A
TA = 25 °C
IO (2)
3.6
Non-repetiitive peak forward surge current 8.3 ms single
sine-wave, TJ = 25 °C
IFSM
400
A
Rating for fusing (t < 8.3 ms)
TJ = 25 °C
I2t
664
A2s
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C


Similar Part No. - LVB1560_13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LVB1560-M3-45 VISHAY-LVB1560-M3-45 Datasheet
90Kb / 4P
   Low VF Single-Phase Single In-Line Bridge Rectifiers
Revision: 20-Dec-10
LVB1560 VISHAY-LVB1560_V01 Datasheet
113Kb / 5P
   Low VF Single-Phase Single In-Line Bridge Rectifiers
01-Jan-2022
More results

Similar Description - LVB1560_13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GSIB2520 VISHAY-GSIB2520 Datasheet
55Kb / 2P
   Single-Phase Single In-Line Bridge Rectifiers
1-Dec-03
GSIB1520N VISHAY-GSIB1520N Datasheet
90Kb / 4P
   Single-Phase Single In-Line Bridge Rectifiers
Revision: 15-Aug-11
VSIB1520 VISHAY-VSIB1520 Datasheet
95Kb / 4P
   Single-Phase Single In-Line Bridge Rectifiers
Revision: 15-Dec-08
GSIB620 VISHAY-GSIB620_08 Datasheet
104Kb / 4P
   Single-Phase Single In-Line Bridge Rectifiers
Revision: 31-Jan-08
GSIB25XX VISHAY-GSIB25XX Datasheet
83Kb / 4P
   Single-Phase Single In-Line Bridge Rectifiers
Revision: 16-Aug-13
GSIB2020 VISHAY-GSIB2020_V01 Datasheet
93Kb / 4P
   Single-Phase Single In-Line Bridge Rectifiers
01-Jan-2022
GSIB2520N VISHAY-GSIB2520N_V01 Datasheet
92Kb / 4P
   Single-Phase Single In-Line Bridge Rectifiers
01-Jan-2022
GSIB620N VISHAY-GSIB620N_V01 Datasheet
93Kb / 4P
   Single-Phase Single In-Line Bridge Rectifiers
01-Jan-2022
VSIB6A20 VISHAY-VSIB6A20 Datasheet
95Kb / 4P
   Single-Phase Single In-Line Bridge Rectifiers
Revision: 15-Dec-08
GSIB6A20 VISHAY-GSIB6A20_08 Datasheet
104Kb / 4P
   Single-Phase Single In-Line Bridge Rectifiers
Revision: 31-Jan-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com