Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SME1400B-13 Datasheet(PDF) 2 Page - WJ Communication. Inc.

Part # SME1400B-13
Description  Broadband surface mount mixer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

SME1400B-13 Datasheet(HTML) 2 Page - WJ Communication. Inc.

  SME1400B-13 Datasheet HTML 1Page - WJ Communication. Inc. SME1400B-13 Datasheet HTML 2Page - WJ Communication. Inc. SME1400B-13 Datasheet HTML 3Page - WJ Communication. Inc. SME1400B-13 Datasheet HTML 4Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WJ Communications, Inc. • Phone: 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
June 2002
Performance Charts
SME1400B-13
18
19
20
21
22
10
11
12
13
14
15
16
LO Power (dBm)
0
5
10
15
25
20
30
500
750
1000
1250
1500
2000
1750
2250
RF Frequency (MHz)
IIP3 vs. LO Power
IIP3 vs. Frequency
RF = 2000 Mhz
LO = 1900 MHz
IF = 100 MHz
12
11
10
9
8
7
6
5
0
500
1000
1500
2000
2500
Frequency (MHz)
7.0
6.8
6.6
6.4
6.2
6.0
10
11
12
13
14
15
16
LO Power (dBm)
8.0
7.5
7.0
6.5
6.0
6
8
10
12
14
16
RF Power (dBm)
Conversion Loss vs. Frequency
Conversion Loss vs. RF Power
RF = 900 MHz
LO = 800 MHz
Conversion Loss vs. LO Power
Conversion Loss vs. Temperature
7.5
7.3
7.1
6.9
6.7
6.5
-40
-20
0
20
40
60
80
Temperature (
°C)
RF = 1500 MHz
IF = 500 MHz
LO = 1000 MHz
VSWR vs. Frequency
Isolation vs. Frequency
1.0
1.4
1.8
2.2
2.6
0
500
1000
1500
2000
2500
Frequency (MHz)
RF
LO
IF = 100 MHz
IF = 2000 MHz
IF = 100 MHz
IF = 300 MHz
20
25
30
35
40
45
50
0
500
1000
1500
2000
2500
Frequency (MHz)
L-I
L-I
L-R
IF, LO = 1260 MHz


Similar Part No. - SME1400B-13

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
SME1400B-13 WJCI-SME1400B-13 Datasheet
266Kb / 4P
   Broadband Surface Mount Mixer
SME1400B-13-PCB WJCI-SME1400B-13-PCB Datasheet
266Kb / 4P
   Broadband Surface Mount Mixer
SME1400B-13 WJCI-SME1400B-13_07 Datasheet
266Kb / 4P
   Broadband Surface Mount Mixer
More results

Similar Description - SME1400B-13

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
WJZ1020H TRIQUINT-WJZ1020H Datasheet
134Kb / 3P
   Broadband Surface Mount Mixer
logo
WJ Communication. Inc.
SME1400B-13 WJCI-SME1400B-13_07 Datasheet
266Kb / 4P
   Broadband Surface Mount Mixer
WJZ1020 WJCI-WJZ1020 Datasheet
85Kb / 3P
   Broadband Surface Mount Mixer
SME1400B-17 WJCI-SME1400B-17 Datasheet
105Kb / 4P
   Broadband Surface Mount Mixer
SME1400B-17 WJCI-SME1400B-17_07 Datasheet
264Kb / 4P
   Broadband Surface Mount Mixer
WJZ1000 WJCI-WJZ1000 Datasheet
78Kb / 3P
   Broadband Surface Mount Mixer
WJZ2020 WJCI-WJZ2020 Datasheet
74Kb / 3P
   Broadband Surface Mount Mixer
WJZ1010 WJCI-WJZ1010 Datasheet
91Kb / 3P
   Broadband Surface Mount Mixer
logo
List of Unclassifed Man...
SME1900-17 ETC-SME1900-17 Datasheet
1Mb / 4P
   Broadband Surface Mount Mixer
logo
WJ Communication. Inc.
SME1400B-10 WJCI-SME1400B-10 Datasheet
508Kb / 5P
   Broadband Surface Mount Mixer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com