Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

62-PMF-200-5-13 Datasheet(PDF) 4 Page - API Technologies Corp

Part # 62-PMF-200-5-13
Description  Power Line Filters Appliance Filters
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

62-PMF-200-5-13 Datasheet(HTML) 4 Page - API Technologies Corp

  62-PMF-200-5-13 Datasheet HTML 1Page - API Technologies Corp 62-PMF-200-5-13 Datasheet HTML 2Page - API Technologies Corp 62-PMF-200-5-13 Datasheet HTML 3Page - API Technologies Corp 62-PMF-200-5-13 Datasheet HTML 4Page - API Technologies Corp 62-PMF-200-5-13 Datasheet HTML 5Page - API Technologies Corp 62-PMF-200-5-13 Datasheet HTML 6Page - API Technologies Corp 62-PMF-200-5-13 Datasheet HTML 7Page - API Technologies Corp 62-PMF-200-5-13 Datasheet HTML 8Page - API Technologies Corp 62-PMF-200-5-13 Datasheet HTML 9Page - API Technologies Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Power Line Filters
Appliance Filters
Features
I
Low-cost plastic case
I
Compact design requires minimal real estate space
I
Suitable for products that must conform
to FCC regulations
I
Wide variety of circuit and filtering options
I
Good filtering characteristics for both normal mode
and common mode
I
Epoxy molded for reliability
I
Operating temperature: -25°C to +85°C
(including temperature rise, see graph on page PF53)
Applications
I
Personal computers and peripherals
I
Digital equipment
I
Industrial equipment
I
Vending machines
I
Home appliances
I
Office equipment
62-A*L
Series
62-A*C
Series
* R= w/ Bleeder Resistor
F = w/o Bleeder Resistor
L
L
CX
CX
CY1
CY1
CY2
CY2
R
R
Circuit Diagrams
Note: All types are designed to meet the requirement of UL 1283, CSA 22.2. VDE 0565-3
Test voltage: 1500VAC one minute, line to ground
Insulation resistance: 300 Mohm min. at 500VDC
Voltage drop: 1V max.
Dimensions in inches
(mm)
.629
(16.0)
Fast-on tab #110
.177 x .138
(4.5 x 3.5)
.263
(6.7)
.657
(16.7)
.371
(9.4)
1.527
(38.8)
.371
(9.4)
1.573
(40.0)
.994
(24.0)
1.220
(31.0)
.374
(9.5)
PF52
Model* RatedVoltage
Rated LeakageCurrent
Capacitance
Inductance Temperature
(@50/60Hz)
Current
(Max.)
CY
CX
(L1)
Rise(Max.)
Specifications
62-AFL-010-3-11
0.35mA
2200pF
3300pF
0.50mA
0.35mA
0.50mA
0.35mA
0.50mA
62-AFC-010-3-11
1.0A
0.1uF
1.6A
3.0A
40°C
11.0mH
6.0mH
2.4mH
1.0mH
0.53mH
4.5A
6.0A
250VAC
62-AFL-010-5-11
62-AFC-010-5-11
62-AFL-016-3-11
62-AFC-016-3-11
62-AFL-016-5-11
62-AFC-016-5-11
62-AFL-030-3-11
62-AFC-030-3-11
62-AFL-030-5-11
62-AFC-030-5-11
62-AFL-045-3-11
62-AFC-045-3-11
62-AFL-045-5-11
62-AFC-045-5-11
62-AFL-060-3-11
62-AFC-060-3-11
62-AFL-060-5-11
62-AFC-060-5-11
0.35mA
0.50mA
0.35mA
0.50mA
2200pF
3300pF
2200pF
3300pF
2200pF
3300pF
2200pF
3300pF
* Available with bleeder resistor
Replace F with R for part number
Tested and found to be
IAW VDE 0565 Part 3
62-AL/62-AC Series


Similar Part No. - 62-PMF-200-5-13

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
62-PMB-050-6-12 APITECH-62-PMB-050-6-12 Datasheet
1Mb / 11P
   Power Line Filters Three Phase
More results

Similar Description - 62-PMF-200-5-13

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELF11M010E PANASONIC-ELF11M010E Datasheet
40Kb / 1P
   Line Filters
logo
ice Components, Ins.
LFU16 ICE-LFU16_08 Datasheet
307Kb / 2P
   Line Filters
logo
Frontier Electronics.
3051 FRONTIER-3051_15 Datasheet
106Kb / 1P
   LINE FILTERS
logo
Panasonic Semiconductor
ELF-15N005A PANASONIC-ELF-15N005A Datasheet
71Kb / 2P
   Line Filters
logo
Frontier Electronics.
3051 FRONTIER-3051 Datasheet
110Kb / 1P
   Line Filters
3010131 FRONTIER-3010131 Datasheet
101Kb / 1P
   Line Filters
logo
Panasonic Semiconductor
ELF-18N016A PANASONIC-ELF-18N016A Datasheet
71Kb / 2P
   Line Filters
ELF-18D450H PANASONIC-ELF-18D450H Datasheet
117Kb / 4P
   Line Filters
logo
ice Components, Ins.
LF-20002-1040 ICE-LF-20002-1040 Datasheet
235Kb / 2P
   Line Filters
LFU9 ICE-LFU9 Datasheet
246Kb / 2P
   Line Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com