Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

282UAAF103A25A1 Datasheet(PDF) 4 Page - CTS Corporation

Part # 282UAAF103A25A1
Description  Industrial 16mm size Conductive Plastic Precision Rotary Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

282UAAF103A25A1 Datasheet(HTML) 4 Page - CTS Corporation

  282UAAF103A25A1 Datasheet HTML 1Page - CTS Corporation 282UAAF103A25A1 Datasheet HTML 2Page - CTS Corporation 282UAAF103A25A1 Datasheet HTML 3Page - CTS Corporation 282UAAF103A25A1 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Ordering Information
12/5/13
Standard Part - 282T33L502A25A2, 282T33L502A25C2, 282TCBS103A25B1
282T33L502A26A2, 282T33L502A26C2, 282TCBS103A26B1
Please consult factory for other mounting options or custom features not listed.
A - ± 10%
B - ± 20%
RESIST TOL
Examples:
RESISTANCE CODE
EXAMPLES
SHAFT LENGTH “L”
*R Round
F
K Knurled 24 Teeth
S SD Slot .039”W X .063” D
B
TERMINAL STYLE
T- Solder Lug(Faston)
S- Solder Lug Formed to
Rear
U- PC Terminals Formed to
Front
SHAFT TRIM OPTIONS
BUSHING MOUNT ”A”
CODE RESISTANCE
102
1K
103
10K
503
50K
104
100K
504
500K
Bushing Length
LINEARITY
282
mm
inch
A - 5.0 mm
2 - .250”
B - 7.5 mm
3 - .375”
C - 10.0 mm
4 - .500”
mm
inch
1 - .625”
2 - .750”
3 - .875”
4 - 1.000”
A - 10 mm
B - 15 mm
C - 20 mm
D - 25 mm
Note:
Incremental length : 5mm or .125”
Notes:
Incremental Length : 2.5mm or .125”
Bushing Dia. & Thread:
M9 X .75P (metric)
3/8” - 32 UNEF (imperial)
T
A
A
R
103
A
2
5
2 - ± 2%
- Flatted .375” X .156”
IP Rating
5 - IP54
6 - IP67
1
ROTATION ANGLE
Total
Effective
A -
250°
240°
B -
300°
280°
C -
360°
340
LOCATING LUG “G”
1 - Left, 10mm
2 - Left, 8mm
Shaft Diameter 6mm (.236”)
Shaft Diameter 6.35mm (.250”)
*O Round
L
D SD Slot .039” W X .063” D
- Flatted .440” X .217”
-
-
-
-
-
5 - 1.125”
E - 30 mm
4 -4
CTS Electrocomponents
© 2013 CTS Corporation. All rights reserved. Information subject to change.
www.ctscorp.com
TOTAL ROTATIONAL ANGLE: 250
Resistance Tapers
TOTAL ROTATIONAL ANGLE
TOTAL ROTATIONAL ANGLE
TOTAL ROTATIONAL ANGLE
TOTAL ROTATIONAL ANGLE: 360°
TOTAL ROTATIONAL ANGLE: 300°
3 - No Lug
Notes:
*Round shafts are not applicable for 360°
rotational angle option.


Similar Part No. - 282UAAF103A25A1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
282 LITTELFUSE-282 Datasheet
90Kb / 1P
   Fuseholders - For MicroTM Fuse Plug-In Fuses
logo
Oscilent Corporation
282-12.0M-SR-15ES OSCILENT-282-12.0M-SR-15ES Datasheet
156Kb / 3P
   SMD 2 Pad
282-12.0M-SR-15EU OSCILENT-282-12.0M-SR-15EU Datasheet
156Kb / 3P
   SMD 2 Pad
282-12.0M-SR-15EW OSCILENT-282-12.0M-SR-15EW Datasheet
156Kb / 3P
   SMD 2 Pad
282-12.0M-SR-15GS OSCILENT-282-12.0M-SR-15GS Datasheet
156Kb / 3P
   SMD 2 Pad
More results

Similar Description - 282UAAF103A25A1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
282T33L502A25A2 CTS-282T33L502A25A2 Datasheet
525Kb / 4P
   Industrial 16mm Size Conductive Plastic Precision Rotary Sensor
284TAAR103A24B1 CTS-284TAAR103A24B1 Datasheet
908Kb / 2P
   Industrial 16mm size slim Conductive Plastic Precision Rotary Sensor
logo
Vishay Siliconix
657 VISHAY-657_V01 Datasheet
226Kb / 3P
   Industrial Rotary Position Sensor Bushing Mount Type, Conductive Plastic
01-Jan-2022
MODEL657 VISHAY-MODEL657 Datasheet
199Kb / 3P
   Industrial Rotary Position Sensor Bushing Mount Type, Conductive Plastic
Revision: 18-Jun-07
logo
CTS Corporation
288TB24F402A1 CTS-288TB24F402A1 Datasheet
317Kb / 4P
   Commercial Miniature 16mm Size Rotary Encoder
logo
GREATECS
GPV16A GREATECS-GPV16A Datasheet
1Mb / 2P
   16mm Size Metal Shaft SP Rotary Potentiometers
GPV16B GREATECS-GPV16B Datasheet
1Mb / 2P
   16mm Size Metal Shaft DP Rotary Potentiometers
logo
Bi technologies
P160 BITECH-P160_08 Datasheet
94Kb / 4P
   16mm Rotary Potentiometer Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing Multi
logo
Tyco Electronics
DP16 MACOM-DP16 Datasheet
161Kb / 2P
   16mm Rotary Encoder
logo
Bi technologies
P160 BITECH-P160 Datasheet
284Kb / 4P
   16mm Rotary Potentiometer Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing Multi - Ganged available
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com