Electronic Components Datasheet Search |
|
62-LMF-100-5-11 Datasheet(PDF) 6 Page - API Technologies Corp |
|
62-LMF-100-5-11 Datasheet(HTML) 6 Page - API Technologies Corp |
6 / 31 page API TECHNOLOGIES • 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com API TECHNOLOGIES’ SPECTRUM CONTROL GmbH • Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58 Power Line Filters Single Stage Features I Low-cost plastic case I Compact design requires minimal real estate space I Suitable for products that must conform to FCC and FTZ regulations I Wide variety of circuit and filtering options I Good filtering characteristics for both normal mode and common mode I Epoxy molded for reliability I Operating temperature: -25°C to +85°C (including temperature rise, see graph on page PF55) Applications I Personal computers and peripherals I Digital equipment I Industrial equipment I Vending machines I Office equipment 62-PQF* Series 62-PPF* Series 62-PRF* Series * Bleeder Resistor is available only for 62-P(Q/R/P)F-XXX-X-12 R R R L1 L1 L1 L1 CX CX CX CY CY CY CY CY CY Circuit Diagrams Note: All types are designed to meet the requirement of UL 1283, CSA 22.2. VDE 0565-3 Test voltage: 1500VAC one minute, line to ground Insulation resistance: 300 Mohm min. at 500VDC Voltage drop: 1V max. (except 62-PRF-010-5-11) at rated current 62-PRF-010-5-11: 1.5V max. at rated current Weight: 62-PPF & PQF Series: 2.11 ounces (60 grams) 62-PRF Series: 1.76 ounces (50 grams) 62-PPF/PQF/PRF Series PF54 Model RatedVoltage Rated LeakageCurrent Capacitance Inductance Temperature (@50/60Hz) Current (Max.) CY CX (L1) Rise(Max.) Specifications 62-PQF-020-5-11 0.50mA 62-PQF-020-5-12 2A 0.1uF 3A 6A 30°C 15mH 8mH 2.1mH 1A 3A 250VAC 62-PPF-020-5-11 62-PPF-020-5-12 62-PQF-030-5-11 62-PQF-030-5-12 62-PPF-030-5-11 62-PPF-030-5-12 62-PQF-060-5-11 62-PQF-060-5-12 62-PPF-060-5-11 62-PPF-060-5-12 62-PRF-010-5-11 62-PRF-010-5-12 62-PRF-020-5-11 62-PRF-020-5-12 62-PRF-030-5-11 62-PRF-030-5-12 3300pF 2A .22uF 0.1uF .22uF 0.1uF .22uF 0.1uF .22uF 0.1uF .22uF 0.1uF .22uF 0.1uF .22uF 0.1uF .22uF 0.1uF .22uF 486uH 97uH 181uH Tested and found to be IAW VDE 0565 Part 3 |
Similar Part No. - 62-LMF-100-5-11 |
|
Similar Description - 62-LMF-100-5-11 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |