Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-2100R Datasheet(PDF) 2 Page - Seiko Instruments Inc

Part # S-2100R
Description  64-bit FUSE ROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-2100R Datasheet(HTML) 2 Page - Seiko Instruments Inc

  S-2100R Datasheet HTML 1Page - Seiko Instruments Inc S-2100R Datasheet HTML 2Page - Seiko Instruments Inc S-2100R Datasheet HTML 3Page - Seiko Instruments Inc S-2100R Datasheet HTML 4Page - Seiko Instruments Inc S-2100R Datasheet HTML 5Page - Seiko Instruments Inc S-2100R Datasheet HTML 6Page - Seiko Instruments Inc S-2100R Datasheet HTML 7Page - Seiko Instruments Inc S-2100R Datasheet HTML 8Page - Seiko Instruments Inc S-2100R Datasheet HTML 9Page - Seiko Instruments Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Seiko Instruments Inc.
1
64-bit FUSE ROM
S-2100R
The S-2100R is a CMOS 64-bit serial FUSE ROM.
It has a low standby
current (0.3
mA max., VDD=1.5 V) and has a wide operating voltage
range.
Data can be read serially by clock pulses from address 1 to
address 64.
All the addresses are initialized at “H” so writing into “L”
can be done only once.
n
n
n
n Block Diagram
CE/PE
8-pin SOP
Top view
8-pin DIP
Top view
Figure 1
n
n
n
n Features
·
Low standby current (0.3
mA max., VDD=1.5 V)
·
Wide operating voltage range
n
n
n
n Applications
·
Pager ID ROM
·
Cordless telephone
·
Security equipment
n
n
n
n Pin Assignment
COUNTER
OUT
8
7
6
5
4
3
2
5
6
7
8
4
1
2
3
1
VDD
RST
CLK
PD/VPP
DATA
VSS
DATA
CE/PE
COUNTER
OUT
VSS
VDD
RS
CL
PD/VPP
Figure 2
DE
VPP
VPI
A1
A0
A2
A3
A4
A5
DOUT
DIN
VP
RS
CL
COUT
PD/VPP
COUNTER
OUT
ˆVDD
„VSS
ƒ
READ /
WRITE
CONTROL
6-BIT
COUNTER
64-BIT
FUSE ROM
MEMORY
CELL
MATRIX
SENSE
AMP.
COLUMN
DECODER
DATA
CONTROL
VPP
CONTROL
CLK
RST
CE/PE
DATA
ROW
DECODER


Similar Part No. - S-2100R

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-2100R SII-S-2100R Datasheet
489Kb / 9P
   64-bit FUSE ROM
More results

Similar Description - S-2100R

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-2100R SII-S-2100R Datasheet
489Kb / 9P
   64-bit FUSE ROM
logo
Hanbit Electronics Co.,...
HMF25664F4V HANBIT-HMF25664F4V Datasheet
579Kb / 12P
   FLASH-ROM MODULE 2MByte (256K x 64-Bit) ,120PIN SMM,3.3V
HMF1M64F4VA HANBIT-HMF1M64F4VA Datasheet
557Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
HMF2M64F8VA HANBIT-HMF2M64F8VA Datasheet
567Kb / 13P
   FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
HMF1M64F4VS HANBIT-HMF1M64F4VS Datasheet
288Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
HMF2M64F8V HANBIT-HMF2M64F8V Datasheet
561Kb / 13P
   FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
HMF2M64F8VS HANBIT-HMF2M64F8VS Datasheet
297Kb / 13P
   FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
HMF1M64F4V HANBIT-HMF1M64F4V Datasheet
294Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
HMF25664F4VP HANBIT-HMF25664F4VP Datasheet
426Kb / 12P
   FLASH-ROM MODULE 2MByte (256K x 64-Bit) ,120PIN SMM,3.3V
HMF25664F4VSP HANBIT-HMF25664F4VSP Datasheet
430Kb / 10P
   FLASH-ROM MODULE 2MByte (256K x 64-Bit) ,120PIN SMM,3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com