Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8201BL Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # RTL8201BL
Description  REALTEK SINGLE CHIP SINGLE PORT 10/100M FAST ETHERNET PHYCEIVER RTL8201BL
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RTL8201BL Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button RTL8201BL Datasheet HTML 14Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 15Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 16Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 17Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 18Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 19Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 20Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 21Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
RTL8201BL
2002-03-29
Rev.1.2
18
This interface consists of 10Mbps transmit and receive clock generated by PHY, 10Mbps transmit and receive serial data,
transmit enable, collision detect, and carry sense signals.
7.7 Power Down, Link Down, Power Saving, and Isolation Modes
The RTL8201BL supplies 4 kinds of Power Saving mode operation. This section will discuss all four, including how to
implement each mode. The first three modes are configured through software, and the fourth through hardware.
1) Analog off: Setting bit 11 of register 17 to 1 will put the RTL8201BL into analog off state. In analog off state, the
RTL8201BL will power down all analog functions such as transmit, receive, PLL, etc. However, the internal 25MHz
crystal oscillator will not be powered down. The digital functions in this mode are still available which allows
reacquisition of analog functions.
2) LDPS mode: Setting bit 12 of register 17 to 1 or pulling the LDPS pin high will put the RTL8201BL into LDPS (Link
Down Power Saving) mode. In LDPS mode, the RTL8201BL will detect the link status to decide whether or not to turn
off the transmit function. If the link is off, FLP or 100Mbps IDLE/10Mbps NLP will not be transmitted. However, some
signals similar to NLP will be transmitted. Once the receiver detects any leveled signals, it will stop the signal and
transmit FLP or 100Mbps IDLE/10Mbps NLP again. This may save about 60%~80% power when the link is down.
3) PWD mode: Setting bit 11 of register 0 to 1 will put the RTL8201BL into power down mode. This is the maximum power
saving mode while the RTL8201BL is still alive. In PWD mode, the RTL8201BL will turn off all analog/digital functions
except the MDC/MDIO management interface. Therefore, if the RTL8201BL is put into PWD mode and the MAC wants
to recall the PHY, it must create the MDC/MDIO timing by itself (this is done by software).
4) Isolation mode: This mode is different from the three previous software configured power saving modes. This mode is
configured by hardware pin 43. Setting pin 43 high will isolate the RTL8201BL from the Media Access Controller (MAC)
and the MDC/MDIO management interface. In this mode, power consumption is minimum.
7.8 Media Interface
7.8.1 100Base TX
1) 100Base-TX Transmit Function: The 100Base-TX transmit function is performed as follows: First the transmit data in 4
bit nibbles (TXD[3:0]), clocked in 25MHz (TXC) will be transformed into 5B symbol code, called 4B/5B encoding.
Scrambling, serializing and conversion to 125Mhz, and NRZ to NRZI will then take place. After this process, the NRZI
signal will pass to the MLT3 encoder, then to the transmit line driver. The transmitter will first assert TXEN. Before
transmitting the data pattern, it will send a /J/K/ symbol (Start-of-frame delimiter), the data symbol, and finally a /T/R/
symbol known as the End-Of-Frame delimiter. The 4B/5B and the scramble process can be bypassed by setting the PHY
register. For better EMI performance consideration, the seed of the scrambler is related to the PHY address. Therefore in a
hub/switch environment, every RTL8201BL will be set into a different PHY address so that they will use different
scrambler seeds, which will spread the output of the MLT3 signals.
2) 100Base-TX Receive Function: The 100Base-TX receive function is performed as follows: The received signal will first
be compensated by the adaptive equalizer to make up for the signal loss due to cable attenuation and ISI. The Baseline
Wander Corrector will monitor the process and dynamically apply corrections to the process of signal equalization. The
PLL will then recover the timing information from the signals and form the receive clock. With this, the received signal
may be sampled to form NRZI data. The next steps are the NRZI to NRZ process, unscrambling of the data, serial to
parallel and 5B to 4B conversion and passing of the 4B nibble to the MII interface.
7.8.2 100Base-FX Fiber Mode Operation
RTL8201BL can be configured as 100Base-FX by hardware configuration. The priority of setting 100Base-FX is greater than
Nway. Scrambler is not needed in 100Base-FX.


Similar Part No. - RTL8201BL

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8201CL REALTEK-RTL8201CL Datasheet
597Kb / 39P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
Rev. 1.24 04 November 2005
RTL8201CL-LF REALTEK-RTL8201CL-LF Datasheet
597Kb / 39P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
Rev. 1.24 04 November 2005
RTL8201CL-VD REALTEK-RTL8201CL-VD Datasheet
597Kb / 39P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
Rev. 1.24 04 November 2005
RTL8201CL-VD-LF REALTEK-RTL8201CL-VD-LF Datasheet
597Kb / 39P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
Rev. 1.24 04 November 2005
logo
List of Unclassifed Man...
RTL8201CP ETC1-RTL8201CP Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
More results

Similar Description - RTL8201BL

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8201CL REALTEK-RTL8201CL Datasheet
597Kb / 39P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
Rev. 1.24 04 November 2005
RTL8201CP REALTEK-RTL8201CP Datasheet
438Kb / 37P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
RTL8201F-VB-CG REALTEK-RTL8201F-VB-CG Datasheet
908Kb / 66P
   SINGLE-CHIP/PORT 10/100M ETHERNET PHYCEIVER
logo
List of Unclassifed Man...
RTL8201CP ETC1-RTL8201CP Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
logo
Realtek Semiconductor C...
RTL8201DL-GR REALTEK-RTL8201DL-GR_07 Datasheet
616Kb / 41P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR REALTEK-RTL8201N-GR Datasheet
620Kb / 40P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR_07 REALTEK-RTL8201N-GR_07_09 Datasheet
699Kb / 46P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201DL-GR REALTEK-RTL8201DL-GR Datasheet
580Kb / 42P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR REALTEK-RTL8201N-GR_07 Datasheet
616Kb / 39P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
logo
List of Unclassifed Man...
RTL8208 ETC-RTL8208 Datasheet
546Kb / 40P
   REALTEK SINGLE CHIP OCTAL 10/100 MBPS FAST ETHERNET TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com