Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJU6053WDPP-T2 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RJU6053WDPP-T2
Description  Ultra Fast Recovery Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJU6053WDPP-T2 Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJU6053WDPP-T2 Datasheet HTML 1Page - Renesas Technology Corp RJU6053WDPP-T2 Datasheet HTML 2Page - Renesas Technology Corp RJU6053WDPP-T2 Datasheet HTML 3Page - Renesas Technology Corp RJU6053WDPP-T2 Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RJU6053WDPP-M0
Preliminary
R07DS1273EJ0100 Rev.1.00
Page 2 of 3
Jun 16, 2015
Main Characteristics
0
40
80
20
60
100
40
80
120
160
200
0
1
10
100
1000
di/dt (A/
μs)
Reverse Recovery Time vs. di/dt (Typical)
Reverse Voltage VR (V)
Forward Voltage VF (V)
Forward Current vs. Forward Voltage (Typical)
0
0.5
1.0
1.5
2.0
2.5
3.0
Ta = 150
°C
25
°C
Capacitance vs. Reverse Voltage (Typical)
1
10
100
0.1
1
10
100
10
1
0.01
0.1
10 m 100 m
10
1
100
Pulse Width PW (s)
Thermal Impedance vs. Pulse Width
100
μ 1 m
Tc = 25
°C
Single pulse
f = 1 MHz
Ta = 25
°C
Per leg
IF = 20 A
Ta = 25
°C
Per leg
Pulse test
Per leg


Similar Part No. - RJU6053WDPP-T2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJU6053SDPD-E0 RENESAS-RJU6053SDPD-E0 Datasheet
61Kb / 4P
   Ultra Fast Recovery Diode
RJU6053SDPE RENESAS-RJU6053SDPE Datasheet
81Kb / 4P
   Single Diode Ultra Fast Recovery Diode
RJU6053SDPE-E0 RENESAS-RJU6053SDPE-E0 Datasheet
61Kb / 4P
   Ultra Fast Recovery Diode
RJU6053SDPE-J2 RENESAS-RJU6053SDPE-J2 Datasheet
61Kb / 4P
   Ultra Fast Recovery Diode
RJU6053SDPE RENESAS-RJU6053SDPE_15 Datasheet
81Kb / 4P
   Single Diode Ultra Fast Recovery Diode
More results

Similar Description - RJU6053WDPP-T2

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HDA40U20GW SEMIHOW-HDA40U20GW Datasheet
365Kb / 3P
   Ultra Fast Recovery Diode
logo
Nihon Inter Electronics...
31DQ06 NIEC-31DQ06 Datasheet
24Kb / 2P
   Ultra - Fast Recovery Diode
logo
Sanken electric
DEXS-1106S SANKEN-DEXS-1106S Datasheet
358Kb / 7P
   Ultra Fast Recovery Diode
logo
Renesas Technology Corp
RJU3052TDPP-EJ RENESAS-RJU3052TDPP-EJ Datasheet
103Kb / 4P
   Ultra Fast Recovery Diode
RJU3051TDPP-EJ RENESAS-RJU3051TDPP-EJ Datasheet
102Kb / 4P
   Ultra Fast Recovery Diode
RJU4352SDPD-E0 RENESAS-RJU4352SDPD-E0 Datasheet
61Kb / 4P
   Ultra Fast Recovery Diode
logo
AUK corp
SF10A600H AUK-SF10A600H Datasheet
200Kb / 4P
   Ultra Fast Recovery Diode
SF10A400H AUK-SF10A400H Datasheet
216Kb / 4P
   Ultra Fast Recovery Diode
logo
Rohm
RFN2VWM2S ROHM-RFN2VWM2S Datasheet
1Mb / 8P
   Ultra Fast Recovery Diode
2022/01/24_Rev.001
logo
Nihon Inter Electronics...
31DF4 NIEC-31DF4 Datasheet
53Kb / 5P
   Ultra - Fast Recovery Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com