Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM822TAE Datasheet(PDF) 1 Page - Union Semiconductor, Inc.

Part # UM822TAE
Description  Reset Circuits with Long Manual Reset Setup Period
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM822TAE Datasheet(HTML) 1 Page - Union Semiconductor, Inc.

  UM822TAE Datasheet HTML 1Page - Union Semiconductor, Inc. UM822TAE Datasheet HTML 2Page - Union Semiconductor, Inc. UM822TAE Datasheet HTML 3Page - Union Semiconductor, Inc. UM822TAE Datasheet HTML 4Page - Union Semiconductor, Inc. UM822TAE Datasheet HTML 5Page - Union Semiconductor, Inc. UM822TAE Datasheet HTML 6Page - Union Semiconductor, Inc. UM822TAE Datasheet HTML 7Page - Union Semiconductor, Inc. UM822TAE Datasheet HTML 8Page - Union Semiconductor, Inc. UM822TAE Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.01 Jan.2015
1/17
UM807/821/822
μP Reset Circuits with Long Manual Reset Setup Period
UM807/821/822 SOT143
General Description
The UM807/821/822 are low-power microprocessor (μP) supervisory circuits used to monitor power
supplies in μP and digital systems. They provide excellent circuit reliability and low cost by
eliminating external components and adjustments when used with 5V-powered or 3V-powered
circuits. The UM807/821/822 also provide a debounced manual reset input with long setup period.
On all devices, the reset output asserts when the VCC supply voltage drops below its specified
threshold. The reset output remains asserted for the reset timeout period (240ms typ) after VCC rises
above the reset threshold. The reset output is one-shot pulse asserted for the reset timeout period
(140ms min) when manual reset input is held low for a fixed setup timeout period. These devices
ignore manual reset transitions of less than the fixed setup timeout period.
The UM807 has an active-low RESET
_____________
with open-drain output, the UM821 has an active-low
RESET
_____________
with push-pull output, and the UM822 has an active-high RESET with push-pull output.
These devices, offered in small SOT143 package, are fully guaranteed over the extended
temperature range (-40°C to +85°C).
Applications
Features
Set-Top Boxes
Consumer Electronics
DVD Players
Cable/DSL Modems
MP3 Players
Industrial Equipments
Automotive
Medical Devices
No External Components
VCC Transient Immunity
Correct Logic Output Guaranteed to VCC=1.0V
Precision VCC Monitoring of 3.0V, 3.3V and 5.0V
Supplies
2μA Supply Current
140ms Minimum Power-On Reset Pulse Width
Available in 3 Manual Reset Setup Periods (tMR):
A: 10.08s
B: 6.72s
C: 1.68s
Available in 3 Output Configurations:
Open-Drain Active-Low RESET
__________
Output(UM807);
Push-Pull Active-Low RESET
__________
Output(UM821)
Push-Pull Active-High RESET Output(UM822)
4-Pin SOT143 Package
Wide Operation Temperature: -40°C to +85°C


Similar Part No. - UM822TAE

ManufacturerPart #DatasheetDescription
logo
ShenZhen XinDeYi Electr...
UM8220N8 XINDEYI-UM8220N8 Datasheet
947Kb / 7P
   Dual N-Channel E nhancement Mode F ield E ffect Transistor
More results

Similar Description - UM822TAE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6443 MAXIM-MAX6443_10 Datasheet
164Kb / 13P
   uP Reset Circuits with Long Manual Reset Setup Period
Rev 3; 6/10
MAX6443 MAXIM-MAX6443 Datasheet
261Kb / 13P
   關P Reset Circuits with Long Manual Reset Setup Period
Rev 1; 1/03
logo
Silicon Standard Corp.
SS811 SSC-SS811 Datasheet
320Kb / 8P
   Reset Circuits with Manual Reset Input
logo
Analog Intergrations Co...
AIC811 AIC-AIC811 Datasheet
421Kb / 8P
   Reset Circuits with Manual Reset Input
logo
Sangdest Microelectroni...
SSR811 SMC-SSR811 Datasheet
277Kb / 10P
   Reset Circuits with Manual Reset Input
logo
EM Microelectronic - MA...
EM6325 EMMICRO-EM6325 Datasheet
230Kb / 8P
   Reset Circuit with Manual Reset
logo
Maxim Integrated Produc...
MAX6711L MAXIM-MAX6711L_05 Datasheet
279Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 1; 12/05
MAX6711L MAXIM-MAX6711L Datasheet
145Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
MAX6711T MAXIM-MAX6711T Datasheet
153Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
MAX6803 MAXIM-MAX6803_05 Datasheet
554Kb / 8P
   4-Pin, Low-Power uP Reset Circuits with Manual Reset
19-1946; Rev 2; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com