Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM822LAE Datasheet(PDF) 6 Page - Union Semiconductor, Inc.

Part # UM822LAE
Description  Reset Circuits with Long Manual Reset Setup Period
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM822LAE Datasheet(HTML) 6 Page - Union Semiconductor, Inc.

Back Button UM822LAE Datasheet HTML 2Page - Union Semiconductor, Inc. UM822LAE Datasheet HTML 3Page - Union Semiconductor, Inc. UM822LAE Datasheet HTML 4Page - Union Semiconductor, Inc. UM822LAE Datasheet HTML 5Page - Union Semiconductor, Inc. UM822LAE Datasheet HTML 6Page - Union Semiconductor, Inc. UM822LAE Datasheet HTML 7Page - Union Semiconductor, Inc. UM822LAE Datasheet HTML 8Page - Union Semiconductor, Inc. UM822LAE Datasheet HTML 9Page - Union Semiconductor, Inc. UM822LAE Datasheet HTML 10Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.01 Jan.2015
6/17
UM807/821/822
Electrical Characteristics (Continued)
(VCC = 5V for L/M/J versions, VCC = 3.3V for T/S versions, VCC = 3V for R version, and VCC =
2.5V for Z version, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
(Note 2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOH
RESET Output
Voltage
ISOURCE=150μA, 1.8V<VCC<VTH(MIN)
UM822L_E/M_E/J_E/T_E/S_E/R_E/Z_E
0.8×VCC
V
VOL
ISINK=1.2mA
UM822T_E/S_E/R_E/Z_E
0.3
ISINK=3.2mA
UM822L_E/M_E/J_E
0.4
VOH
RESET
____________
Output
Voltage
ISOURCE=500μA, VCC>VTH(MAX)
UM821T_E/S_E/R_E/Z_E
0.8×VCC
V
ISOURCE=800μA, VCC>VTH(MAX)
UM821L_E/M_E/J_E
VCC-1.5
VOL
ISINK=1.2mA, VCC=VTH(MIN)
UM807/821T_E/S_E/R_E/Z_E
0.3
ISINK=3.2mA, VCC=VTH(MIN)
UM807/821L_E/M_E/J_E
0.4
ISINK=50μA, VCC>1.0V
0.3
Note 2: Production testing done at TA = +25°C; limits over temperature guaranteed by design only.
Note 3: RESET
_____________
output for UM807/821; RESET output for UM822.
Note 4: “Glitches” of 100ns or less typically will not generate a reset pulse.


Similar Part No. - UM822LAE

ManufacturerPart #DatasheetDescription
logo
ShenZhen XinDeYi Electr...
UM8220N8 XINDEYI-UM8220N8 Datasheet
947Kb / 7P
   Dual N-Channel E nhancement Mode F ield E ffect Transistor
More results

Similar Description - UM822LAE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6443 MAXIM-MAX6443_10 Datasheet
164Kb / 13P
   uP Reset Circuits with Long Manual Reset Setup Period
Rev 3; 6/10
MAX6443 MAXIM-MAX6443 Datasheet
261Kb / 13P
   關P Reset Circuits with Long Manual Reset Setup Period
Rev 1; 1/03
logo
Silicon Standard Corp.
SS811 SSC-SS811 Datasheet
320Kb / 8P
   Reset Circuits with Manual Reset Input
logo
Analog Intergrations Co...
AIC811 AIC-AIC811 Datasheet
421Kb / 8P
   Reset Circuits with Manual Reset Input
logo
Sangdest Microelectroni...
SSR811 SMC-SSR811 Datasheet
277Kb / 10P
   Reset Circuits with Manual Reset Input
logo
EM Microelectronic - MA...
EM6325 EMMICRO-EM6325 Datasheet
230Kb / 8P
   Reset Circuit with Manual Reset
logo
Maxim Integrated Produc...
MAX6711L MAXIM-MAX6711L_05 Datasheet
279Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 1; 12/05
MAX6711L MAXIM-MAX6711L Datasheet
145Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
MAX6711T MAXIM-MAX6711T Datasheet
153Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
MAX6803 MAXIM-MAX6803_05 Datasheet
554Kb / 8P
   4-Pin, Low-Power uP Reset Circuits with Manual Reset
19-1946; Rev 2; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com