Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7447714470 Datasheet(PDF) 4 Page - Union Semiconductor, Inc.

Part # 7447714470
Description  Hysteretic Buck High Brightness LED Driver with Internal Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

7447714470 Datasheet(HTML) 4 Page - Union Semiconductor, Inc.

  7447714470 Datasheet HTML 1Page - Union Semiconductor, Inc. 7447714470 Datasheet HTML 2Page - Union Semiconductor, Inc. 7447714470 Datasheet HTML 3Page - Union Semiconductor, Inc. 7447714470 Datasheet HTML 4Page - Union Semiconductor, Inc. 7447714470 Datasheet HTML 5Page - Union Semiconductor, Inc. 7447714470 Datasheet HTML 6Page - Union Semiconductor, Inc. 7447714470 Datasheet HTML 7Page - Union Semiconductor, Inc. 7447714470 Datasheet HTML 8Page - Union Semiconductor, Inc. 7447714470 Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.05 Apr.2016
4/13
UM1360
Electrical Characteristics
(VIN=16V, TA=25°C, unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN
Input Voltage Range
6
40
V
ILED
Output Current
RS=0.33Ω
303
mA
RS=0.1Ω
1000
IQ
Quiescent Current
without Switching
VSET Pin Floating,
VIN=16V
430
μA
ISD
Shutdown Current
VSET=GND, VIN=16V
35
70
μA
VSENSE
Mean Current Sense
Threshold Voltage
Measured on ISENSE Pin
with Respect to VIN
95
100
105
mV
VSENSE_HYS
Sense Threshold
Hysteresis
±15
%
ISENSE
ISENSE Pin Input
Current
VSENSE=VIN-0.1
20
μA
VEN
VSET Range on VSET
Pin
For DC Dimming
0.3
2.5
V
VENON
DC Voltage on VSET
Pin to Enable
VEN Rising
0.25
V
VENOFF
DC Voltage on VSET
Pin to Disable
VEN Falling
0.2
V
RLX
LX Switch on
Resistance
ILX=1000mA
0.5
Ω
ILX(leak)
LX Switch Leakage
Current
5
μA
FLX
Operating Frequency
VIN=16V, L1=47μH,
VOUT=9.6V (3 LEDs),
RS=0.1Ω
230
kHz
FLXmax
Recommended
Maximum Switch
Frequency
1.0
MHz
Ton_rec
(Note 2)
Recommended
Minimum
Switch ON Time
For 4% Accuracy
500
ns
Max Duty Cycle
100
%
DLX
Recommended Duty
Cycle Range
25
75
%
TPD
(Note 2)
Internal Comparator
Propagation Delay
500
ns
TOTP
Over Temperature
Protection
150
°C
TOTP_HYS
Temperature Protection
Hysteresis
40
°C
ILXmax
Peak Switch Current
1.5
A
ILXmean
Continuous Switch
Current
1.0
A
Note 2: Parameters are not tested at production, but guaranteed by design.


Similar Part No. - 7447714470

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7447714470 WURTH-7447714470 Datasheet
249Kb / 3P
   POWER INDUCTOR WE-PD 1050
7447714470 WURTH-7447714470 Datasheet
1Mb / 6P
   WE-PD SMD Shielded Power Inductor
7447714470 WURTH-7447714470_15 Datasheet
1Mb / 6P
   WE-PD SMD Shielded Power Inductor
More results

Similar Description - 7447714470

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM1361S UNIONSEMI-UM1361S Datasheet
480Kb / 13P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1360 UNIONSEMI-UM1360 Datasheet
855Kb / 14P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1351 UNIONSEMI-UM1351_16 Datasheet
467Kb / 14P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1361S UNIONSEMI-UM1361S_16 Datasheet
488Kb / 13P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1351 UNIONSEMI-UM1351 Datasheet
849Kb / 14P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
logo
E-CMOS Corporation
EC4304 E-CMOS-EC4304 Datasheet
600Kb / 13P
   1A, Hysteretic, High Brightness LED Driver with Internal Switch
EC4304C E-CMOS-EC4304C Datasheet
591Kb / 8P
   1.5A, Hysteretic, High Brightness LED Driver with Internal Switch
logo
SHANGHAI BELLING CO., L...
BL9580 BELLING-BL9580 Datasheet
350Kb / 17P
   High Brightness LED Driver with Internal Switch
BL9582 BELLING-BL9582 Datasheet
309Kb / 16P
   High Brightness LED Driver with Internal Switch
BL9581 BELLING-BL9581 Datasheet
325Kb / 16P
   High Brightness LED Driver with Internal Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com