Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM811ME Datasheet(PDF) 7 Page - Union Semiconductor, Inc.

Part # UM811ME
Description  Voltage Monitors with Manual Reset Input
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM811ME Datasheet(HTML) 7 Page - Union Semiconductor, Inc.

Back Button UM811ME Datasheet HTML 3Page - Union Semiconductor, Inc. UM811ME Datasheet HTML 4Page - Union Semiconductor, Inc. UM811ME Datasheet HTML 5Page - Union Semiconductor, Inc. UM811ME Datasheet HTML 6Page - Union Semiconductor, Inc. UM811ME Datasheet HTML 7Page - Union Semiconductor, Inc. UM811ME Datasheet HTML 8Page - Union Semiconductor, Inc. UM811ME Datasheet HTML 9Page - Union Semiconductor, Inc. UM811ME Datasheet HTML 10Page - Union Semiconductor, Inc. UM811ME Datasheet HTML 11Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.01 Jan.2015
7/14
UM805/811/812
Detailed Description
RESET Timing
The reset signal is asserted LOW for the UM811 and HIGH for the UM812 when the power supply
voltage falls below the threshold trip voltage and remains asserted for at least 140ms after the power
supply voltage has risen above the threshold.
VCC
RESET
VTH
VTH
tRP
RESET
5V
0V
5V
0V
5V
0V
Figure 1. RESET vs. VCC Timing Diagram
The reset signal is asserted LOW for the UM811 and HIGH for the UM812 when MR
_______
is low and
remains asserted for at least 140ms after MR
_______
is high.
MR
RESET
tRP
tMD
tMR
RESET
HIGH
LOW
VCC
0V
VCC
0V
Figure 2. RESET vs. MR
_______
Timing Diagram
Reset Output
A microprocessor’s (µP’s) reset input starts the µP in a known state. These μP supervisory circuits
assert reset to prevent code execution errors during power-up, power-down, or brownout conditions.
RESET
_____________
is guaranteed to be a logic low for VCC > 1V. Once VCC exceeds the reset threshold, an
internal timer keeps RESET
_____________
low for the reset timeout period; after this interval, RESET
_____________
goes


Similar Part No. - UM811ME

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UM81 NXP-UM81 Datasheet
102Kb / 4P
   TUNING INDICATOR
8.8.1956
logo
Union Semiconductor, In...
UM810AAP UNIONSEMI-UM810AAP Datasheet
322Kb / 15P
   3-Pin Microprocessor Reset Circuits
UM810AAP UNIONSEMI-UM810AAP Datasheet
408Kb / 14P
   3-Pin Microprocessor Reset Circuits
UM810AAS UNIONSEMI-UM810AAS Datasheet
322Kb / 15P
   3-Pin Microprocessor Reset Circuits
UM810AAS UNIONSEMI-UM810AAS Datasheet
408Kb / 14P
   3-Pin Microprocessor Reset Circuits
More results

Similar Description - UM811ME

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UIC812 UTC-UIC812 Datasheet
218Kb / 5P
   4-PIN VOLTAGE MONITORS WITH MANUAL RESET INPUT
logo
Global Mixed-mode Techn...
G632 GMT-G632 Datasheet
34Kb / 1P
   4-Pin P Voltage Monitors with Manual Reset Input
logo
Maxim Integrated Produc...
MAX812LEUS-T MAXIM-MAX812LEUS-T Datasheet
144Kb / 8P
   4-Pin μP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
logo
List of Unclassifed Man...
G692 ETC-G692 Datasheet
171Kb / 7P
   4-Pin UP Voltage Monitors with Manual Reset Input
logo
Fitipower Integrated Te...
FP6811 FITIPOWER-FP6811 Datasheet
581Kb / 12P
   Microprocessor Voltage Monitors with Manual Reset
logo
Maxim Integrated Produc...
MAX811REUS-T MAXIM-MAX811REUS-T Datasheet
144Kb / 8P
   4-Pin μP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
MAX812LEUS MAXIM-MAX812LEUS Datasheet
144Kb / 8P
   4-Pin uP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
logo
Tiger Electronic Co.,Lt...
MAX811 TGS-MAX811 Datasheet
1Mb / 8P
   4-Pin 關P Voltage Monitors with Manual Reset Input
logo
Maxim Integrated Produc...
MAX811 MAXIM-MAX811 Datasheet
185Kb / 8P
   4-Pin 關P Voltage Monitors with Manual Reset Input
Rev 4; 12/05
logo
Unisonic Technologies
83CXXX UTC-83CXXX_11 Datasheet
152Kb / 5P
   4-PIN 關P VOLTAGE MONITORS WITH MANUAL RESET INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com