Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1754DBQR Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM1754DBQR
Description  24-BIT, 192 kHz SAMPLING ENHANCED MULTI-LEVEL, DELTA-SIGMA, AUDIO DIGITAL-TO-ANALOG CONVERTER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM1754DBQR Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button PCM1754DBQR Datasheet HTML 6Page - Burr-Brown (TI) PCM1754DBQR Datasheet HTML 7Page - Burr-Brown (TI) PCM1754DBQR Datasheet HTML 8Page - Burr-Brown (TI) PCM1754DBQR Datasheet HTML 9Page - Burr-Brown (TI) PCM1754DBQR Datasheet HTML 10Page - Burr-Brown (TI) PCM1754DBQR Datasheet HTML 11Page - Burr-Brown (TI) PCM1754DBQR Datasheet HTML 12Page - Burr-Brown (TI) PCM1754DBQR Datasheet HTML 13Page - Burr-Brown (TI) PCM1754DBQR Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
PCM1753
PCM1754
PCM1755
SLES092A – OCTOBER 2003 – REVISED AUGUST 2004
www.ti.com
10
ANALOG DYNAMIC PERFORMANCE (SUPPLY VOLTAGE CHARACTERISTICS)
4.0
4.5
5.0
5.5
6.0
VCC – Supply Voltage – V
TOTAL HARMONIC DISTORTION + NOISE
vs
SUPPLY VOLTAGE
10
0.1
0.01
0.001
0.0001
1
Figure 11
44.1 kHz, 384 fS
–60 dB
0 dB
96 kHz, 384 fS
192 kHz, 128 fS
96 kHz, 384 fS
44.1 kHz, 384 fS
192 kHz, 128 fS
VCC – Supply Voltage – V
96
98
100
102
104
106
108
110
4.0
4.5
5.0
5.5
6.0
DYNAMIC RANGE
vs
SUPPLY VOLTAGE
44.1 kHz, 384 fS
192 kHz, 128 fS
96 kHz, 384 fS
Figure 12
VCC – Supply Voltage – V
96
98
100
102
104
106
108
110
4.0
4.5
5.0
5.5
6.0
SIGNAL-to-NOISE RATIO
vs
SUPPLY VOLTAGE
44.1 kHz, 384 fS
192 kHz, 128 fS
96 kHz, 384 fS
Figure 13
VCC – Supply Voltage – V
96
98
100
102
104
106
108
110
4.0
4.5
5.0
5.5
6.0
CHANNEL SEPARATION
vs
SUPPLY VOLTAGE
44.1 kHz, 384 fS
192 kHz, 128 fS
96 kHz, 384 fS
Figure 14
All specifications at TA = 25_C, VCC = 5 V, fS = 44.1 kHz, system clock = 384 fS, and 24-bit data, unless otherwise noted


Similar Part No. - PCM1754DBQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1754DBQR TI1-PCM1754DBQR Datasheet
1Mb / 38P
[Old version datasheet]   Multi-Level Delta-Sigma Audio Digital-to- Analog Converter
PCM1754DBQRG4 TI1-PCM1754DBQRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Multi-Level Delta-Sigma Audio Digital-to- Analog Converter
More results

Similar Description - PCM1754DBQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1754-Q1 TI1-PCM1754-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   24-BIT 192-kHz SAMPLING ENHANCED MULTI-LEVEL DELTA-SIGMA AUDIO DIGITAL-TO-ANALOG CONVERTER
PCM1742 TI-PCM1742_15 Datasheet
673Kb / 38P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma,Audio Digital-to-Analog Converter
PCM1742KE TI-PCM1742KE Datasheet
788Kb / 39P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1680 TI-PCM1680_15 Datasheet
730Kb / 39P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1680 TI-PCM1680 Datasheet
427Kb / 33P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1780 TI-PCM1780 Datasheet
439Kb / 31P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1681 TI-PCM1681 Datasheet
1Mb / 43P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
logo
Burr-Brown (TI)
PCM1737 BURR-BROWN-PCM1737 Datasheet
180Kb / 27P
   24-Bit, 192kHz Sampling Enhanced Multi-Level, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
PCM1739 BURR-BROWN-PCM1739 Datasheet
140Kb / 16P
   24-Bit, 192kHz Sampling, Enhanced Multi-Level, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1681PWPR TI1-PCM1681PWPR Datasheet
1Mb / 43P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com