Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1753DBQR Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM1753DBQR
Description  24-BIT, 192 kHz SAMPLING ENHANCED MULTI-LEVEL, DELTA-SIGMA, AUDIO DIGITAL-TO-ANALOG CONVERTER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM1753DBQR Datasheet(HTML) 5 Page - Burr-Brown (TI)

  PCM1753DBQR Datasheet HTML 1Page - Burr-Brown (TI) PCM1753DBQR Datasheet HTML 2Page - Burr-Brown (TI) PCM1753DBQR Datasheet HTML 3Page - Burr-Brown (TI) PCM1753DBQR Datasheet HTML 4Page - Burr-Brown (TI) PCM1753DBQR Datasheet HTML 5Page - Burr-Brown (TI) PCM1753DBQR Datasheet HTML 6Page - Burr-Brown (TI) PCM1753DBQR Datasheet HTML 7Page - Burr-Brown (TI) PCM1753DBQR Datasheet HTML 8Page - Burr-Brown (TI) PCM1753DBQR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
PCM1753
PCM1754
PCM1755
SLES092A – OCTOBER 2003 – REVISED AUGUST 2004
www.ti.com
5
PIN ASSIGNMENTS
SCK
ML
MC
MD
ZEROL/NA
ZEROR/ZEROA
VCOM
AGND
16
15
14
13
12
11
10
9
BCK
DATA
LRCK
DGND
NC
VCC
VOUTL
VOUTR
PCM1753/PCM1755
(TOP VIEW)
1
2
3
4
5
6
7
8
SCK
FMT
MUTE
DEMP
TEST
ZEROA
VCOM
AGND
16
15
14
13
12
11
10
9
BCK
DATA
LRCK
DGND
NC
VCC
VOUTL
VOUTR
PCM1754
(TOP VIEW)
1
2
3
4
5
6
7
8
FUNCTIONAL BLOCK DIAGRAM
Power Supply
Enhanced
Multilevel
Delta-Sigma
Modulator
VOUTL
4y/8y
Oversampling
Digital
Filter
and
Function
Control
Audio
Serial
Port
BCK
LRCK
DATA
Serial
Control
Port
Zero Detect
(TEST)
SCK
System
Clock
Manager
(MUTE) MC
(FMT) ML
Output Amp
and
Low-Pass Filter
(DEMP) MD
DAC
VCOM
System Clock
Output Amp
and
Low-Pass Filter
DAC
VOUTR
Open-Drain Output for the PCM1755
( ): PCM1754


Similar Part No. - PCM1753DBQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1753DBQR TI1-PCM1753DBQR Datasheet
1Mb / 38P
[Old version datasheet]   Multi-Level Delta-Sigma Audio Digital-to- Analog Converter
More results

Similar Description - PCM1753DBQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1754-Q1 TI1-PCM1754-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   24-BIT 192-kHz SAMPLING ENHANCED MULTI-LEVEL DELTA-SIGMA AUDIO DIGITAL-TO-ANALOG CONVERTER
PCM1742 TI-PCM1742_15 Datasheet
673Kb / 38P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma,Audio Digital-to-Analog Converter
PCM1742KE TI-PCM1742KE Datasheet
788Kb / 39P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1680 TI-PCM1680_15 Datasheet
730Kb / 39P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1680 TI-PCM1680 Datasheet
427Kb / 33P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1780 TI-PCM1780 Datasheet
439Kb / 31P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1681 TI-PCM1681 Datasheet
1Mb / 43P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
logo
Burr-Brown (TI)
PCM1737 BURR-BROWN-PCM1737 Datasheet
180Kb / 27P
   24-Bit, 192kHz Sampling Enhanced Multi-Level, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
PCM1739 BURR-BROWN-PCM1739 Datasheet
140Kb / 16P
   24-Bit, 192kHz Sampling, Enhanced Multi-Level, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1681PWPR TI1-PCM1681PWPR Datasheet
1Mb / 43P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com