Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

270V316B501A1A Datasheet(PDF) 3 Page - CTS Corporation

Part # 270V316B501A1A
Description  Industrial 16mm Diameter Carbon Composition Ratary Potentiometer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

270V316B501A1A Datasheet(HTML) 3 Page - CTS Corporation

  270V316B501A1A Datasheet HTML 1Page - CTS Corporation 270V316B501A1A Datasheet HTML 2Page - CTS Corporation 270V316B501A1A Datasheet HTML 3Page - CTS Corporation 270V316B501A1A Datasheet HTML 4Page - CTS Corporation 270V316B501A1A Datasheet HTML 5Page - CTS Corporation 270V316B501A1A Datasheet HTML 6Page - CTS Corporation 270V316B501A1A Datasheet HTML 7Page - CTS Corporation 270V316B501A1A Datasheet HTML 8Page - CTS Corporation 270V316B501A1A Datasheet HTML 9Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Electrical and Mechanical Specifications
ELECTRICAL
SERIES
TYPE
RATING
5A @ 20 VDC
3A @ 125 VAC
DIMENSION:
mm
inch
DIMENSION:
mm
inch
ELECTRICAL
SERIES
TYPE
RATING
Push On-Pull Off
DEMI
Momentary Contact
3A @ 20 VDC
Push On
Switch Actuating Torque - 2 to 10 in. oz.
(144 to 720gf-cm)
9.1
.358
0.4
.016
3.2
.126
15.9
.626
3.6
.142
4.37
4.37
.172
.172
Ø1.40 MIN. (2)HL'S
.055
15.3
.602
0.8
0.4
4.37
4.37
4.50
4.50
.031
.016
.172
.172
.177
.177
Ø1.40 MIN. (2)HOLES
.055
0.2
.008
0.4
.016
.205
5.2
.150
3.8
9.0
.354
T=
Ø2.41
.095 HOLES(2)
11.15
.439
057
Rotary
DEMI
3A @ 20 VDC
3 - 9
© 2015 CTS Corporation. All rights reserved. I nformation subject to change.
03/27/15
CTS Electrocomponents
www.ctscorp.com
Optional Power Switches (All SPST)
(UL Recognized)


Similar Part No. - 270V316B501A1A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
270V320A103A1A1 CTS-270V320A103A1A1 Datasheet
1Mb / 6P
   Commercial Miniature 5/8 (16mm) Diameter Composition Variable Resistors
270V320A103B1A1 CTS-270V320A103B1A1 Datasheet
1Mb / 6P
   Commercial Miniature 5/8 (16mm) Diameter Composition Variable Resistors
270V320A501A1A1 CTS-270V320A501A1A1 Datasheet
1Mb / 6P
   Commercial Miniature 5/8 (16mm) Diameter Composition Variable Resistors
270V320A501B1A1 CTS-270V320A501B1A1 Datasheet
1Mb / 6P
   Commercial Miniature 5/8 (16mm) Diameter Composition Variable Resistors
270V320R103A1A1 CTS-270V320R103A1A1 Datasheet
1Mb / 6P
   Commercial Miniature 5/8 (16mm) Diameter Composition Variable Resistors
More results

Similar Description - 270V316B501A1A

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
WS19 SHARMA-WS19 Datasheet
1,002Kb / 2P
   Carbon Composition Potentiometer
logo
CTS Corporation
296XB252B2N CTS-296XB252B2N Datasheet
395Kb / 2P
   Commercial 12mm Diameter Carbon Composition Rotary Potentiometer
290T220R103B11 CTS-290T220R103B11 Datasheet
285Kb / 2P
   Long Life 24mm Diameter Carbon Composition Rotary Potentiometer
logo
TOCOSAMERICA, INC.
RV16 TOCOS-RV16 Datasheet
669Kb / 6P
   16mm Diameter, Single-Turn, Carbon Industrial Panel Controls
logo
CTS Corporation
250U20F102B1NA CTS-250U20F102B1NA_16 Datasheet
249Kb / 3P
   Commercial 9mm Carbon Composition Rotary Potentiometer
logo
Sharma Electro Componen...
WS-2A SHARMA-WS-2A Datasheet
787Kb / 1P
   WS Series Hot-Molded Carbon Composition Potentiometer
logo
CTS Corporation
251B12F103B1NB CTS-251B12F103B1NB Datasheet
269Kb / 2P
   Long Life 9mm Carbon Composition Rotary Potentiometer
201XR CTS-201XR Datasheet
2Mb / 2P
   Commercial 15 mmDiameter Carbon Composition Trimmer Potentiometer
450T220R103B1 CTS-450T220R103B1_16 Datasheet
269Kb / 9P
   Industrial 24mm Diameter 1/2 Watt, Composition Rotary Potentiometer
280 CTS-280 Datasheet
690Kb / 4P
   Commercial Miniature 16mm Diameter Composition Variable Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com