Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1013ST100T3 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP1013ST100T3
Description  Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1013ST100T3 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP1013ST100T3 Datasheet HTML 2Page - ON Semiconductor NCP1013ST100T3 Datasheet HTML 3Page - ON Semiconductor NCP1013ST100T3 Datasheet HTML 4Page - ON Semiconductor NCP1013ST100T3 Datasheet HTML 5Page - ON Semiconductor NCP1013ST100T3 Datasheet HTML 6Page - ON Semiconductor NCP1013ST100T3 Datasheet HTML 7Page - ON Semiconductor NCP1013ST100T3 Datasheet HTML 8Page - ON Semiconductor NCP1013ST100T3 Datasheet HTML 9Page - ON Semiconductor NCP1013ST100T3 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
NCP1010, NCP1011, NCP1012, NCP1013, NCP1014
http://onsemi.com
6
ELECTRICAL CHARACTERISTICS (continued) (For typical values TJ = 25°C, for min/max values TJ = 0°C to +125°C,
Max TJ = 150°C, VCC= 8.0 V unless otherwise noted.)
Rating
Pin
Symbol
Min
Typ
Max
Unit
INTERNAL OSCILLATOR
Oscillation Frequency, 65 kHz Version, TJ = 25°C (Note 4)
fOSC
59
65
71
kHz
Oscillation Frequency, 100 kHz Version, TJ = 25°C (Note 4)
fOSC
90
100
110
kHz
Oscillation Frequency, 130 kHz Version, TJ = 25°C (Note 4)
fOSC
117
130
143
kHz
Frequency Dithering Compared to Switching Frequency
(with active DSS)
fdither
"3.3
%
Maximum Duty−cycle
Dmax
62
67
72
%
FEEDBACK SECTION
Internal Pull−up Resistor
4
Rup
18
k
W
Internal Soft−Start (Guaranteed by Design)
Tss
1.0
ms
SKIP−CYCLE GENERATION
Default Skip Mode Level on FB Pin
4
Vskip
0.5
V
TEMPERATURE MANAGEMENT
Temperature Shutdown
TSD
150
°C
Hysteresis in Shutdown
50
°C
4. See characterization curves for temperature evolution.


Similar Part No. - NCP1013ST100T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1013ST100T3 ONSEMI-NCP1013ST100T3 Datasheet
476Kb / 24P
   Self?뭆upplied Monolithic Switcher for Low Standby?뭁ower Offline SMPS
December, 2010 -- Rev. 22
NCP1013ST100T3G ONSEMI-NCP1013ST100T3G Datasheet
476Kb / 24P
   Self?뭆upplied Monolithic Switcher for Low Standby?뭁ower Offline SMPS
December, 2010 -- Rev. 22
NCP1013ST100T3G ONSEMI-NCP1013ST100T3G Datasheet
351Kb / 23P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
September, 2014 ??Rev. 23
NCP1013ST100T3G ONSEMI-NCP1013ST100T3G Datasheet
501Kb / 25P
   Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
August, 2021 - Rev. 25
More results

Similar Description - NCP1013ST100T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1010 ONSEMI-NCP1010_14 Datasheet
351Kb / 23P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
September, 2014 ??Rev. 23
NCP1015AP065G ONSEMI-NCP1015AP065G Datasheet
403Kb / 22P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
March, 2011 ??Rev. 3
NCP1010 ONSEMI-NCP1010 Datasheet
591Kb / 24P
   Self--Supplied Monolithic Switcher for Low Standby--Power Offline SMPS
December, 2010 -- Rev. 22
NCP1015 ONSEMI-NCP1015 Datasheet
336Kb / 22P
   Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
October, 2007 - Rev. 1
NCP1010 ONSEMI-NCP1010_V01 Datasheet
501Kb / 25P
   Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
August, 2021 - Rev. 25
NCP1015 ONSEMI-NCP1015_11 Datasheet
403Kb / 22P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
March, 2011 ??Rev. 3
NCP1010 ONSEMI-NCP1010 Datasheet
476Kb / 24P
   Self?뭆upplied Monolithic Switcher for Low Standby?뭁ower Offline SMPS
December, 2010 -- Rev. 22
NCP1028 ONSEMI-NCP1028_15 Datasheet
491Kb / 29P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 3
NCP1027 ONSEMI-NCP1027 Datasheet
600Kb / 30P
   High?뭋oltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
December, 2006 ??Rev. 3
NCP1027 ONSEMI-NCP1027_15 Datasheet
526Kb / 30P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com