Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1755DBQ Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM1755DBQ
Description  24-BIT, 192 kHz SAMPLING ENHANCED MULTI-LEVEL, DELTA-SIGMA, AUDIO DIGITAL-TO-ANALOG CONVERTER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM1755DBQ Datasheet(HTML) 4 Page - Burr-Brown (TI)

  PCM1755DBQ Datasheet HTML 1Page - Burr-Brown (TI) PCM1755DBQ Datasheet HTML 2Page - Burr-Brown (TI) PCM1755DBQ Datasheet HTML 3Page - Burr-Brown (TI) PCM1755DBQ Datasheet HTML 4Page - Burr-Brown (TI) PCM1755DBQ Datasheet HTML 5Page - Burr-Brown (TI) PCM1755DBQ Datasheet HTML 6Page - Burr-Brown (TI) PCM1755DBQ Datasheet HTML 7Page - Burr-Brown (TI) PCM1755DBQ Datasheet HTML 8Page - Burr-Brown (TI) PCM1755DBQ Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
PCM1753
PCM1754
PCM1755
SLES092A – OCTOBER 2003 – REVISED AUGUST 2004
www.ti.com
4
ELECTRICAL CHARACTERISTICS (CONTINUED)
All specifications at TA = 25°C, VCC = 5 V, fS = 44.1 kHz, system clock = 384 fS and 24-bit data, unless otherwise noted
PARAMETER
TEST CONDITIONS
PCM1753DBQ, PCM1754DBQ,
PCM1755DBQ
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FILTER CHARACTERISTICS (SLOW ROLLOFF, PCM1753/PCM1755)
Pass band
±0.5 dB
0.198 fs
Stop band
0.884 fs
Pass-band ripple
±0.5
dB
Stop-band attenuation
Stop band = 0.884 fS
–35
dB
Delay time
18/fs
s
De-emphasis error
±0.1
dB
ANALOG FILTER PERFORMANCE
Frequency response
At 20 kHz
–0.03
dB
Frequency response
At 44 kHz
–0.20
dB
POWER SUPPLY REQUIREMENTS (6)
V
CC
Voltage range
4.5
5
5.5
VDC
fS = 44.1 kHz
16
21
ICC
Supply current
fS = 96 kHz
25
mA
ICC
Supply current
fS = 192 kHz
30
mA
fS = 44.1 kHz
80
105
Power dissipation
fS = 96 kHz
125
mW
Power dissipation
fS = 192 kHz
150
mW
TEMPERATURE RANGE
Operation temperature
PCM1753
PCM1755
–25
85
°C
Operation temperature
PCM1754
–40
85
°C
θJA
Thermal resistance
16-pin SSOP
115
°C/W
(1) Pins 16, 1, 2, 3: SCK, BCK, DATA, LRCK.
(2) Pins 13–15: MD, MC, ML (PCM1753/PCM1755). Pins 12–15: TEST, DEMP, MUTE, FMT (PCM1754).
(3) Pins 11, 12: ZEROR, ZEROL (PCM1753). Pin 11: ZEROA (PCM1754).
(4) Pins 11, 12: ZEROR, ZEROL (PCM1753/PCM1755). Pin 11: ZEROA (PCM1754).
(5) Analog performance specifications are measured using the System Two
t Cascade audio measurement system by Audio Precisiont in the
averaging mode.
(6) Conditions in 192-kHz operation are system clock = 128 fS and oversampling rate = 64 fS of register 18.


Similar Part No. - PCM1755DBQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1755DBQ TI1-PCM1755DBQ Datasheet
1Mb / 38P
[Old version datasheet]   Multi-Level Delta-Sigma Audio Digital-to- Analog Converter
PCM1755DBQG4 TI1-PCM1755DBQG4 Datasheet
1Mb / 38P
[Old version datasheet]   Multi-Level Delta-Sigma Audio Digital-to- Analog Converter
PCM1755DBQR TI1-PCM1755DBQR Datasheet
1Mb / 38P
[Old version datasheet]   Multi-Level Delta-Sigma Audio Digital-to- Analog Converter
More results

Similar Description - PCM1755DBQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1754-Q1 TI1-PCM1754-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   24-BIT 192-kHz SAMPLING ENHANCED MULTI-LEVEL DELTA-SIGMA AUDIO DIGITAL-TO-ANALOG CONVERTER
PCM1742 TI-PCM1742_15 Datasheet
673Kb / 38P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma,Audio Digital-to-Analog Converter
PCM1742KE TI-PCM1742KE Datasheet
788Kb / 39P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1680 TI-PCM1680_15 Datasheet
730Kb / 39P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1680 TI-PCM1680 Datasheet
427Kb / 33P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1780 TI-PCM1780 Datasheet
439Kb / 31P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1681 TI-PCM1681 Datasheet
1Mb / 43P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
logo
Burr-Brown (TI)
PCM1737 BURR-BROWN-PCM1737 Datasheet
180Kb / 27P
   24-Bit, 192kHz Sampling Enhanced Multi-Level, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
PCM1739 BURR-BROWN-PCM1739 Datasheet
140Kb / 16P
   24-Bit, 192kHz Sampling, Enhanced Multi-Level, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1681PWPR TI1-PCM1681PWPR Datasheet
1Mb / 43P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com