Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM232EESE Datasheet(PDF) 11 Page - Union Semiconductor, Inc.

Part # UM232EESE
Description  High ESD-Protected, Fail-Safe, Single Supply RS-232 Transceivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM232EESE Datasheet(HTML) 11 Page - Union Semiconductor, Inc.

Back Button UM232EESE_15 Datasheet HTML 3Page - Union Semiconductor, Inc. UM232EESE_15 Datasheet HTML 4Page - Union Semiconductor, Inc. UM232EESE_15 Datasheet HTML 5Page - Union Semiconductor, Inc. UM232EESE_15 Datasheet HTML 6Page - Union Semiconductor, Inc. UM232EESE_15 Datasheet HTML 7Page - Union Semiconductor, Inc. UM232EESE_15 Datasheet HTML 8Page - Union Semiconductor, Inc. UM232EESE_15 Datasheet HTML 9Page - Union Semiconductor, Inc. UM232EESE_15 Datasheet HTML 10Page - Union Semiconductor, Inc. UM232EESE_15 Datasheet HTML 11Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.06 Jul.2015
11/11
UM232EExE
GREEN COMPLIANCE
Union Semiconductor is committed to environmental excellence in all aspects of its
operations including meeting or exceeding regulatory requirements with respect to the use
of hazardous substances. Numerous successful programs have been implemented to
reduce the use of hazardous substances and/or emissions.
All Union components are compliant with the RoHS directive, which helps to support
customers in their compliance with environmental directives. For more green compliance
information, please visit:
http://www.union-ic.com/index.aspx?cat_code=RoHSDeclaration
IMPORTANT NOTICE
The information in this document has been carefully reviewed and is believed to be
accurate. Nonetheless, this document is subject to change without notice. Union assumes
no responsibility for any inaccuracies that may be contained in this document, and makes
no commitment to update or to keep current the contained information, or to notify a
person or organization of any update. Union reserves the right to make changes, at any
time, in order to improve reliability, function or design and to attempt to supply the best
product possible.
Union Semiconductor, Inc
Add: Unit 606, No.570 Shengxia Road, Shanghai 201210
Tel: 021-51093966
Fax: 021-51026018
Website: www.union-ic.com


Similar Part No. - UM232EESE_15

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM232EESE UNIONSEMI-UM232EESE Datasheet
263Kb / 11P
   High ESD-Protected, Fail-Safe, Single Supply RS-232 Transceivers
More results

Similar Description - UM232EESE_15

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM232EESE UNIONSEMI-UM232EESE Datasheet
263Kb / 11P
   High ESD-Protected, Fail-Safe, Single Supply RS-232 Transceivers
UM202EESE UNIONSEMI-UM202EESE_14 Datasheet
316Kb / 11P
   High ESD-Protected, Fail-Safe, Single Supply RS-232 Transceivers
logo
List of Unclassifed Man...
STC232E ETC1-STC232E Datasheet
79Kb / 6P
   High ESD-Protected, Fail-Safe , Single Supply RS-232 Transceivers
logo
Union Semiconductor, In...
UM202EESE UNIONSEMI-UM202EESE Datasheet
263Kb / 11P
   High ESD-Protected, Fail-Safe, Single Supply RS-232 Transceivers
UM3221E UNIONSEMI-UM3221E Datasheet
236Kb / 15P
   Fail-Safe, Single Supply RS-232 Transceivers
UM3221E UNIONSEMI-UM3221E_16 Datasheet
365Kb / 16P
   Fail-Safe, Single Supply RS-232 Transceivers
UM3488 UNIONSEMI-UM3488 Datasheet
363Kb / 17P
   Low Power, ESD-Protected, Fail-Safe, RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX13442E MAXIM-MAX13442E Datasheet
250Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 1; 3/06
MAX13442E MAXIM-MAX13442E_11 Datasheet
298Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 3/11
logo
Shenzhen Huazhimei Semi...
HM3085 HMSEMI-HM3085 Datasheet
715Kb / 12P
   짹15kV ESD-Protected ,Fail-Safe Slew-Rate-Limited RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com