Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UESD6V8V4A Datasheet(PDF) 4 Page - Union Semiconductor, Inc.

Part # UESD6V8V4A
Description  Quad Channel Low Capacitance ESD Protection Array
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UESD6V8V4A Datasheet(HTML) 4 Page - Union Semiconductor, Inc.

  UESD6V8V4A Datasheet HTML 1Page - Union Semiconductor, Inc. UESD6V8V4A Datasheet HTML 2Page - Union Semiconductor, Inc. UESD6V8V4A Datasheet HTML 3Page - Union Semiconductor, Inc. UESD6V8V4A Datasheet HTML 4Page - Union Semiconductor, Inc. UESD6V8V4A Datasheet HTML 5Page - Union Semiconductor, Inc. UESD6V8V4A Datasheet HTML 6Page - Union Semiconductor, Inc. UESD6V8V4A Datasheet HTML 7Page - Union Semiconductor, Inc. UESD6V8V4A Datasheet HTML 8Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
___________________________________________________________________________
http://www.union-ic.com Rev.03 Sep.2015
4/8
UESD6V8V4X
Application Information
Device Connection Options for Protection of Four High-Speed Data Lines
This device is designed to protect data lines by clamping them to a fixed reference. When the voltage
on the protected line exceeds the reference voltage the steering diodes are forward biased, conducting
the transient current away from the sensitive circuitry. Data lines are connected at pins 1, 3, 4 and 6.
Pin 2 should be connected directly to a ground plane. The path length is kept as short as possible to
minimize parasitic inductance. The positive reference is connected at pin 5. The options for
connecting the positive reference are as follows:
1. To protect data lines and the power line, connect pin 5 directly to the positive supply rail (VCC). In
this configuration the data lines are referenced to the supply voltage. The internal TVS diode prevents
over-voltage on the supply rail.
2. In applications where the supply rail does not exit the system, the internal TVS may be used as the
reference. In this case, pin 5 is not connected. The steering diodes will begin to conduct when the
voltage on the protected line exceeds the working voltage of the TVS (plus one diode drop).
3. In applications where complete supply isolation is desired, the internal TVS is again used as the
reference and
VCC is connected to one of the I/O inputs. An example of this configuration is the protection of a
SIM port. The
Clock, Reset, I/O, and VCC lines are connected at pins 1, 3, 4, and 6. Pin 2 is connected to ground
and pin 5 is not connected.
Matte Tin Lead Finish
Matte tin has become the industry standard lead-free replacement for SnPb lead finishes. A matte tin
finish is composed of 100% tin solder with large grains. Since the solder volume on the leads is small
compared to the solder paste volume that is placed on the land pattern of the PCB, the reflow profile
will be determined by the requirements of the solder paste. Therefore, these devices are compatible
with both lead-free and SnPb assembly techniques. In addition, unlike other lead-free compositions,
matte tin does not have any added alloys that can cause degradation of the solder joint.


Similar Part No. - UESD6V8V4A

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UESD6V8V4A UNIONSEMI-UESD6V8V4A Datasheet
382Kb / 8P
   Quad Channel Low Capacitance ESD Protection Array
More results

Similar Description - UESD6V8V4A

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM5204EECD UNIONSEMI-UM5204EECD Datasheet
198Kb / 6P
   Quad Channel Low Capacitance ESD Protection Array
UM5204 UNIONSEMI-UM5204_16 Datasheet
314Kb / 11P
   Quad Channel Low Capacitance ESD Protection Array
UM5204EEXF UNIONSEMI-UM5204EEXF Datasheet
255Kb / 8P
   Quad Channel Low Capacitance ESD Protection Array
UM5304EEXF UNIONSEMI-UM5304EEXF Datasheet
217Kb / 8P
   Quad Channel Low Capacitance ESD Protection Array
UM5304 UNIONSEMI-UM5304 Datasheet
334Kb / 8P
   Quad Channel Low Capacitance ESD Protection Array
UM5204 UNIONSEMI-UM5204 Datasheet
393Kb / 8P
   Quad Channel Low Capacitance ESD Protection Array
UESD6V8V4A UNIONSEMI-UESD6V8V4A Datasheet
382Kb / 8P
   Quad Channel Low Capacitance ESD Protection Array
UM5204EECE UNIONSEMI-UM5204EECE Datasheet
186Kb / 6P
   Quad Channel Low Capacitance ESD Protection Array
logo
WILLAS ELECTRONIC CORP
MSEMFXXLC WILLAS-MSEMFXXLC Datasheet
301Kb / 4P
   Low Capacitance Quad Array for ESD Protection
logo
ON Semiconductor
NSQA6V8AW5T2 ONSEMI-NSQA6V8AW5T2_06 Datasheet
54Kb / 4P
   Low Capacitance Quad Array for ESD Protection
December, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com