Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1013AP065 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP1013AP065
Description  Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1013AP065 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP1013AP065 Datasheet HTML 3Page - ON Semiconductor NCP1013AP065 Datasheet HTML 4Page - ON Semiconductor NCP1013AP065 Datasheet HTML 5Page - ON Semiconductor NCP1013AP065 Datasheet HTML 6Page - ON Semiconductor NCP1013AP065 Datasheet HTML 7Page - ON Semiconductor NCP1013AP065 Datasheet HTML 8Page - ON Semiconductor NCP1013AP065 Datasheet HTML 9Page - ON Semiconductor NCP1013AP065 Datasheet HTML 10Page - ON Semiconductor NCP1013AP065 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
NCP1010, NCP1011, NCP1012, NCP1013, NCP1014
http://onsemi.com
7
TYPICAL CHARACTERISTICS
Figure 3. IC1 @ VCC = 8.0 V, FB = 1.5 V
vs. Temperature
−10.0
−9.0
−8.0
−7.0
−6.0
−5.0
−4.0
−3.0
−2.0
−25
0
25
50
75
100
125
TEMPERATURE (
°C)
Figure 4. ICC1 @ VCC = 8.0 V, FB = 1.5 V
vs. Temperature
0.50
0.60
0.70
0.80
0.90
1.00
1.10
1.20
1.30
1.40
1.50
−25
0
25
50
75
100
125
TEMPERATURE (
°C)
Figure 5. ICC2 @ VCC = 6.0 V, FB = Open
vs. Temperature
0.20
0.22
0.24
0.26
0.28
0.30
0.32
0.34
0.36
0.38
0.40
−25
0
25
50
75
100
125
TEMPERATURE (
°C)
Figure 6. VCC OFF, FB = 1.5 V vs.
Temperature
8.20
8.30
8.40
8.50
8.60
8.70
8.80
8.90
9.00
−25
0
25
50
75
100
125
TEMPERATURE (
°C)
Figure 7. VCC ON, FB = 3.5 V vs. Temperature
7.00
7.10
7.20
7.30
7.40
7.50
7.60
7.70
7.80
7.90
8.00
−25
0
25
50
75
100
125
TEMPERATURE (
°C)
Figure 8. Duty Cycle vs. Temperature
65
66
66
67
67
68
68
−25
0
25
50
75
100
125
TEMPERATURE (
°C)


Similar Part No. - NCP1013AP065

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1013AP065 ONSEMI-NCP1013AP065 Datasheet
476Kb / 24P
   Self?뭆upplied Monolithic Switcher for Low Standby?뭁ower Offline SMPS
December, 2010 -- Rev. 22
NCP1013AP065G ONSEMI-NCP1013AP065G Datasheet
476Kb / 24P
   Self?뭆upplied Monolithic Switcher for Low Standby?뭁ower Offline SMPS
December, 2010 -- Rev. 22
NCP1013AP065G ONSEMI-NCP1013AP065G Datasheet
351Kb / 23P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
September, 2014 ??Rev. 23
NCP1013AP065G ONSEMI-NCP1013AP065G Datasheet
501Kb / 25P
   Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
August, 2021 - Rev. 25
More results

Similar Description - NCP1013AP065

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1010 ONSEMI-NCP1010_14 Datasheet
351Kb / 23P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
September, 2014 ??Rev. 23
NCP1015AP065G ONSEMI-NCP1015AP065G Datasheet
403Kb / 22P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
March, 2011 ??Rev. 3
NCP1010 ONSEMI-NCP1010 Datasheet
591Kb / 24P
   Self--Supplied Monolithic Switcher for Low Standby--Power Offline SMPS
December, 2010 -- Rev. 22
NCP1015 ONSEMI-NCP1015 Datasheet
336Kb / 22P
   Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
October, 2007 - Rev. 1
NCP1010 ONSEMI-NCP1010_V01 Datasheet
501Kb / 25P
   Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
August, 2021 - Rev. 25
NCP1015 ONSEMI-NCP1015_11 Datasheet
403Kb / 22P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
March, 2011 ??Rev. 3
NCP1010 ONSEMI-NCP1010 Datasheet
476Kb / 24P
   Self?뭆upplied Monolithic Switcher for Low Standby?뭁ower Offline SMPS
December, 2010 -- Rev. 22
NCP1028 ONSEMI-NCP1028_15 Datasheet
491Kb / 29P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 3
NCP1027 ONSEMI-NCP1027 Datasheet
600Kb / 30P
   High?뭋oltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
December, 2006 ??Rev. 3
NCP1027 ONSEMI-NCP1027_15 Datasheet
526Kb / 30P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com