Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1753 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM1753
Description  24-BIT, 192 kHz SAMPLING ENHANCED MULTI-LEVEL, DELTA-SIGMA, AUDIO DIGITAL-TO-ANALOG CONVERTER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM1753 Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button PCM1753 Datasheet HTML 2Page - Burr-Brown (TI) PCM1753 Datasheet HTML 3Page - Burr-Brown (TI) PCM1753 Datasheet HTML 4Page - Burr-Brown (TI) PCM1753 Datasheet HTML 5Page - Burr-Brown (TI) PCM1753 Datasheet HTML 6Page - Burr-Brown (TI) PCM1753 Datasheet HTML 7Page - Burr-Brown (TI) PCM1753 Datasheet HTML 8Page - Burr-Brown (TI) PCM1753 Datasheet HTML 9Page - Burr-Brown (TI) PCM1753 Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
PCM1753
PCM1754
PCM1755
SLES092A – OCTOBER 2003 – REVISED AUGUST 2004
www.ti.com
6
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
PCM1753/PCM1755
AGND
9
Analog ground
BCK
1
I
Audio data bit clock input
DATA
2
I
Audio data digital input
DGND
4
Digital ground
LRCK
3
I
L-channel and R-channel audio data latch enable input
MC
14
I
Mode control clock input(1)
MD
13
I
Mode control data input (1)
ML
15
I
Mode control latch input (1)
NC
5
SCK
16
I
System clock input
VCC
6
Analog power supply, 5 V
VCOM
10
Common voltage decoupling
VOUTL
7
O
Analog output for L-channel
VOUTR
8
O
Analog output for R-channel
ZEROR/ZEROA
11
O
Zero flag output for R-channel/Zero flag output for L-/R-channels (2)
ZEROL/NA
12
O
Zero flag output for L-channel/Not assigned (2)
PCM1754
AGND
9
Analog ground
BCK
1
I
Audio-data bit-clock input
DATA
2
I
Audio-data digital input
DEMP
13
I
De-emphasis control (1)
DGND
4
Digital ground
FMT
15
I
Data format select (1)
LRCK
3
I
L-channel and R-channel audio data latch enable input
MUTE
14
I
Analog mixing control (1)
NC
5
SCK
16
I
System clock input
TEST
12
I
Test pin. Ground or open (1)
VCC
6
Analog power supply, 5 V
VCOM
10
Common voltage decoupling
VOUTL
7
O
Analog output for L-channel
VOUTR
8
O
Analog output for R-channel
ZEROA
11
O
Zero flag output for L/R channels
(1) Schmitt-trigger input with internal pulldown.
(2) Open-drain output (PCM1755).


Similar Part No. - PCM1753

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1753 TI1-PCM1753 Datasheet
1Mb / 38P
[Old version datasheet]   Multi-Level Delta-Sigma Audio Digital-to- Analog Converter
PCM1753-Q1 TI1-PCM1753-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Audio Digital-to-Analog Converter
PCM1753DBQ TI1-PCM1753DBQ Datasheet
1Mb / 38P
[Old version datasheet]   Multi-Level Delta-Sigma Audio Digital-to- Analog Converter
PCM1753DBQG4 TI1-PCM1753DBQG4 Datasheet
1Mb / 38P
[Old version datasheet]   Multi-Level Delta-Sigma Audio Digital-to- Analog Converter
PCM1753DBQR TI1-PCM1753DBQR Datasheet
1Mb / 38P
[Old version datasheet]   Multi-Level Delta-Sigma Audio Digital-to- Analog Converter
More results

Similar Description - PCM1753

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1754-Q1 TI1-PCM1754-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   24-BIT 192-kHz SAMPLING ENHANCED MULTI-LEVEL DELTA-SIGMA AUDIO DIGITAL-TO-ANALOG CONVERTER
PCM1742 TI-PCM1742_15 Datasheet
673Kb / 38P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma,Audio Digital-to-Analog Converter
PCM1742KE TI-PCM1742KE Datasheet
788Kb / 39P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1680 TI-PCM1680_15 Datasheet
730Kb / 39P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1680 TI-PCM1680 Datasheet
427Kb / 33P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1780 TI-PCM1780 Datasheet
439Kb / 31P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1681 TI-PCM1681 Datasheet
1Mb / 43P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
logo
Burr-Brown (TI)
PCM1737 BURR-BROWN-PCM1737 Datasheet
180Kb / 27P
   24-Bit, 192kHz Sampling Enhanced Multi-Level, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
PCM1739 BURR-BROWN-PCM1739 Datasheet
140Kb / 16P
   24-Bit, 192kHz Sampling, Enhanced Multi-Level, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1681PWPR TI1-PCM1681PWPR Datasheet
1Mb / 43P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com