Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

476TXK450MKAG Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 476TXK450MKAG
Description  High Voltage Low Impedance Long Life, 5000 hours
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

476TXK450MKAG Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  476TXK450MKAG Datasheet HTML 1Page - Illinois Capacitor, Inc. 476TXK450MKAG Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
High Temperature - High Voltage Long Life
APPLICATIONS
Switching Power Supplies Electronic Ballasts
Operating Temperature Range
-25°C to +105°C
Capacitance Tolerance
+20% at 120 Hz, 20°C
Surge voltage
WVDC
160
200
250
350
400
450
SVDC
200
250
300
400
450
500
Dissipation Factor
WVDC
160
200
250
350
400
450
tan δ
.15
.15
.15
.2
.2
.2
Leakage current
.02CV+25uA
2 Minutes
Low temperature stability
Impedance ratio
(120 Hz)
Rated WVDC
160
200
250
350
400
450
-25°C to +20°C
3
3
4
6
6
7
Load Life
5000 hours with rated voltage applied at 105°C
Capacitance change
<20% of initial measured value
Dissipation factor
<200% of maximum specified value
Leakage current
<100% of maximum specified value
Shelf Life
1000 hours at 105°C with no voltage applied
Capacitance change
<20% of initial measured value
Dissipation factor
<200% of maximum specified value
Leakage current
<100% of maximum specified value
Ripple Current Multipliers
Frequency (Hz)
WVDC
120
1k
10k
100k
<100
1
1.75
2.25
2.5
>100
1
1.67
2.05
2.25
Lead spacing VS. Case diameter
D
10
12.5
16
18
S
5.0
5.0
7.5
7.5
d
0.6
0.6
0.8
0.8
B
1.5
1.5
1.5
1.5
L1= L+1.5 (L<20)
mm
L1= L+ 2 (L>20)
D1= D+0.5


Similar Part No. - 476TXK450MKAG

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
476TXK450MKAG ILLINOISCAPACITOR-476TXK450MKAG Datasheet
221Kb / 2P
   High Temperature - High Voltage ??Long Life
476TXK450MKAG ILLINOISCAPACITOR-476TXK450MKAG Datasheet
104Kb / 1P
   Radial Lead High Frequency / Low Impedance
More results

Similar Description - 476TXK450MKAG

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
474KXM100M ILLINOISCAPACITOR-474KXM100M_16 Datasheet
246Kb / 3P
   High Voltage Low Impedance Long Life, 5000 hours
logo
United Chemi-Con, Inc.
EMZK160ADA CHEMI-CON-EMZK160ADA Datasheet
368Kb / 2P
   Low impedance, 5000-hours-life, 105?
EMZK6R3ADA CHEMI-CON-EMZK6R3ADA Datasheet
368Kb / 2P
   Low impedance, 5000-hours-life, 105?
EMZK350ADA CHEMI-CON-EMZK350ADA Datasheet
368Kb / 2P
   Low impedance, 5000-hours-life, 105?
EMZK100ADA CHEMI-CON-EMZK100ADA Datasheet
368Kb / 2P
   Low impedance, 5000-hours-life, 105?
EMZK250ADA CHEMI-CON-EMZK250ADA Datasheet
368Kb / 2P
   Low impedance, 5000-hours-life, 105?
logo
Illinois Capacitor, Inc...
105SVL050MCW ILLINOISCAPACITOR-105SVL050MCW_16 Datasheet
204Kb / 2P
   Long Life, up to 5000 hours
logo
RUBYCON CORPORATION
450CXW150MEFC18X40 RUBYCON-450CXW150MEFC18X40 Datasheet
201Kb / 2P
   105??Long Life(5000 hours),Ultra Miniaturized
logo
Illinois Capacitor, Inc...
AVD ILLINOISCAPACITOR-AVD Datasheet
209Kb / 2P
   Low Impedance, up to 5000 hours
logo
Cornell Dubilier Electr...
AVEK226M06B12T-F CDE-AVEK226M06B12T-F Datasheet
192Kb / 3P
   Very Long Life - 5000 Hours - SMT Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com