Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

270X224A501A1A Datasheet(PDF) 8 Page - CTS Corporation

Part No. 270X224A501A1A
Description  Industrial 16mm Diameter Carbon Composition Ratary Potentiometer
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CTS [CTS Corporation]
Homepage  http://www.ctscorp.com
Logo 

270X224A501A1A Datasheet(HTML) 8 Page - CTS Corporation

   
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8 - 9
© 2015 CTS Corporation. All rights reserved. I nformation subject to change.
03/27/15
CTS Electrocomponents
www.ctscorp.com
Y
Type
A
.125” (3.18 mm)
.156” (3.96 mm)
R
Type
Diameter
B
.125” (3.18 mm)
.156” (3.96 mm)
F
X
Y
.250” (6.35 mm)
.250” (6.35 mm)
Type
Diameter
C
.125” (3.18 mm)
.156” (3.96 mm)
S
X
.047” (1.19 mm)
Y
.039” (1.00 mm)
.039” (1.00 mm)
X
Y
Dia.
Diameter
G
.187” (4.75 mm)
.236” (6.00 mm)
X
.250” (6.35 mm)
P
Dia.
H
.187” (4.75 mm)
.236” (6.00 mm)
L
.472” (12.0mm)
.250” (6.35 mm)
D
.250” (6.35 mm)
.187” (4.75 mm)
V*
.375” (9.52 mm)
.313” (7.95 mm)
.236” (6.00 mm)
W**
.472” (12.0 mm)
Z
Y
X
Type
Diameter
.236” (6.00 mm)
N
X
.342” (8.70 mm)
Y
.039” (1.00 mm)
Z
18 Teeth
X
.109” (2.77 mm)
.109” (2.77 mm)
.156” (3.96 mm)
.156” (3.96 mm)
.156” (3.96 mm)
.177” (4.50 mm)
.177” (4.50 mm)
.187” (4.75 mm)
J
.039” (1.00 mm)
.236” (6.00 mm)
M
.039” (1.00 mm)
.250” (6.35 mm)
E
.039” (1.00 mm)
.236” (6.00 mm)
T
.279” (7.10 mm) .062” (1.57 mm)
24 Teeth
Shaft Diameter and Trim
.047” (1.19 mm)
.047” (1.19 mm)
.047” (1.19 mm)
.047” (1.19 mm)
KNURLED & SLOTTED
SLOTTED
FLATTED
ROUND
*Molded Shaft, FMS .875” (22.2 mm), not available with switch
**Molded Shaft, FMS .984” (25.0 mm), with rotary switch only
*Molded Shaft, FMS .500” (12.7 mm), not available with switch
(Metal Shaft)
Type
Diameter
.236” (6.00 mm)
K**
X
.200” (5.08 mm)
Y
.046” (1.17 mm)
Z
18 Teeth
.187” (4.75 mm)
U*
.062” (1.57 mm) .046” (1.17 mm)
18 Teeth
**Molded Shaft, FMS .500” (12.7 mm), with rotary switch only
Z
Y
X
KNURLED & SLOTTED
(Molded Shaft)


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn