Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

128UER010MGU Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 128UER010MGU
Description  5000 hour Low ESR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

128UER010MGU Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  128UER010MGU Datasheet HTML 1Page - Illinois Capacitor, Inc. 128UER010MGU Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UER
+105°C 5000 hour Low ESR
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
ESR (mΩ)
100 kHz,
+20°C
Leakage
Current
(μA)
Maximum
RMS
Ripple
Current
(mA)
100 kHz,
+105°C
Dims DxL
(mm)
100
6.3
107UER6R3MEW
1.66
30
280
2580
6.3x6
100
16
107UER016MED
1.66
24
320
2490
6.3x5
100
16
107UER016MEF
1.66
24
320
2820
6.3x8
100
16
107UER016MES
1.66
24
320
2490
6.3x7
220
16
227UER016MFH
0.75
15
704
4300
8x11.5
270
16
277UER016MFF
0.61
12
864
5000
8x8
270
16
277UER016MFH
0.61
10
864
5000
8x11.5
330
16
337UER016MFH
0.5
10
1056
5000
8x11.5
470
2.5
477UER2R5MEF
0.35
10
280
4500
6.3x8
470
6.3
477UER6R3MEF
0.35
10
592
4500
6.3x8
470
6.3
477UER6R3MFF
0.35
8
592
4000
8x8
470
16
477UER016MFH
0.35
11
1504
5400
8x11.5
470
16
477UER016MGU
0.35
11
1504
5600
10x12.5
560
4
567UER4R0MEF
0.3
7
448
4500
6.3x8
560
6.3
567UER6R3MEF
0.3
8
706
4700
6.3x8
560
6.3
567UER6R3MFF
0.3
8
706
4800
8x8
820
2.5
827UER2R5MEF
0.2
7
410
5600
6.3x8
820
2.5
827UER2R5MFF
0.2
7
410
5600
8x8
1000
16
108UER016MGU
0.17
11
3200
5600
10x12.5
1200
10
128UER010MGU
0.14
8
2400
5000
10x12.5


Similar Part No. - 128UER010MGU

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
128UER010MGU ILLINOISCAPACITOR-128UER010MGU Datasheet
256Kb / 2P
   High temperature ??Very Low ESR ??High ripple current ?뱒table with temperature ??High frequency
128UER010MGU ILLINOISCAPACITOR-128UER010MGU Datasheet
299Kb / 2P
   High Temperature . Very Low ESR . High Ripple Current . Stable with Temperature . High Frequency
128UER010MGU ILLINOISCAPACITOR-128UER010MGU Datasheet
126Kb / 1P
   Radial lead aluminum polymer capacitors
More results

Similar Description - 128UER010MGU

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
226ULR010MEF ILLINOISCAPACITOR-226ULR010MEF_16 Datasheet
264Kb / 3P
   2000 hour Low ESR
335TXK450M ILLINOISCAPACITOR-335TXK450M_13 Datasheet
205Kb / 2P
   5000 hour Radial Lead Aluminum Electrolytic Capacitors
476LMX450M2BC ILLINOISCAPACITOR-476LMX450M2BC Datasheet
239Kb / 4P
   105째C 5000 hour Snap-Mount Aluminum Electrolytic Capacitors
476LMX450M2BC ILLINOISCAPACITOR-476LMX450M2BC_13 Datasheet
452Kb / 4P
   105C 5000 hour Snap mount Aluminum Electrolytic Capacitors
logo
AVX Corporation
TPSX157M010R0100 AVX-TPSX157M010R0100 Datasheet
146Kb / 11P
   Low ESR
TPSB226K016R0400 AVX-TPSB226K016R0400 Datasheet
146Kb / 11P
   Low ESR
TPSV107M020R0085 AVX-TPSV107M020R0085 Datasheet
159Kb / 11P
   Low ESR
TPSC107K002R0100V AVX-TPSC107K002R0100V Datasheet
137Kb / 11P
   Low ESR
logo
Nichicon corporation
RR7 NICHICON-RR7 Datasheet
652Kb / 2P
   Low ESR
logo
AVX Corporation
TPSC336M016R0225 AVX-TPSC336M016R0225 Datasheet
199Kb / 16P
   Low ESR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com