Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COPCJ842 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COPCJ842
Description  8-Bit CMOS ROM Based Microcontrollers with 1k or 2k Memory, Comparator and Brown Out Detector
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COPCJ842 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button COPCJ842 Datasheet HTML 2Page - National Semiconductor (TI) COPCJ842 Datasheet HTML 3Page - National Semiconductor (TI) COPCJ842 Datasheet HTML 4Page - National Semiconductor (TI) COPCJ842 Datasheet HTML 5Page - National Semiconductor (TI) COPCJ842 Datasheet HTML 6Page - National Semiconductor (TI) COPCJ842 Datasheet HTML 7Page - National Semiconductor (TI) COPCJ842 Datasheet HTML 8Page - National Semiconductor (TI) COPCJ842 Datasheet HTML 9Page - National Semiconductor (TI) COPCJ842 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
AC Electrical Characteristics
−40˚C
≤ T
A ≤ +85˚C unless otherwise specified
Parameter
Conditions
Min
Typ
Max
Units
Instruction Cycle Time (tc)
Crystal/Resonator
4.5V
≤ V
CC ≤ 6.0V
1
DC
µs
2.5V
≤ V
CC ≤ 4.5V
2.5
DC
µs
R/C Oscillator
4.5V
≤ V
CC ≤ 6.0V
3
DC
µs
COP840CJ
2
DC
µs
2.5V
≤ V
CC ≤ 4.5V
7.5
DC
µs
COP840CJ
5
DC
µs
V
CC Rise Time when Using Brown
Out
V
CC = 0Vto6V
50
µs
Frequency at Brown Out Reset
4
MHz
CKI Frequency For Modular Output
4
MHz
CKI Clock Duty Cycle (Note 6)
fr = Max
40
60
%
Rise Time (Note 6)
fr = 10 MHz ext. Clock
12
ns
Fall Time (Note 6)
fr = 10 MHz ext. Clock
8
ns
Inputs
t
Setup
4.5V
≤ V
CC ≤ 6.0V
200
ns
2.5V
≤ V
CC ≤ 4.5V
500
ns
t
Hold
4.5V
≤ V
CC ≤ 6.0V
60
ns
2.5V
≤ V
CC ≤ 4.5V
150
ns
Output Propagation Delay
R
L = 2.2k, CL = 100 pF
t
PD1,tPD0
SO, SK
4.5V
≤ V
CC ≤ 6.0V
0.7
µs
2.5V
≤ V
CC ≤ 4.5V
1.75
µs
All Others
4.5V
≤ V
CC ≤ 6.0V
1
µs
2.5V
≤ V
CC ≤ 4.5V
5
µs
Input Pulse Width
Interrupt Input High Time
1
tc
Interrupt Input Low Time
1
tc
Timer Input High Time
1
tc
Timer Input Low Time
1
tc
MICROWIRE Setup Time (t
µWS)20
ns
MICROWIRE Hold Time (t
µWH)56
ns
MICROWIRE Output
220
ns
Propagation Delay (t
µPD)
Reset Pulse Width
1.0
µs
Note 6: Parameter characterized but not production tested.
DS011208-2
FIGURE 3. MICROWIRE/PLUS Timing
www.national.com
6


Similar Part No. - COPCJ842

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COPCJ820 NSC-COPCJ820 Datasheet
408Kb / 32P
   8-Bit Microcontroller with Multi-Input Wake Up and Brown Out Detector
More results

Similar Description - COPCJ842

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COPCH942C NSC-COPCH942C Datasheet
368Kb / 26P
   8-Bit CMOS ROM Based Microcontrollers with 1k or 2k
COP884BC NSC-COP884BC Datasheet
688Kb / 57P
   8-Bit CMOS ROM Based Microcontrollers with 2k Memory, Comparators, and CAN Interface
logo
Zilog, Inc.
Z86C04 ZILOG-Z86C04 Datasheet
207Kb / 34P
   CMOS 8-BIT LOW-COST 1K/2K-ROM MICROCONTROLLERS
Z86C05 ZILOG-Z86C05 Datasheet
877Kb / 29P
   CMOS Z8 8-Bit Low-Cost 1K/2K-ROM Microcontrollers
logo
National Semiconductor ...
COP8TAB5 NSC-COP8TAB5 Datasheet
706Kb / 54P
   8-Bit CMOS ROM Microcontroller with 2k or 4k Memory
COP888EK NSC-COP888EK Datasheet
553Kb / 46P
   8-Bit CMOS ROM Based Microcontrollers with 8k Memory, Comparator, and Single-slope A/D Capability
COP87LXXCJ NSC-COP87LXXCJ Datasheet
347Kb / 28P
   8-Bit CMOS OTP Microcontrollers with 4k or 32k Memory and Comparator
COP888CF NSC-COP888CF Datasheet
572Kb / 44P
   8-Bit CMOS ROM Based Microcontrollers with 4k Memory and A/D Converter
COP888GD NSC-COP888GD Datasheet
437Kb / 42P
   8-Bit CMOS ROM Based Microcontrollers with 16k
COP840CJ NSC-COP840CJ Datasheet
479Kb / 36P
   8-Bit Microcontrollers with Multi-Input Wake-Up and Brown Out Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com