Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

288VC20R321A1 Datasheet(PDF) 2 Page - CTS Corporation

Part # 288VC20R321A1
Description  Commercial Miniature 16mm Size Rotary Encoder
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

288VC20R321A1 Datasheet(HTML) 2 Page - CTS Corporation

  288VC20R321A1 Datasheet HTML 1Page - CTS Corporation 288VC20R321A1 Datasheet HTML 2Page - CTS Corporation 288VC20R321A1 Datasheet HTML 3Page - CTS Corporation 288VC20R321A1 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2 - 4
4/27/15
CTS Electrocomponents
www.ctscorp.com
© 2015 CTS Corporation. All rights reserved. Information subject to change.
Electrical and Mechanical Specifications (continued)
Switch Contact Resistance
Switch Rating
Switch Bounce
Switch Operating Force
350 ± 150 g (12.3 ± 5.3 oz.)
Switch Life
15,000 operations
Switch Travel
0.5mm (.020”)
Optional Momentary Switch:
4 BIT GRAY CODE
4 BIT HEXADECIMAL CODE
2 BIT BINARY CODE
0
0
1
1
1
1
1
0
1
1
0
0
0
1
0
1
46 47 48
15 16
14
12 13
0
0
1
1
0
1
0
1
1
1
1
0
0
0
1
1
1
1
0
B
0
A
0
0
DENOTES
COMMON
CONTACT
CLOSURE TO
11
10
9
7
6
8
4
3
2
1
NO.
5
POS.
288X Typical 2-bit Encoder parallel to P.C. Board
2-288X Typical 4-bit Encoder parallel to P.C. Board
Truth Table
A
E
.145
3.68
8.10±0.05
.319±.002
C
D
B
F
MTG. SURFACE
5.00±0.05
.197±.002
.055
.016
0.4
Ø1.40 (6)HL'S.
10.00±0.05
.394±.002
3/8-32UNEF-2A
8.5
.335
MAX.
MAX.
18.0
.709
7.9±0.13
.311±.005
"L"±
15.1±0.4
.441
.492
.594±.016
F
C
D
A
E
16.4
.646
B
12.5
11.2
"A"±
MTG. SURFACE
0.8
.031
mm
INCH
DIMENSION :
REF.
C
B
A
0.4
0.8
.492
12.50
.311±.005
7.9±0.13
MAX.
.055
.269
.197±.002
.394±.002
10.00±0.05
.646
.016
.402±.016
.441
.335
8.5
.709
.031
MTG. SURFACE
Ø1.40 (3)
5.00±0.05
6.83
MTG. SURFACE
10.2±0.4
"A"±
"L"±
3/8-32UNEF-2A
B
C
A
18.0
MAX.
16.4
11.20
mm
INCH
DIMENSION :
E
F
0
0
0
0
0
0
0
0
B
A
NO.
POS.
1
0
1
1
0
1
2
4
3
1
0
0
DENOTES CONTACT
CLOSURE TO COMMON
0
0
0
1
1
1
1
1
1
0
0
0
0
1
1
0
1
1
1
0
6
8
7
1
0
1
1
1
0
10
12
11
0
9
0
1
1
1
1
1
1
1
0
1
0
1
0
14
16
15
13
0
0
1
1
0
5
0
0
1
F
E
B
1
0
1
0
0
1
0
1
0
0
0
0
A
POS.
NO.
0
0
0
2
3
4
1
0
DENOTES CONTACT
CLOSURE TO COMMON
1
0
1
1
0
1
1
1
1
1
0
1
1
1
0
1
0
1
0
1
1
1
0
1
0
1
0
0
0
0
0
0
1
1
1
1
6
7
8
0
0
0
10
11
12
0
9
1
1
1
14
15
16
1
13
0
1
0
1
5


Similar Part No. - 288VC20R321A1

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
288 GILWAY-288 Datasheet
59Kb / 1P
   Subminiature Krypton Lams with Lens(Clear)-End
logo
CTS Corporation
288 CTS-288 Datasheet
523Kb / 4P
   16 mm Rotary Encoders
logo
WAGO Kontakttechnik Gmb...
288-304 WAGO-288-304 Datasheet
372Kb / 6P
   Relay module; Nominal input voltage: 24 VDC; 1 changeover contact
288-312 WAGO-288-312 Datasheet
261Kb / 6P
   Relay module; Nominal input voltage: 24 VDC
288-320 WAGO-288-320 Datasheet
289Kb / 6P
   Relay module; Nominal input voltage: 24 VDC; 1 make contact
More results

Similar Description - 288VC20R321A1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DP16 MACOM-DP16 Datasheet
161Kb / 2P
   16mm Rotary Encoder
logo
GREATECS
GPV16A GREATECS-GPV16A Datasheet
1Mb / 2P
   16mm Size Metal Shaft SP Rotary Potentiometers
GPV16B GREATECS-GPV16B Datasheet
1Mb / 2P
   16mm Size Metal Shaft DP Rotary Potentiometers
logo
CTS Corporation
280 CTS-280 Datasheet
690Kb / 4P
   Commercial Miniature 16mm Diameter Composition Variable Resistors
282T33L502A25A2 CTS-282T33L502A25A2 Datasheet
525Kb / 4P
   Industrial 16mm Size Conductive Plastic Precision Rotary Sensor
282TAAR103A25B1 CTS-282TAAR103A25B1 Datasheet
574Kb / 4P
   Industrial 16mm size Conductive Plastic Precision Rotary Sensor
logo
MultiDimension Technolo...
TMR3IH17 MULTIDIMENSION-TMR3IH17 Datasheet
721Kb / 4P
   Φ17 mm Compact Size Rotary Encoder
logo
CTS Corporation
284TAAR103A24B1 CTS-284TAAR103A24B1 Datasheet
908Kb / 2P
   Industrial 16mm size slim Conductive Plastic Precision Rotary Sensor
270 CTS-270 Datasheet
1Mb / 6P
   Commercial Miniature 5/8 (16mm) Diameter Composition Variable Resistors
logo
TT Electronics.
EN12 TTELEC-EN12 Datasheet
587Kb / 3P
   Rotary Encoder
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com