Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCM-H02002DSF Datasheet(PDF) 1 Page - LUMEX INC.

Part # LCM-H02002DSF
Description  5.55mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 20x2 CHARACTER LCD MODULE, STN, GREY, TRANSFLECTIVE, 1/16 DUTY, 1/5 BIAS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.

LCM-H02002DSF Datasheet(HTML) 1 Page - LUMEX INC.

  LCM-H02002DSF Datasheet HTML 1Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - LCM-H02002DSF

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
LCM-H02002DSF-Y LUMEX-LCM-H02002DSF-Y Datasheet
93Kb / 2P
   5.55mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 20x2 CHARACTER LCD MODULE, STN, GREY, TRANSFLECTIVE, 1/16 DUTY, 1/5 BIAS
LCM-H02002DSF-Y LUMEX-LCM-H02002DSF-Y_17 Datasheet
93Kb / 2P
   5.55mm Chracter Height DDT MATRIX
LCM-H02002DSF LUMEX-LCM-H02002DSF_17 Datasheet
71Kb / 1P
   5.56mm Chracter Height DDT MATRIX
More results

Similar Description - LCM-H02002DSF

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
LCM-H02002DTF LUMEX-LCM-H02002DTF Datasheet
159Kb / 2P
   5.55mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 20x2 CHARACTER LCD MODULE, STN, GREY, TRANSFLECTIVE, 1/16 DUTY, 1/5 BIAS
LCM-H02002DSF-Y LUMEX-LCM-H02002DSF-Y Datasheet
93Kb / 2P
   5.55mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 20x2 CHARACTER LCD MODULE, STN, GREY, TRANSFLECTIVE, 1/16 DUTY, 1/5 BIAS
LCM-S02002DSF LUMEX-LCM-S02002DSF Datasheet
169Kb / 2P
   5.55mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 20x2 LCD MODULE
LCR-U02002DSF-H LUMEX-LCR-U02002DSF-H Datasheet
223Kb / 2P
   5.55mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 20x2 CHARACTER LCD MODULE
LCM-S02002DSR LUMEX-LCM-S02002DSR Datasheet
159Kb / 2P
   5.55mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 20x2 LCD MODULE
LCM-S01602DSFC LUMEX-LCM-S01602DSFC Datasheet
175Kb / 2P
   16x2 LCD, 5x8 DOT MATRIX, STN, TRANSFLECTIVE BACKLIGHT, 1/16 DUTY, 1/5 BIAS.
LCM-S02004DSF LUMEX-LCM-S02004DSF Datasheet
156Kb / 2P
   4.75mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 20x4 LCD MODULE,1/16 DUTY, 1/5 BIAS
LCM-S00802DSF LUMEX-LCM-S00802DSF Datasheet
117Kb / 2P
   5.56mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 8x2, LCD MODULE 1/16 DUTY, 1/5 BIAS
LCM-S00801DSF-Y LUMEX-LCM-S00801DSF-Y Datasheet
102Kb / 2P
   7.93mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 8x1 LCD MODULE, 1/8 DUTY, 1/5 BIAS, STN YELLOW
LCM-S04002DSF-Y1P LUMEX-LCM-S04002DSF-Y1P Datasheet
104Kb / 2P
   5.55mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 40x2 CHARACTER LCD MODULE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com