Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6J3320 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # S6J3320
Description  32-bit Microcontroller Spansion짰 TraveoTM Family
Download  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6J3320 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button S6J3320 Datasheet HTML 7Page - Cypress Semiconductor S6J3320 Datasheet HTML 8Page - Cypress Semiconductor S6J3320 Datasheet HTML 9Page - Cypress Semiconductor S6J3320 Datasheet HTML 10Page - Cypress Semiconductor S6J3320 Datasheet HTML 11Page - Cypress Semiconductor S6J3320 Datasheet HTML 12Page - Cypress Semiconductor S6J3320 Datasheet HTML 13Page - Cypress Semiconductor S6J3320 Datasheet HTML 14Page - Cypress Semiconductor S6J3320 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 247 page
background image
Document Number: 002-10635 Rev.**
Page 11 of 247
S6J3310/20/30/40 Series
PRELIMINARY
Feature
Description
Standby mode
See the TraveoTM Platform hardware manual in detail.
Standby mode with 5V (or 3V) single external power supply is available.
Turning off the 1.2V external power supply in standby mode is available.
The long term pulse of the indicator PWM can be outputted during RTC Standby mode.
PLL / SSCG PLL
See the TraveoTM Platform hardware manual in detail.
Use case assumption is following.
PLL
Sound system clock
Sound frequency master clock
Peripherals
Display clock
Trace clock
SSCG
CPU core
GDC core
Hyper BUS
DDR-HSSPI
Down spread mode is only supported and available.
External Interrupts
See the TraveoTM Platform hardware manual in detail.
NMI
See the TraveoTM Platform hardware manual in detail.
1 NMI pin.
Memory Protection
MPU16 AHB: See the TraveoTM Platform hardware manual in detail.
MPU for AXI: ch.0
MPU for AHB: ch.1
Additional MPU for Graphic sub system, MediaLB and Ethernet AVB. They are described on the
chapter of MPU for AHB and MPU for AXI
To configure Lock or Unlock for both MPUXn_UNLOCK and MPUHn_UNLOCK,
− Lock: 0x112ABB56
− Unlock: 0xACCABB56
Peripheral Protection
See the TraveoTM Platform hardware manual in detail.
Protected peripherals are described in the base address map.
Internal Memories
System SRAM
384kByte
1 wait cycle is necessary for RAM read at over 120MHz.
Internal Memories
TCRAM
128kByte
Internal Memories
Backup RAM
32kByte
Backup RAM can only be operated in RUN mode (normal operation mode). In other mode the
memory content should be retained, but it cannot be operated. SLEEP control for Backup RAM is
not supported and cannot be used.


Similar Part No. - S6J3320

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6J3350 CYPRESS-S6J3350 Datasheet
2Mb / 249P
   32-bit Microcontroller Spansion짰 TraveoTM Family
More results

Similar Description - S6J3320

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6J3350 CYPRESS-S6J3350 Datasheet
2Mb / 249P
   32-bit Microcontroller Spansion짰 TraveoTM Family
MB9D560 CYPRESS-MB9D560 Datasheet
2Mb / 91P
   32-bit Microcontroller TraveoTM Family
S6E1A1 CYPRESS-S6E1A1 Datasheet
410Kb / 3P
   32-bit Microcontroller FM0 Family
S6J327C CYPRESS-S6J327C Datasheet
2Mb / 179P
   32-bit Microcontroller Traveo??Family
S6E2C4 CYPRESS-S6E2C4 Datasheet
447Kb / 3P
   32-bit Microcontroller FM4 Family
S6J32BA CYPRESS-S6J32BA Datasheet
2Mb / 179P
   32-bit Microcontroller Traveo??Family
S6J32DA CYPRESS-S6J32DA Datasheet
2Mb / 179P
   32-bit Microcontroller Traveo??Family
S6J328C CYPRESS-S6J328C Datasheet
2Mb / 179P
   32-bit Microcontroller Traveo??Family
S6J324C CYPRESS-S6J324C Datasheet
2Mb / 179P
   32-bit Microcontroller Traveo??Family
MB91590 CYPRESS-MB91590 Datasheet
1Mb / 175P
   FR Family FR81S 32-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com