Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6E2DF5J0AGV20000 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # S6E2DF5J0AGV20000
Description  S6E2DF Series 32-bit ARM짰 Cortex짰-M4F based Microcontroller
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6E2DF5J0AGV20000 Datasheet(HTML) 5 Page - Cypress Semiconductor

  S6E2DF5J0AGV20000 Datasheet HTML 1Page - Cypress Semiconductor S6E2DF5J0AGV20000 Datasheet HTML 2Page - Cypress Semiconductor S6E2DF5J0AGV20000 Datasheet HTML 3Page - Cypress Semiconductor S6E2DF5J0AGV20000 Datasheet HTML 4Page - Cypress Semiconductor S6E2DF5J0AGV20000 Datasheet HTML 5Page - Cypress Semiconductor S6E2DF5J0AGV20000 Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Errata Document
S6E2DF Series
December 4, 2015
Document No. 002-05043 Rev. *A
5
Page
Item
Description
16, 18 5. Pin
Assignment
Signal name should be corrected as below.
(Error) GE_SPCSX_0 (Correct) GE_SPCSX0
(Error) GE_HBCSX_0 (Correct) GE_HBCSX0
(Error) GE_HBCSX_1 (Correct) GE_HBCSX1
21, 23,
48
6. Pin
Descriptions
Signal name should be corrected as below.
(Error) GE_SPCSX_0 (Correct) GE_SPCSX0
(Error) GE_HBCSX_0 (Correct) GE_HBCSX0
(Error) GE_HBCSX_1 (Correct) GE_HBCSX1
67
10. Block
Diagram
Signal name should be corrected as below.
(Error) GE_SPCSX_0
(Correct) GE_SPCSX0
(Error) GE_HBCSX_0/1 (Correct) GE_HBCSX0/1
93
14.3 DC
Characteristi
cs
“VFLASH memory Standby current” should be corrected as indicated by the shading
below.
(Error)
Parameter
Symbol
Pin
name
Conditions
Value
Unit
Remarks
Min
Typ
Max
VFLASH memory
Standby current
ICCVFLASH
VCC
At Standby
-
15
25
μA
VFLASH memory
Read current
At Read
-
9
14
mA
40MHz
13
20
80MHz
VFLASH memory
write/erase current
At
Write/Erase
-
20
25
mA
(Correct)
Parameter
Symbol
Pin
name
Conditions
Value
Unit
Remarks
Min
Typ
Max
VFLASH memory
Standby current
ICCVFLASH
VCC
At Standby
-
15
35
μA
VFLASH memory
Read current
At Read
-
9
14
mA
40MHz
13
20
80MHz
VFLASH memory
write/erase current
At
Write/Erase
-
20
25
mA
162,
163,
164
14.4 AC
Characteristi
cs
Signal name should be corrected as below.
(Error) GE_SPCSX_0 (Correct) GE_SPCSX0
(Error) GE_HBCSX_0 (Correct) GE_HBCSX0
(Error) GE_HBCSX_1 (Correct) GE_HBCSX1


Similar Part No. - S6E2DF5J0AGV20000

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6E2D3 CYPRESS-S6E2D3 Datasheet
175Kb / 6P
   S6E2D3 Series 32-bit ARM짰 Cortex짰-M4F, FM4 Microcontroller
S6E2D35G0AGB30000 CYPRESS-S6E2D35G0AGB30000 Datasheet
175Kb / 6P
   S6E2D3 Series 32-bit ARM짰 Cortex짰-M4F, FM4 Microcontroller
S6E2D35G0AGE20000 CYPRESS-S6E2D35G0AGE20000 Datasheet
175Kb / 6P
   S6E2D3 Series 32-bit ARM짰 Cortex짰-M4F, FM4 Microcontroller
S6E2D35G0AGV20000 CYPRESS-S6E2D35G0AGV20000 Datasheet
175Kb / 6P
   S6E2D3 Series 32-bit ARM짰 Cortex짰-M4F, FM4 Microcontroller
S6E2D35G0AGZ20000 CYPRESS-S6E2D35G0AGZ20000 Datasheet
175Kb / 6P
   S6E2D3 Series 32-bit ARM짰 Cortex짰-M4F, FM4 Microcontroller
More results

Similar Description - S6E2DF5J0AGV20000

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6E2D5 CYPRESS-S6E2D5 Datasheet
262Kb / 5P
   S6E2D5 Series 32-bit ARM짰 Cortex짰-M4F based Microcontroller
S6E2CC CYPRESS-S6E2CC Datasheet
117Kb / 3P
   S6E2CC Series 32-bit ARM짰 Cortex짰-M4F based Microcontroller
S6E2DH CYPRESS-S6E2DH Datasheet
280Kb / 6P
   S6E2DH Series 32-bit ARM짰 Cortex짰-M4F based Microcontroller
logo
Nuvoton Technology Corp...
M480 NUVOTON-M480 Datasheet
8Mb / 401P
   32-bit ARM짰 Cortex짰-M4F Microcontroller
logo
Texas Instruments
S6E2C2AL0AGL20000 TI1-S6E2C2AL0AGL20000 Datasheet
5Mb / 207P
[Old version datasheet]   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Cypress Semiconductor
S6E2C3 CYPRESS-S6E2C3 Datasheet
5Mb / 198P
   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Texas Instruments
S6E2C49J0AGB10000 TI1-S6E2C49J0AGB10000 Datasheet
4Mb / 193P
[Old version datasheet]   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Cypress Semiconductor
MB9B360R CYPRESS-MB9B360R Datasheet
3Mb / 166P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
MB9B160L CYPRESS-MB9B160L Datasheet
2Mb / 118P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
MB9BF564KQN CYPRESS-MB9BF564KQN Datasheet
2Mb / 124P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com