Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM88335 Datasheet(PDF) 32 Page - Cypress Semiconductor

Part # BCM88335
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 for Automotive Applications
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM88335 Datasheet(HTML) 32 Page - Cypress Semiconductor

Back Button BCM88335 Datasheet HTML 28Page - Cypress Semiconductor BCM88335 Datasheet HTML 29Page - Cypress Semiconductor BCM88335 Datasheet HTML 30Page - Cypress Semiconductor BCM88335 Datasheet HTML 31Page - Cypress Semiconductor BCM88335 Datasheet HTML 32Page - Cypress Semiconductor BCM88335 Datasheet HTML 33Page - Cypress Semiconductor BCM88335 Datasheet HTML 34Page - Cypress Semiconductor BCM88335 Datasheet HTML 35Page - Cypress Semiconductor BCM88335 Datasheet HTML 36Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 140 page
background image
Bluetooth Subsystem Overview
BCM88335 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
September 23, 2015 • 88335-DS100-R
Page 31
Section 4: Bluetooth Subsystem Overview
The Broadcom BCM88335 is a Bluetooth 4.1 + EDR-compliant, baseband processor/2.4 GHz transceiver. It
features the highest level of integration and eliminates all critical external components, thus minimizing the
footprint, power consumption, and system cost of a Bluetooth solution.
The BCM88335 is the optimal solution for any Bluetooth voice and/or data application. The Bluetooth subsystem
presents a standard Host Controller Interface (HCI) via a high-speed UART and PCM for audio. The BCM88335
incorporates all Bluetooth 4.1 features including Secure Simple Pairing, Sniff Subrating, and Encryption Pause
and Resume.
The BCM88335 Bluetooth radio transceiver provides enhanced radio performance to meet Automotive Grade
3 temperature applications and the tightest integration into automotive platforms. It is fully compatible with any
of the standard TCXO frequencies and provides full radio compatibility to operate simultaneously with GPS,
WLAN, and cellular radios.
The Bluetooth transmitter also features a Class 1 power amplifier with Class 2 capability.
Features
Major Bluetooth features of the BCM88335 include:
• Supports key features of upcoming Bluetooth standards
• Fully supports Bluetooth Core Specification version 4.1 + (Enhanced Data Rate) EDR features:
– Adaptive Frequency Hopping (AFH)
– Quality of Service (QoS)
– Extended Synchronous Connections (eSCO)—Voice Connections
– Fast Connect (interlaced page and inquiry scans)
– Secure Simple Pairing (SSP)
– Sniff Subrating (SSR)
– Encryption Pause Resume (EPR)
– Extended Inquiry Response (EIR)
– Link Supervision Timeout (LST)
• UART baud rates up to 4 Mbps
• Supports Bluetooth 4.1 for automotive applications
• Supports maximum Bluetooth data rates over HCI UART
• Multipoint operation with up to seven active slaves
– Maximum of seven simultaneous active ACL links
– Maximum of three simultaneous active SCO and eSCO connections with scatternet support
• Trigger Broadcom fast connect (TBFC)
• Narrowband and wideband packet loss concealment


Similar Part No. - BCM88335

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
BCM88335 CYPRESS-BCM88335 Datasheet
2Mb / 110P
   Single-Chip 5G Wi-Fi IEEE 802.11ac MAC/Baseband/Radiowith Integrated Bluetooth 4.1 for Automotive Applications
BCM88335L2CUBG CYPRESS-BCM88335L2CUBG Datasheet
2Mb / 110P
   Single-Chip 5G Wi-Fi IEEE 802.11ac MAC/Baseband/Radiowith Integrated Bluetooth 4.1 for Automotive Applications
BCM88335L2CUBGT CYPRESS-BCM88335L2CUBGT Datasheet
2Mb / 140P
   Single-Chip 5G Wi-Fi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 for Automotive Applications
More results

Similar Description - BCM88335

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
BCM88335L2CUBGT CYPRESS-BCM88335L2CUBGT Datasheet
2Mb / 140P
   Single-Chip 5G Wi-Fi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 for Automotive Applications
CYW88335 CYPRESS-CYW88335 Datasheet
2Mb / 110P
   Single-Chip 5G Wi-Fi IEEE 802.11ac MAC/Baseband/Radiowith Integrated Bluetooth 4.1 for Automotive Applications
CYW4339 CYPRESS-CYW4339 Datasheet
2Mb / 133P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/ Baseband/Radio with Integrated Bluetooth 4.1
CYW4354 CYPRESS-CYW4354 Datasheet
13Mb / 165P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4354KKWBGT CYPRESS-BCM4354KKWBGT Datasheet
4Mb / 192P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4354XKUBGT CYPRESS-BCM4354XKUBGT Datasheet
4Mb / 192P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4354 CYPRESS-BCM4354 Datasheet
4Mb / 192P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM43353 CYPRESS-BCM43353 Datasheet
3Mb / 143P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 for Automotive and Industrial Applications
BCM43353LIUBGT CYPRESS-BCM43353LIUBGT Datasheet
3Mb / 143P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 for Automotive and Industrial Applications
BCM43455XKUBGT CYPRESS-BCM43455XKUBGT Datasheet
2Mb / 159P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 and FM Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com