Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM88335 Datasheet(PDF) 61 Page - Cypress Semiconductor

Part # BCM88335
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 for Automotive Applications
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM88335 Datasheet(HTML) 61 Page - Cypress Semiconductor

Back Button BCM88335 Datasheet HTML 57Page - Cypress Semiconductor BCM88335 Datasheet HTML 58Page - Cypress Semiconductor BCM88335 Datasheet HTML 59Page - Cypress Semiconductor BCM88335 Datasheet HTML 60Page - Cypress Semiconductor BCM88335 Datasheet HTML 61Page - Cypress Semiconductor BCM88335 Datasheet HTML 62Page - Cypress Semiconductor BCM88335 Datasheet HTML 63Page - Cypress Semiconductor BCM88335 Datasheet HTML 64Page - Cypress Semiconductor BCM88335 Datasheet HTML 65Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 140 page
background image
Generic SPI Mode
BCM88335 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
September 23, 2015 • 88335-DS100-R
Page 60
Command Structure
The gSPI command structure is 32 bits. The bit positions and definitions are as shown in Figure 23.
Figure 23: gSPI Command Structure
Write
The host puts the first bit of the data onto the bus half a clock-cycle before the first active edge following the CS
going low. The following bits are clocked out on the falling edge of the gSPI clock. The device samples the data
on the active edge.
Write/Read
The host reads on the rising edge of the clock requiring data from the device to be made available before the
first rising clock edge of the clock burst for the data. The last clock edge of the fixed delay word can be used to
represent the first bit of the following data word. This allows data to be ready for the first clock edge without
relying on asynchronous delays.
Read
The read command always follows a separate write to set up the WLAN device for a read. This command differs
from the write/read command in the following respects: a) chip selects go high between the command/address
and the data and b) the time interval between the command/address is not fixed.
0
10
27
11
P a cket length - 11b its *
Ad dres s – 17 bits
F1
F 0
C
A
F unction N o: 00 – F unc 0
01 – F unc 1
10 – F unc 2
11 – F unc 3
C ommand : 0 – R ead
1 – W rite
28
29
30
31
A cce ss : 0 – F ixed add ress
1 – Incremental add res s
* 11’ h0 = 204 8 by tes
0
10
27
11
P a cket length - 11b its *
Ad dres s – 17 bits
F1
F 0
C
A
F unction N o: 00 – F unc
01 – F unc 1: Registers and meories belonging to other blocks in the chip (64 bytes max)
10 – F unc 2: DMA channel 1. WLAN packets up to 2048 bytes.
11 – F unc
C ommand : 0 – R ead
1 – W rite
28
29
30
31
A cce ss : 0 – F ixed add ress
1 – Incremental add res s
* 11’ h0 = 204 8 by tes
BCM_SPID Command Structure


Similar Part No. - BCM88335

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
BCM88335 CYPRESS-BCM88335 Datasheet
2Mb / 110P
   Single-Chip 5G Wi-Fi IEEE 802.11ac MAC/Baseband/Radiowith Integrated Bluetooth 4.1 for Automotive Applications
BCM88335L2CUBG CYPRESS-BCM88335L2CUBG Datasheet
2Mb / 110P
   Single-Chip 5G Wi-Fi IEEE 802.11ac MAC/Baseband/Radiowith Integrated Bluetooth 4.1 for Automotive Applications
BCM88335L2CUBGT CYPRESS-BCM88335L2CUBGT Datasheet
2Mb / 140P
   Single-Chip 5G Wi-Fi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 for Automotive Applications
More results

Similar Description - BCM88335

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
BCM88335L2CUBGT CYPRESS-BCM88335L2CUBGT Datasheet
2Mb / 140P
   Single-Chip 5G Wi-Fi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 for Automotive Applications
CYW88335 CYPRESS-CYW88335 Datasheet
2Mb / 110P
   Single-Chip 5G Wi-Fi IEEE 802.11ac MAC/Baseband/Radiowith Integrated Bluetooth 4.1 for Automotive Applications
CYW4339 CYPRESS-CYW4339 Datasheet
2Mb / 133P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/ Baseband/Radio with Integrated Bluetooth 4.1
CYW4354 CYPRESS-CYW4354 Datasheet
13Mb / 165P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4354KKWBGT CYPRESS-BCM4354KKWBGT Datasheet
4Mb / 192P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4354XKUBGT CYPRESS-BCM4354XKUBGT Datasheet
4Mb / 192P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4354 CYPRESS-BCM4354 Datasheet
4Mb / 192P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM43353 CYPRESS-BCM43353 Datasheet
3Mb / 143P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 for Automotive and Industrial Applications
BCM43353LIUBGT CYPRESS-BCM43353LIUBGT Datasheet
3Mb / 143P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 for Automotive and Industrial Applications
BCM43455XKUBGT CYPRESS-BCM43455XKUBGT Datasheet
2Mb / 159P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 and FM Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com