Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM88335 Datasheet(PDF) 57 Page - Cypress Semiconductor

Part # BCM88335
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 for Automotive Applications
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM88335 Datasheet(HTML) 57 Page - Cypress Semiconductor

Back Button BCM88335 Datasheet HTML 53Page - Cypress Semiconductor BCM88335 Datasheet HTML 54Page - Cypress Semiconductor BCM88335 Datasheet HTML 55Page - Cypress Semiconductor BCM88335 Datasheet HTML 56Page - Cypress Semiconductor BCM88335 Datasheet HTML 57Page - Cypress Semiconductor BCM88335 Datasheet HTML 58Page - Cypress Semiconductor BCM88335 Datasheet HTML 59Page - Cypress Semiconductor BCM88335 Datasheet HTML 60Page - Cypress Semiconductor BCM88335 Datasheet HTML 61Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 140 page
background image
WLAN Host Interfaces
BCM88335 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
September 23, 2015 • 88335-DS100-R
Page 56
Section 9: WLAN Host Interfaces
SDIO v3.0
The BCM88335 WLAN section supports SDIO version 3.0, including the new UHS-I modes:
• DS: Default speed (DS) up to 25 MHz, including 1- and 4-bit modes (3.3V signaling).
• HS: High speed up to 50 MHz (3.3V signaling).
• SDR12: SDR up to 25 MHz (1.8V signaling).
• SDR25: SDR up to 50 MHz (1.8V signaling).
• SDR50: SDR up to 100 MHz (1.8V signaling).
• SDR104: SDR up to 208 MHz (1.8V signaling).
• DDR50: DDR up to 50 MHz (1.8V signaling).
The SDIO interface also has the ability to map the interrupt signal on to a GPIO pin for applications requiring an
interrupt different from the one provided by the SDIO interface. The ability to force control of the gated clocks
from within the device is also provided. SDIO mode is enabled by strapping options. Refer to Table 16 WLAN
GPIO Functions and Strapping Options.
The following three functions are supported:
• Function 0 Standard SDIO function (Max. BlockSize/ByteCount = 32B)
• Function 1 Backplane Function to access the internal system-on-chip (SoC) address space
(Max. BlockSize/ByteCount = 64B)
• Function 2 WLAN Function for efficient WLAN packet transfer through DMA
(Max. BlockSize/ByteCount = 512B)
SDIO Pins
Note: The BCM88335 is backward compatible with SDIO v2.0 host interfaces.
Table 12: SDIO Pin Description
SD 4-Bit Mode
SD 1-Bit Mode
gSPI Mode
DATA0
Data line 0
DATA
Data line
DO
Data output
DATA1
Data line 1 or Interrupt IRQ
Interrupt
IRQ
Interrupt
DATA2
Data line 2 or Read Wait RW
Read Wait
NC
Not used
DATA3
Data line 3
N/C
Not used
CS
Card select
CLK
Clock
CLK
Clock
SCLK Clock
CMD
Command line
CMD
Command line
DI
Data input


Similar Part No. - BCM88335

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
BCM88335 CYPRESS-BCM88335 Datasheet
2Mb / 110P
   Single-Chip 5G Wi-Fi IEEE 802.11ac MAC/Baseband/Radiowith Integrated Bluetooth 4.1 for Automotive Applications
BCM88335L2CUBG CYPRESS-BCM88335L2CUBG Datasheet
2Mb / 110P
   Single-Chip 5G Wi-Fi IEEE 802.11ac MAC/Baseband/Radiowith Integrated Bluetooth 4.1 for Automotive Applications
BCM88335L2CUBGT CYPRESS-BCM88335L2CUBGT Datasheet
2Mb / 140P
   Single-Chip 5G Wi-Fi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 for Automotive Applications
More results

Similar Description - BCM88335

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
BCM88335L2CUBGT CYPRESS-BCM88335L2CUBGT Datasheet
2Mb / 140P
   Single-Chip 5G Wi-Fi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 for Automotive Applications
CYW88335 CYPRESS-CYW88335 Datasheet
2Mb / 110P
   Single-Chip 5G Wi-Fi IEEE 802.11ac MAC/Baseband/Radiowith Integrated Bluetooth 4.1 for Automotive Applications
CYW4339 CYPRESS-CYW4339 Datasheet
2Mb / 133P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/ Baseband/Radio with Integrated Bluetooth 4.1
CYW4354 CYPRESS-CYW4354 Datasheet
13Mb / 165P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4354KKWBGT CYPRESS-BCM4354KKWBGT Datasheet
4Mb / 192P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4354XKUBGT CYPRESS-BCM4354XKUBGT Datasheet
4Mb / 192P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4354 CYPRESS-BCM4354 Datasheet
4Mb / 192P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM43353 CYPRESS-BCM43353 Datasheet
3Mb / 143P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 for Automotive and Industrial Applications
BCM43353LIUBGT CYPRESS-BCM43353LIUBGT Datasheet
3Mb / 143P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 for Automotive and Industrial Applications
BCM43455XKUBGT CYPRESS-BCM43455XKUBGT Datasheet
2Mb / 159P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 and FM Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com