Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM43455 Datasheet(PDF) 50 Page - Cypress Semiconductor

Part # BCM43455
Description  Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 and FM Receiver
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM43455 Datasheet(HTML) 50 Page - Cypress Semiconductor

Back Button BCM43455 Datasheet HTML 46Page - Cypress Semiconductor BCM43455 Datasheet HTML 47Page - Cypress Semiconductor BCM43455 Datasheet HTML 48Page - Cypress Semiconductor BCM43455 Datasheet HTML 49Page - Cypress Semiconductor BCM43455 Datasheet HTML 50Page - Cypress Semiconductor BCM43455 Datasheet HTML 51Page - Cypress Semiconductor BCM43455 Datasheet HTML 52Page - Cypress Semiconductor BCM43455 Datasheet HTML 53Page - Cypress Semiconductor BCM43455 Datasheet HTML 54Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 159 page
background image
PCM Interface
BCM43455 Preliminary Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
November 5, 2015 • 43455-DS109-R
Page 49
Wideband Speech Support
When the host encodes Wideband Speech (WBS) packets in transparent mode, the encoded packets are
transferred over the PCM bus for an eSCO voice connection. In this mode, the PCM bus is typically configured
in master mode for a 4 kHz sync rate with 16-bit samples, resulting in a 64 Kbps bit rate. The BCM43455 also
supports slave transparent mode using a proprietary rate-matching scheme. In SBC-code mode, linear 16-bit
data at 16 kHz (256 Kbps rate) is transferred over the PCM bus.
Multiplexed Bluetooth Over PCM
Bluetooth supports multiple audio streams within the Bluetooth channel and both 16 kHz and 8 kHz streams can
be multiplexed. This mode of operation is only supported when the Bluetooth host is the master. Figure 10
shows the operation of the multiplexed transport with three simultaneous SCO connections. To accommodate
additional SCO channels, the transport clock speed is increased. To change between modes of operation, the
transport must be halted and restarted in the new configuration.
Figure 10: Functional Multiplex Data Diagram
Burst PCM Mode
In this mode of operation, the PCM bus runs at a significantly higher rate of operation to allow the host to duty
cycle its operation and save current. In this mode of operation, the PCM bus can operate at a rate of up to
24 MHz. This mode of operation is initiated with an HCI command from the host.
PCM_SYNC
PCM_IN
PCM_OUT
BT SCO 1 Tx
BT SCO 2 Tx
BT SCO 3 Tx
BT SCO 1 Rx
BT SCO 2 Rx
BT SCO 3 Rx
1 frame
PCM_CLK
16 bits per SCO frame
CLK
Each SCO channel duplicates the data 6 times. Each
WBS frame duplicates the data 3 times per frame


Similar Part No. - BCM43455

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCM43455 INFINEON-BCM43455 Datasheet
2Mb / 121P
   Single-Chip 5G WiFi IEEE 802.11n/ac MAC/Baseband/ Radio with Integrated Bluetooth 5.0
Revised March 22, 2019
BCM43455HKUBG INFINEON-BCM43455HKUBG Datasheet
2Mb / 121P
   Single-Chip 5G WiFi IEEE 802.11n/ac MAC/Baseband/ Radio with Integrated Bluetooth 5.0
Revised March 22, 2019
BCM43455XKUBG INFINEON-BCM43455XKUBG Datasheet
2Mb / 121P
   Single-Chip 5G WiFi IEEE 802.11n/ac MAC/Baseband/ Radio with Integrated Bluetooth 5.0
Revised March 22, 2019
logo
Cypress Semiconductor
BCM43455XKUBGT CYPRESS-BCM43455XKUBGT Datasheet
2Mb / 159P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 and FM Receiver
More results

Similar Description - BCM43455

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
BCM4339 CYPRESS-BCM4339 Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339XKWBGT CYPRESS-BCM4339XKWBGT Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339XKUBGT CYPRESS-BCM4339XKUBGT Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM43455XKUBGT CYPRESS-BCM43455XKUBGT Datasheet
2Mb / 159P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 and FM Receiver
CYW4339 CYPRESS-CYW4339 Datasheet
2Mb / 133P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/ Baseband/Radio with Integrated Bluetooth 4.1
CYW4356 CYPRESS-CYW4356 Datasheet
12Mb / 155P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
BCM4356XKWBGT CYPRESS-BCM4356XKWBGT Datasheet
4Mb / 195P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
BCM4356XKUBGT CYPRESS-BCM4356XKUBGT Datasheet
4Mb / 195P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
CYW4354 CYPRESS-CYW4354 Datasheet
13Mb / 165P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4354KKWBGT CYPRESS-BCM4354KKWBGT Datasheet
4Mb / 192P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com