Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

476SVH250MKQ Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 476SVH250MKQ
Description  Long Life, 2000hours
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

476SVH250MKQ Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  476SVH250MKQ Datasheet HTML 1Page - Illinois Capacitor, Inc. 476SVH250MKQ Datasheet HTML 2Page - Illinois Capacitor, Inc. 476SVH250MKQ Datasheet HTML 3Page - Illinois Capacitor, Inc. 476SVH250MKQ Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SVH
+105°C, Long Life, 2000
hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+105°C
Dims DxL
(mm)
1
50
105SVH050MCR
232.1
6.3
4x5.4
2.2
50
225SVH050MCR
105.5
11
4x5.4
3.3
50
335SVH050MCR
70.33
14
4x5.4
3.3
450
335SVH450MTP
125.6
40
12.5x13.5
4.7
6.3
475SVH6R3MCR
10.82
31
4x5.4
4.7
35
475SVH035MCR
49.38
16
4x5.4
4.7
50
475SVH050MDR
49.38
19
5x5.4
4.7
450
475SVH450MTP
88.1843
45
12.5x13.5
6.8
35
685SVH035MCR
31.13
25
4x5.4
10
25
106SVH025MCR
26.53
13
4x5.4
10
50
106SVH050MER
23.21
30
6.3x5.4
10
200
106SVH200MTP
33.1573
80
12.5x13.5
10
400
106SVH400MTP
41.4466
50
12.5x13.5
10
450 106SVH450MTBW 41.4466
75
12.5x16
22
6.3
226SVH6R3MCR
22.61
22
4x5.4
22
16
226SVH016MCR
12.06
29
4x5.4
22
25
226SVH025MDR
12.06
23
5x5.4
22
35
226SVH035MER
10.55
44
6.3x5.4
22
50
226SVH050MEL
10.55
51
6.3x7.7
22
100
226SVH100MFE
13.56
100
8x10.5
22
200 226SVH200MTBW 15.0715
110
12.5x16
22
250
226SVH250MTP
15.0715
105
12.5x13.5
22
450
226SVH450MKQ 18.8394
85
16x16.5
33
6.3
336SVH6R3MCR
15.07
29
4x5.4
33
10
336SVH010MDR
12.06
35
5x5.4
33
16
336SVH016MDR
8.04
40
5x5.4
33
25
336SVH025MER
8.04
38
6.3x5.4
33
50
336SVH050MEL
7.03
60
6.3x7.7
33
100
336SVH100MFE
9.04
120
8x10.5
33
100
336SVH100MGE
9.04
150
10x10.5
33
160
336SVH160MTP
10.0477
95
12.5x13.5
33
200 336SVH200MTBW 10.0477
120
12.5x16
33
400
336SVH400MKQ 12.5596
85
16x16.5
47
6.3
476SVH6R3MDR
10.58
36
5x5.4
47
16
476SVH016MDR
5.6438
42
5x5.4
47
25
476SVH025MER
5.64
48
6.3x5.4
47
50
476SVH050MEL
4.94
63
6.3x7.7
47
63
476SVH063MFE
6.35
170
8x10.5
47
100
476SVH100MTP
6.3493
250
12.5x13.5
47
100
476SVH100MFE
6.35
170
8x10.5
47
100
476SVH100MGE
6.35
250
10x10.5
47
200
476SVH200MKQ
7.0547
220
16x16.5
47
250
476SVH250MKQ
7.0547
220
16x16.5
100
16
107SVH016MER
3.32
60
6.3x5.4
100
25
107SVH025MEL
2.6526
100
6.3x7.7
100
25
107SVH025MEL
2.65
100
6.3x7.7
100
35
107SVH035MEL
2.65
100
6.3x7.7
100
50
107SVH050MFE
2.82
230
8x10.5
100
63
107SVH063MGE
2.98
340
10x10.5
100
100
107SVH100MTP
2.98
300
12.5x13.5
100
160
107SVH160MKQ
3.3157
250
16x16.5
150
6.3
157SVH6R3MGE
3.32
86
6.3x5.4
150
25
157SVH025MEL
1.77
91
6.3x7.7
150
35
157SVH035MFE
1.55
260
8x10.5
150
50
157SVH050MGE
1.55
250
10x10.5
150
63
157SVH063MGE
1.99
360
10x10.5
220
6.3
227SVH6R3MER
2.261
80
6.3x5.4
220
10
227SVH010MEL
1.8086
120
6.3x7.7


Similar Part No. - 476SVH250MKQ

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
476SVH250MKQ ILLINOISCAPACITOR-476SVH250MKQ Datasheet
221Kb / 4P
   Small size ??Extended Life ??Low cost
More results

Similar Description - 476SVH250MKQ

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
EP501W1L059WHR PARALIGHT-EP501W1L059WHR Datasheet
196Kb / 13P
   Long operating life.
logo
Everlight Electronics C...
EALP05SQAGA1 EVERLIGHT-EALP05SQAGA1 Datasheet
198Kb / 8P
   Long life feature.
EALP03RDCGA7 EVERLIGHT-EALP03RDCGA7 Datasheet
247Kb / 9P
   Long life feature.
EALP03CLAGA0 EVERLIGHT-EALP03CLAGA0 Datasheet
289Kb / 8P
   Long life feature.
EALP05RDHRA4 EVERLIGHT-EALP05RDHRA4 Datasheet
351Kb / 9P
   Long life feature.
logo
TT Electronics.
P232 TTELEC-P232 Datasheet
607Kb / 3P
   Long life element
logo
Nais(Matsushita Electri...
NR-HD-5V NAIS-NR-HD-5V Datasheet
121Kb / 8P
   LONG LIFE RELAY
logo
Everlight Electronics C...
EALP03RDGRA1 EVERLIGHT-EALP03RDGRA1 Datasheet
191Kb / 9P
   Long life feature.
EALP03RDGGA0 EVERLIGHT-EALP03RDGGA0 Datasheet
455Kb / 9P
   Long life feature.
EALP03RDAGA5 EVERLIGHT-EALP03RDAGA5 Datasheet
342Kb / 9P
   Long life feature.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com