Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

686SVF004M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 686SVF004M
Description  5mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

686SVF004M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  686SVF004M Datasheet HTML 1Page - Illinois Capacitor, Inc. 686SVF004M Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SVF
+85°C,5mm Height Low
Profile Radial Lead Aluminum
Electrolytic Capacitors
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+105°C
Dims DxL
(mm)
0.1
50
104SVF050M
1989.4
1.5
4x5
0.15
50
154SVF050M
1326.29
4
4x5
0.22
50
224SVF050M
904.289
2.6
4x5
0.33
50
334SVF050M
602.86
3.2
4x5
0.47
50
474SVF050M
423.284
4
4x5
1
50
105SVF050M
198.94
8
4x5
2.2
50
225SVF050M
90.429
13
4x5
3.3
50
335SVF050M
60.286
17
4x5
4.7
50
475SVF050M
42.328
20
4x5
6.8
25
685SVF025M
34.13
21
4x5
6.8
35
685SVF035M
29.256
26
5x5
6.8
50
685SVF050M
29.259
4
6.3x5
10
25
106SVF025M
23.21
25
4x5
10
35
106SVF035M
19.894
29
5x5
10
50
106SVF050M
19.894
33
6.3x5
15
25
156SVF025M
15.473
35
5x5
15
50
156SVF050M
13.263
48
6.3x5
22
10
226SVF010M
15.072
36
4x5
22
25
226SVF025M
10.55
37
5x5
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+105°C
Dims DxL
(mm)
22
50
226SVF050M
9.043
40
6.3x5
22
50
226SVF050MD8
9.043
52
8x5
33
10
336SVF010M
10.048
41
4x5
33
16
336SVF016M
8.038
49
5x5
33
35
336SVF035M
6.029
62
6.3x5
33
50
336SVF050M
6.029
71
8x5
47
4
476SVF004M
12.346
33
4x5
47
10
476SVF010M
7.055
52
5x5
47
25
476SVF025M
4.938
70
6.3x5
47
35
476SVF035M
4.233
80
8x5
68
4
686SVF004M
8.533
47
5x5
68
16
686SVF016M
3.901
80
6.3x5
68
25
686SVF025M
3.413
100
8x5
100
16
107SVF016M
2.653
80
6.3x5
100
25
107SVF025M
2.321
110
8x5
220
4
227SVF004M
2.638
96
6.3x5
220
10
227SVF010M
1.507
135
8x5
330
6.3
337SVF6R3M
1.206
145
8x5


Similar Part No. - 686SVF004M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
686SVF004M ILLINOISCAPACITOR-686SVF004M Datasheet
389Kb / 3P
   85째C 5mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
686SVF004M ILLINOISCAPACITOR-686SVF004M Datasheet
199Kb / 2P
   85C Low Profile, 5mm Height Aluminum Electrolytic Capacitors
686SVF004M ILLINOISCAPACITOR-686SVF004M Datasheet
244Kb / 2P
   5mm Height ??Lead free leads
686SVF004M ILLINOISCAPACITOR-686SVF004M Datasheet
132Kb / 1P
   Radial Lead Low Profile
More results

Similar Description - 686SVF004M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104SVF050M ILLINOISCAPACITOR-104SVF050M Datasheet
389Kb / 3P
   85째C 5mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
104STF050M ILLINOISCAPACITOR-104STF050M Datasheet
174Kb / 2P
   105C, 5mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
105RSS050M ILLINOISCAPACITOR-105RSS050M_13 Datasheet
514Kb / 2P
   85C Low Profile Radial Lead Aluminum Electrolytic Capacitors
104FXM050M ILLINOISCAPACITOR-104FXM050M_13 Datasheet
656Kb / 3P
   105C Low Profile Radial Lead Aluminum Electrolytic Capacitors
105SAK050M ILLINOISCAPACITOR-105SAK050M_13 Datasheet
272Kb / 2P
   85C Low Profile Radial Lead Aluminum Electrolytic Capacitors
104FXM050M ILLINOISCAPACITOR-104FXM050M Datasheet
122Kb / 4P
   105째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
105SAK050M ILLINOISCAPACITOR-105SAK050M Datasheet
115Kb / 3P
   85째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
104PGM050M ILLINOISCAPACITOR-104PGM050M_13 Datasheet
184Kb / 2P
   105C, 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
475PUM050M ILLINOISCAPACITOR-475PUM050M Datasheet
91Kb / 2P
   85째C 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
104PGM050M ILLINOISCAPACITOR-104PGM050M Datasheet
414Kb / 2P
   105째C 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com