Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

476PUM025M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 476PUM025M
Description  7mm Height, General Purpose, 1000 hours
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

476PUM025M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  476PUM025M Datasheet HTML 1Page - Illinois Capacitor, Inc. 476PUM025M Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Small size Low heights Lead Free Leads
APPLICATIONS
Bypass Coupling Filtering Blocking
Operating Temperature
Range
-40°C to +85°C
Capacitance Tolerance
+20% at 120 Hz, 20°C
Surge voltage
WVDC
6.3
10
16
25
35
50
SVDC
7.9
13
20
32
44
63
Dissipation Factor
WVDC
6.3
10
16
25
35
50
tan δ
.22
.2
.16
.14
.12
.1
Leakage current
2 Minutes
.01CV or 3uA,Whichever is greater
Low temperature
stability
Impedance ratio
(120 Hz)
Rated WVDC
6.3
10
16
25
35
50
-25°C to +20°C
4
3
2
2
2
2
-40°C to +20°C
8
6
4
4
3
3
Load Life
1000 hours at 85°C with rated WVDC and ripple current applied
Capacitance change
<25% of initial measured value
Dissipation factor
<200% of maximum specified value
Leakage current
<100% of maximum specified value
Shelf Life
1000 hours at 85°C with no voltage applied
Capacitance change
<25% of initial measured value
Dissipation factor
<200% of maximum specified value
Leakage current
<100% of maximum specified value
Ripple Current Multipliers
Frequency (Hz)
Capacitance
(uF)
50
120
400
1k
10k
0.1~68
0.8
1.0
1
1.3
1.5
100~470
0.8
1.0
1
1.15
1.2
D
4
5
6.3
8
S
1.5
2
2.5
3.5
D
.45
.45
.45
.5
D1=D+0.5mm
L1=L+1mm
S1=S+0.5mm


Similar Part No. - 476PUM025M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
476PUM025M ILLINOISCAPACITOR-476PUM025M Datasheet
91Kb / 2P
   85째C 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
476PUM025M ILLINOISCAPACITOR-476PUM025M Datasheet
186Kb / 2P
   85C Low Profile, 7mm Height Aluminum Electrolytic Capacitors
476PUM025M ILLINOISCAPACITOR-476PUM025M Datasheet
196Kb / 2P
   Small size ??Low heights ??Lead Free Leads
476PUM025M ILLINOISCAPACITOR-476PUM025M Datasheet
107Kb / 1P
   Radial Lead Low Profile
More results

Similar Description - 476PUM025M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104PGM050M ILLINOISCAPACITOR-104PGM050M_16 Datasheet
214Kb / 2P
   7mm Height, General Purpose, 1000 hours
104SMH050M ILLINOISCAPACITOR-104SMH050M_16 Datasheet
224Kb / 2P
   General Purpose 1000 hours
474TTA100M ILLINOISCAPACITOR-474TTA100M_16 Datasheet
296Kb / 3P
   Standard, general purpose 2000 hours
105RSS050M ILLINOISCAPACITOR-105RSS050M_16 Datasheet
194Kb / 2P
   7 to 15mm Height 1000 hours
104NPS050M ILLINOISCAPACITOR-104NPS050M_16 Datasheet
197Kb / 2P
   Bi-Polar 1000 hours
logo
jb Capacitors Company
JCN JBCAPACITORS-JCN Datasheet
266Kb / 2P
   Load life of 1000 hours
logo
MERITEK ELECTRONICS COR...
SHL MERITEK-SHL Datasheet
737Kb / 4P
   Load Life : 105C 1000 hours
SRF MERITEK-SRF Datasheet
793Kb / 4P
   Load Life : 105C 1000~2000 hours
logo
Illinois Capacitor, Inc...
106UVK050MEW ILLINOISCAPACITOR-106UVK050MEW_16 Datasheet
206Kb / 2P
   High temperature, 1000 to 1500 hours
logo
jb Capacitors Company
JCD JBCAPACITORS-JCD Datasheet
241Kb / 4P
   Load life of 1000 ~ 2000 hours
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com