Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NCP1030 Datasheet(PDF) 4 Page - ON Semiconductor

Part No. NCP1030
Description  Low Power PWM Controller with On-Chip Power Switch and Startup Circuits for 48 V Telecom Systems
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCP1030 Datasheet(HTML) 4 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
NCP1030, NCP1031
http://onsemi.com
4
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Switch and Startup Circuits Voltage
VDRAIN
--0.3 to 200
V
Power Switch and Startup Circuits Input Current
-- NCP1030
-- NCP1031
IDRAIN
1.0
2.0
A
VCC Voltage Range
VCC
--0.3to16
V
All Other Inputs/Outputs Voltage Range
VIO
--0.3to10
V
VCC and All Other Inputs/Outputs Current
IIO
100
mA
Operating Junction Temperature
TJ
--40 to 150
C
Storage Temperature
Tstg
--55 to 150
C
Power Dissipation (TJ =25C, 2.0 Oz., 1.0 Sq Inch Printed Circuit Copper Clad)
DM Suffix, Plastic Package Case 846A
D Suffix, Plastic Package Case 751
MN Suffix, Plastic Package Case 488AF
0.582
0.893
1.453
W
Thermal Resistance, Junction to Air (2.0 Oz., 1.0 Sq Inch Printed Circuit Copper Clad)
DM Suffix, Plastic Package Case 846A
D Suffix, Plastic Package Case 751
MN Suffix, Plastic Package Case 488AF
RθJA
172
112
69
C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
A. This device contains ESD protection circuitry and exceeds the following tests:
Pins 1--7: Human Body Model 2000V per MIL--STD--883, Method 3015.
Pins 1--7: Machine Model Method 200 V.
Pin 8 is connected to the High Voltage Startup and Power Switch Circuits and rated only to the maximum voltage rating of the part, or 200 V.
B. This device contains Latchup protection and exceeds ±100 mA per JEDEC Standard JESD78.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn