Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

226SVH100MFE Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part No. 226SVH100MFE
Description  Long Life, 2000hours
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Homepage  http://www.illinoiscapacitor.com
Logo 

226SVH100MFE Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
Small size Extended Life Low cost
APPLICATIONS
Filtering Bypass Coupling Blocking
Operating Temperature
Range
-40°C to +105°C (6.3 to 100WVDC)
-25°C to +105°C (160 to 450WVDC)
Capacitance Tolerance
+20% at 120 Hz, 20°C
Surge voltage
WVDC
6.3
10
16
25
35
50
63
100
160 200 250 400
450
SVDC
7.9
13
20
32
44
63
79
125
200 250 300 450
500
Dissipation
Factor
WVDC
6.3
10
16
25
35
50
63
100
160 200 250 400
450
tan δ
.3
.24
.2
.16
.14
.14
.18
.18
.2
.2
.2
.25
.25
D>12.5
.35
.3
.34
.26
.22
.18
.14
.18
.2
.2
.2
.25
.25
Leakage current
2 Minutes
.01CV or 3μA,Whichever is greater
Low
temperature
stability
Impedance
ratio
(120 Hz)
Rated
WVDC
6.3
10
16
25
35
50
63
100
160-450
-25°C/+20°C
4
3
2
2
2
2
2
2
4
-40°C/+20°C
8
8
4
4
3
3
3
3
-
Load Life
2000 hours at 105°C with rated WVDC
Capacitance change
<30% of initial measured value
Dissipation factor
<300% of maximum specified value
Leakage current
<100% of maximum specified value
Shelf Life
1000 hours at 105°C with no voltage applied
Capacitance change
<30% of initial measured value
Dissipation factor
<300% of maximum specified value
Leakage current
<100% of maximum specified value
Resistance to soldering
heat
Capacitors placed on a 250°C hot plate for 30 seconds with their electrode terminations facing
downward will fulfill the following conditions after being cooled to room temperature
Capacitance change
<10% of initial measured value
Dissipation factor
<100% of maximum specified value
Leakage current
<100% of maximum specified value
Ripple Current
Multipliers
Frequency (Hz)
50
120
400
1k
10k
100k
0.7
1.0
1.17
1.38
1.5
1.5


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn