Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP1014 Datasheet(PDF) 2 Page - ON Semiconductor

Part No. NCP1014
Description  Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCP1014 Datasheet(HTML) 2 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
NCP1010, NCP1011, NCP1012, NCP1013, NCP1014
http://onsemi.com
2
1
VCC
8 GND
2
NC
3
NC
4
FB
7 NC
5 DRAIN
(Top View)
PIN CONNECTIONS
PDIP−7
SOT−223
(Top View)
1
2
3
4
VCC
FB
DRAIN
GND
1
VCC
8 GND
2
NC
3
NC
4
FB
7 NC
5 DRAIN
(Top View)
PDIP−7
(Gull Wing)
Indicative Maximum Output Power from NCP1014
RDSon − Ip
230 Vac
100 − 250 Vac
11
W − 450 mA DSS
14 W
6.0 W
11
W − 450 mA Auxiliary Winding
19 W
8.0 W
1. Informative values only, with: Tamb = 50
°C, Fswitching = 65 kHz, circuit mounted on minimum copper area as recommended.
Figure 1. Typical Application Example
27
3
45
18
100−250 Vac
+
+
NCP101X
Vout
+
GND
Quick Selection Table
NCP1010
NCP1011
NCP1012
NCP1013
NCP1014
RDSon [W]
22
11
Ipeak [mA]
100
250
250
350
450
Freq [kHz]
65
100
130
65
100
130
65
100
130
65
100
130
65
100


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn