Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEH200KA5150MU2 Datasheet(PDF) 2 Page - Kemet Corporation

Part # PEH200KA5150MU2
Description  High CV value
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PEH200KA5150MU2 Datasheet(HTML) 2 Page - Kemet Corporation

  PEH200KA5150MU2 Datasheet HTML 1Page - Kemet Corporation PEH200KA5150MU2 Datasheet HTML 2Page - Kemet Corporation PEH200KA5150MU2 Datasheet HTML 3Page - Kemet Corporation PEH200KA5150MU2 Datasheet HTML 4Page - Kemet Corporation PEH200KA5150MU2 Datasheet HTML 5Page - Kemet Corporation PEH200KA5150MU2 Datasheet HTML 6Page - Kemet Corporation PEH200KA5150MU2 Datasheet HTML 7Page - Kemet Corporation PEH200KA5150MU2 Datasheet HTML 8Page - Kemet Corporation PEH200KA5150MU2 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
A4034_PEH200 • 3/30/2016
Screw Terminal Aluminum Electrolytic Capacitors – PEH200 Series, +85°C
Performance Characteristics
Item
Performance Characteristics
Capacitance Range
100 – 330,000 µF
Rated Voltage
25 – 500 VDC
Operating Temperature
-40 to +85°C
Capacitance Tolerance
±20% at 100 Hz / +20°C
Operational Lifetime
D (mm)
Rated Voltage and Ripple Current at
+85°C (hours)
Rated Voltage at +85°C (hours)
35
10,000
50
12,000
65
15,000
75
19,000
90
29,000
60,000
Shelf Life
2,000 hours at +85°C or 4 years at +40°C 0 VDC
Leakage Current
I = 0.003 CV + 4000 (µA) (V
R < 500 VDC)
C = rated capacitance (µF), V = rated voltage (VDC). Voltage applied for 5 minutes at +20°C.
Vibration Test Specifications
Procedure
Requirements
D ≤ 50 mm
0.75 mm displacement amplitude or 10
g maximum acceleration.
Vibration applied for three 2-hour
sessions at 10 – 500 Hz (Capacitor
clamped by body).
No leakage of electrolyte or other
visible damage. Deviations in
capacitance and tanδ from initial
measurements must not exceed: ∆
C/C < 5%
D > 50 mm
0.75 mm displacement amplitude or 10
g maximum acceleration.
Vibration applied for three 2-hour
sessions at 10 – 55 Hz (Capacitor
clamped by body).
Standards
IEC 60384–4 long life grade 40/85/56
Test Method & Performance
Endurance Life Test
Conditions
Performance
Temperature
+85°C
Test Duration
2,000 hours
Ripple Current
Maximum ripple current specified in table
Voltage
The sum of DC voltage and the peak AC voltage must not exceed the rated voltage of the capacitor
Performance
The following specifications will be satisfied when the capacitor is tested at +20°C:
Capacitance Change
≤ 100 V
Within 15% of the initial value
> 100 V
Within 10% of the initial value
Equivalent Series Resistance
Does not exceed 200% of the initial value
Leakage Current
Does not exceed leakage current limit


Similar Part No. - PEH200KA5150MU2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PEH200 KEMET-PEH200 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
PEH200 KEMET-PEH200 Datasheet
295Kb / 5P
   IEC 60384-4 Long Life Grade 40/85/56, DIN 41240
More results

Similar Description - PEH200KA5150MU2

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
RT MERITEK-RT Datasheet
151Kb / 2P
   Wide CV value range
RB MERITEK-RB Datasheet
1Mb / 8P
   This series has high value of CV for general purposes
logo
Nichicon corporation
UUR1E101MCL1GS NICHICON-UUR1E101MCL1GS Datasheet
53Kb / 2P
   Chip Type, High CV
logo
Texas Instruments
UCC28704 TI1-UCC28704 Datasheet
1Mb / 44P
[Old version datasheet]   High-Efficiency Off-Line CV
logo
Bookly Micro electronic
BM2490 BOOKLY-BM2490 Datasheet
565Kb / 8P
   CV Buck
logo
Shenzhen Titan Micro El...
TM5201 TITAN-TM5201 Datasheet
355Kb / 10P
   CV/CC
logo
Thermtrol Corporation
932A-100 THERMTROL-932A-100 Datasheet
305Kb / 2P
   SURFACE MOUNT FILM PET HIGH CV
logo
AVX Corporation
F98 AVX-F98_15 Datasheet
117Kb / 3P
   Resin-Molded Chip, High CV Undertab
F98 AVX-F98 Datasheet
87Kb / 1P
   Resin-Molded Chip, High CV Frameless
logo
HolyStone International
RXX HOLYSTONECAPS-RXX Datasheet
274Kb / 4P
   High CV Conformal Coated Radial Leaded Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com