Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MV95308 Datasheet(PDF) 4 Page - Zarlink Semiconductor Inc

Part No. MV95308
Description  30MHz 8-BIT CMOS VIDEO DAC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MV95308 Datasheet(HTML) 4 Page - Zarlink Semiconductor Inc

  MV95308 Datasheet HTML 1Page - Zarlink Semiconductor Inc MV95308 Datasheet HTML 2Page - Zarlink Semiconductor Inc MV95308 Datasheet HTML 3Page - Zarlink Semiconductor Inc MV95308 Datasheet HTML 4Page - Zarlink Semiconductor Inc MV95308 Datasheet HTML 5Page - Zarlink Semiconductor Inc MV95308 Datasheet HTML 6Page - Zarlink Semiconductor Inc MV95308 Datasheet HTML 7Page - Zarlink Semiconductor Inc MV95308 Datasheet HTML 8Page - Zarlink Semiconductor Inc MV95308 Datasheet HTML 9Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MV95308
2
Parameter
Symbol
Temp
(
°C)
Min.
Value
Typ.
Max.
Units
Conditions
Resolution
Integral linearity error
Differential linearity error
Gain error
INL
DNL
Full
25
Full
25
Full
25
8
±0.5
±0.5
±1%
±1
±1
±5%
Bits
LSB
LSB
LSB
LSB
%
Of full scale
Analog output
Grey scale current range
10% Over Bright level relative to
White level
White level relative to Blank level
Black level relative to Blank level
White level relative to Black level
Blank level
Sync level
LSB size
Output compliance
LSB
VOC
25
25
25
25
25
25
25
25
25
26
275
20
107
-0.3
8.8
255
27
10
276
100
21
7.5
255
92.5
111
40
0
2.58
28
277
22
115
+1.5
mA
LSB
LSB
IRE
LSB
IRE
LSB
IRE
LSB
IRE
LSB
IRE
LSB
mV
V
75
Ω singly
terminated load
RSET = 1.8kΩ
(graphics mode)
Digital inputs
High level I/P voltage
Low level I/P voltage
High level I/P current
Low level I/P current
Internal voltage reference (VREF)
VREF temperature coefficient
VIH
VIL
IIH
IIL
VREF
25
25
25
25
25
Full
3
GND-0.3
0.95
0.90
1.0
40
VDD+0.3
1.2
+1
-1
1.05
1.10
V
V
µA
µA
V
V
ppm/
°C
Max clock rate
Clock high time
Clock low time
Data and control setup time
Data and control hold time
Analog output delay
Analog output rise/fall time
Analog output settling time
Glitch energy
VDD supply current
fMAX
tCLKH
tCLKL
tSU
tH
tDLY
tRF
tS
IDD
Full
25
25
25
25
25
25
25
25
25
30
10
10
8
2
10
3
15
100
30
36
6
MHz
ns
ns
ns
ns
ns
ns
ns
pV-sec
mA
mA
maximum
guaranteed freq.
fc = 15MHz
fc = 30MHz
Parameter
Symbol
Temp
(
°C)
Min.
Value
Typ.
Max.
Units
Conditions
DC CHARACTERISTICS
AC CHARACTERISTICS (Refer to Fig. 3)
THERMAL CHARACTERISTICS
RECOMMENDED OPERATING CONDITIONS
RLOAD (IOUT and IOUT)75Ω
VDD
5.0V
± 0.5V
RSET (graphics applications)
1.8k
RSET (straight DAC applications)
1.2k
Thermal Resistance
DP
MP
Chip to case
θ
jC
20
30
°C/W
Chip to ambient
θ
jA
75
93
°C/W
ELECTRICAL CHARACTERISTICS
These characteristics are guaranteed over the following conditions (unless otherwise stated):
As specified in recommended operating conditions. Full temperature range: A grade = -55
°C to +125°C, C grade = 0 to 70°C


Similar Part No. - MV95308

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
MV9100 FAIRCHILD-MV9100 Datasheet
240Kb / 4P
   SUPER BRIGHT 10 mm LED LAMPS
MV9101 FAIRCHILD-MV9101 Datasheet
240Kb / 4P
   SUPER BRIGHT 10 mm LED LAMPS
MV9102 FAIRCHILD-MV9102 Datasheet
240Kb / 4P
   SUPER BRIGHT 10 mm LED LAMPS
MV942 FAIRCHILD-MV942 Datasheet
183Kb / 5P
   SOLID STATE LED LAMPS LCD BACKLIGHT ILLUMINATOR
MV942-3 FAIRCHILD-MV942-3 Datasheet
183Kb / 5P
   SOLID STATE LED LAMPS LCD BACKLIGHT ILLUMINATOR
More results

Similar Description - MV95308

ManufacturerPart No.DatasheetDescription
Zarlink Semiconductor Inc
Zarlink Semiconductor I...
VP101 ZARLINK-VP101 Datasheet
294Kb / 10P
   30/50MHz 8-BIT CMOS VIDEO DAC
Analog Devices
Analog Devices
ADV7120 AD-ADV7120_15 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
ADV7120KSTZ50 AD-ADV7120KSTZ50 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101 AD-ADV101 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101 AD-ADV101_15 Datasheet
161Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120 AD-ADV7120 Datasheet
188Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KSTZ30 AD-ADV7120KSTZ30 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
Exar Corporation
Exar Corporation
CDK3404 EXAR-CDK3404 Datasheet
927Kb / 11P
   8-bit, 180MSPS, Triple Video DAC
CDK3405 EXAR-CDK3405 Datasheet
934Kb / 11P
   8-bit, 180MSPS, Triple Video DAC
Analog Devices
Analog Devices
ADV7125 AD-ADV7125_16 Datasheet
410Kb / 17P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
More results


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz