Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC-01-80G Datasheet(PDF) 2 Page - LEM

Part # SC-01-80G
Description  SC Coils, SC-G/GS Small Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

SC-01-80G Datasheet(HTML) 2 Page - LEM

  SC-01-80G Datasheet HTML 1Page - LEM SC-01-80G Datasheet HTML 2Page - LEM SC-01-80G Datasheet HTML 3Page - LEM SC-01-80G Datasheet HTML 4Page - LEM SC-01-80G Datasheet HTML 5Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
LF0011_SC-G/GS • 6/16/2014
AC Line Filters – SC Coils, SC-G/GS Small Type
Dimensions – Millimeters
SC-G
Marking
17.5 Maximum
(8.0)*
15 Maximum
8.5 Maximum
(6.0)*
N1
N2
N1
N2
N1
N2
N1
N2
14 Maximum
*Pin pitch values are for reference only. Values are not guaranteed.
Environmental Compliance
All KEMET AC Line Filters are RoHS Compliant.
Table 1 – Ratings & Part Number Reference
1
Thermal Class A (105°C)
2
Thermal Class E (120°C)
Part Number Rated Current
AC (A)
Inductance
(mH)
Minimum
DC
Resistance/
Line (mΩ)
Maximum
Temperature
Rise (K)
Maximum
Wire
Diameter
(mm)
Marking
Weight (g)
Approximate
SC-01-06G1
1
0.6
60
40
0.4
106
5
SC-01-10G1
1
1.0
70
40
0.4
110
5
SC-01-20G1
1
2.0
100
40
0.4
120
5
SC-01-30G1
1
3.0
120
40
0.4
130
6
SC-01-50G1
1
5.0
150
40
0.4
150
7
SC-01-80G1
1
8.0
300
40
0.35
180
6
SC-01-E100G2
1
10.0
350
40
0.35
100
6
SC-01-E121G2
1
12.0
400
40
0.35
121
6
SC-01-E150G2
1
15.0
450
40
0.35
6
SC-02-06G1
2
0.6
50
40
0.5
206
6
SC-02-10G1
2
1.0
50
40
0.5
210
7
SC-02-20G1
2
2.0
70
40
0.5
220
8
SC-02-30G1
2
3.0
85
40
0.5
230
9
SC-03-06G1
3
0.6
30
40
0.6
306
7
SC-03-10G1
3
1.0
35
40
0.6
310
8
SC-01-10GS1
1
1.0
130
40
0.3
2
SC-01-20GS1
1
2.0
180
40
0.3
2
SC-02-10GS1
2
1.0
80
40
0.4
3
SC-03-05GS1
3
0.5
45
45
0.45
3
SC-GS
Marking
17.5 Maximum
(8.0)*
15 Maximum
8.5 Maximum
(6.0)*
N1
N2
N1
N2
N1
N2
N1
N2
14 Maximum


Similar Part No. - SC-01-80G

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SC-01-80G KEMET-SC-01-80G Datasheet
442Kb / 5P
   SC Coils, SC-G/GS Small Type
SC-01-80G KEMET-SC-01-80G Datasheet
509Kb / 9P
   Common Mode SC Coils, SC-G/GS Series, Small Type
More results

Similar Description - SC-01-80G

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SC-01-E150G KEMET-SC-01-E150G Datasheet
442Kb / 5P
   SC Coils, SC-G/GS Small Type
SC-01-06G KEMET-SC-01-06G_V01 Datasheet
509Kb / 9P
   Common Mode SC Coils, SC-G/GS Series, Small Type
SC-02-10GS KEMET-SC-02-10GS_17 Datasheet
74Kb / 1P
   Choke, SC-G/GS, 1000 uH
SC-01-20GS KEMET-SC-01-20GS_17 Datasheet
74Kb / 1P
   Choke, SC-G/GS, 2000 uH
SC-01-10GS KEMET-SC-01-10GS Datasheet
74Kb / 1P
   Choke, SC-G/GS, 1000 uH
SC-01-30G KEMET-SC-01-30G_17 Datasheet
101Kb / 1P
   Choke, SC-G/GS, 3000 uH
SC-10-20JH KEMET-SC-10-20JH Datasheet
367Kb / 4P
   SC Coils, SC-JH Terminal Base Type
SC-02-300JV KEMET-SC-02-300JV Datasheet
307Kb / 4P
   SC Coils, SC-JV Terminal Base Type
SC-10-20J KEMET-SC-10-20J Datasheet
412Kb / 5P
   SC Coils, SC-J Terminal Base Type
SC-02-20JS KEMET-SC-02-20JS Datasheet
334Kb / 4P
   SC Coils, SC-JS Terminal Base Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com