Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTSR6-NP Datasheet(PDF) 3 Page - LEM

Part # LTSR6-NP
Description  Current Transducer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LTSR6-NP Datasheet(HTML) 3 Page - LEM

  LTSR6-NP_11 Datasheet HTML 1Page - LEM LTSR6-NP_11 Datasheet HTML 2Page - LEM LTSR6-NP_11 Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3/3
110211/12
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
Dimensions LTSR 6-NP (in mm.)
Operation principle
Mechanical characteristics
● General tolerance
± 0.2 mm
● Fastening & connection of primary
6 pins 0.8 x 0.8 mm
Recommended PCB hole
1.3 mm
● Fastening & connection of secondary 4pins0.5x0.35mm
Recommended PCB hole
0.8 mm
● Additional primary through-hole
3.2 mm
Remarks
V
OUT swings above the 2.5 V offset when IP flows from
terminals 1, 2, 3 to terminals 4, 5, 6 (with the arrow)
● For the EMC, the acceptance criteria are available on
request
● Temperature of the primary conductor should not exceed
100°C.
Note: 1)Output voltage when LTSR 6-NP is used with internal
reference.
Output Voltage - Primary Current
- I
PM
- I
PN
I
PM
I
PN
0
V
OUT
[
V ]
[
At ]
I
P
4.5
5
2.5
3.125
0.5
1.875
Number of
primary turns
Primary nominal
current rms
I
PN [ A ]
Nominal 1)
output voltage
V
OUT [ V ]
Primary
resistance
R
P [ mW ]
Primary insertion
inductance
L
P [ µH ]
Recommended
connections
1
± 6
2.5 ± 0.625
0.18
0.013
6
5
4
OUT
IN
1
2
3
2
± 3
2.5 ± 0.625
0.81
0.05
6
5
4
OUT
IN
1
2
3
3
± 2
2.5 ± 0.625
1.62
0.12
6
5
4
OUT
IN
1
2
3


Similar Part No. - LTSR6-NP_11

ManufacturerPart #DatasheetDescription
logo
LEM
LTSR6-NP LEM-LTSR6-NP Datasheet
149Kb / 3P
   Current Transducer
More results

Similar Description - LTSR6-NP_11

ManufacturerPart #DatasheetDescription
logo
LEM
HO50-S LEM-HO50-S Datasheet
1Mb / 14P
   Current Transducer
HO60-P LEM-HO60-P Datasheet
1Mb / 15P
   Current Transducer
HO-NP-0000 LEM-HO-NP-0000 Datasheet
2Mb / 16P
   Current Transducer
HXS20-NP-SP2 LEM-HXS20-NP-SP2 Datasheet
757Kb / 3P
   Current Transducer
LA55-P LEM-LA55-P_09 Datasheet
515Kb / 3P
   Current Transducer
LA150-TP LEM-LA150-TP Datasheet
243Kb / 3P
   Current Transducer
LTS15-NP LEM-LTS15-NP_11 Datasheet
471Kb / 3P
   Current Transducer
HO-NP LEM-HO-NP Datasheet
929Kb / 12P
   Current Transducer
HX03-P LEM-HX03-P_11 Datasheet
432Kb / 3P
   Current Transducer
HAT200-S LEM-HAT200-S_14 Datasheet
403Kb / 3P
   Current Transducer
HAX500-S LEM-HAX500-S_11 Datasheet
640Kb / 3P
   Current Transducer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com