Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M68DIL12 Datasheet(PDF) 54 Page - Motorola, Inc

Part # M68DIL12
Description  Advance Information - Rev 4.0
Download  432 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68DIL12 Datasheet(HTML) 54 Page - Motorola, Inc

Back Button M68DIL12 Datasheet HTML 50Page - Motorola, Inc M68DIL12 Datasheet HTML 51Page - Motorola, Inc M68DIL12 Datasheet HTML 52Page - Motorola, Inc M68DIL12 Datasheet HTML 53Page - Motorola, Inc M68DIL12 Datasheet HTML 54Page - Motorola, Inc M68DIL12 Datasheet HTML 55Page - Motorola, Inc M68DIL12 Datasheet HTML 56Page - Motorola, Inc M68DIL12 Datasheet HTML 57Page - Motorola, Inc M68DIL12 Datasheet HTML 58Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 432 page
background image
Pinout and Signal Descriptions
Advance Information
68HC(9)12D60 — Rev 4.0
54
Pinout and Signal Descriptions
MOTOROLA
3.6.2 Port B
Port B pins are used for address and data in expanded modes. In single
chip modes, the pins can be used as I/O. The port data register is not in
the address map during expanded and peripheral mode operation.
When it is in the map, port B can be read or written at anytime.
Register DDRB determines whether each port B pin is an input or output.
DDRB is not in the address map during expanded and peripheral mode
operation. Setting a bit in DDRB makes the corresponding bit in port B
an output; clearing a bit in DDRB makes the corresponding bit in port B
an input. The default reset state of DDRB is all zeros.
When the PUPB bit in the PUCR register is set, all port B input pins are
pulled-up internally by an active pull-up device. This bit has no effect if
the port is being used in expanded modes as the pull-ups are inactive.
Setting the RDPB bit in register RDRIV causes all port B outputs to have
reduced drive level. RDRIV can be written once after reset. RDRIV is not
in the address map in peripheral mode. Refer to Bus Control and
Input/Output.
3.6.3 Port E
Port E pins operate differently from port A and B pins. Port E pins are
used for bus control signals and interrupt service request signals. When
a pin is not used for one of these specific functions, it can be used as
general-purpose I/O. However, two of the pins (PE[1:0]) can only be
used for input, and the states of these pins can be read in the port data
register even when they are used for IRQ and XIRQ.
The PEAR register determines pin function, and register DDRE
determines whether each pin is an input or output when it is used for
general-purpose I/O. PEAR settings override DDRE settings. Because
PE[1:0] are input-only pins, only DDRE[7:2] have effect. Setting a bit in
the DDRE register makes the corresponding bit in port E an output;
clearing a bit in the DDRE register makes the corresponding bit in port E
an input. The default reset state of DDRE is all zeros.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - M68DIL12

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68DIL12 MOTOROLA-M68DIL12 Datasheet
3Mb / 460P
   Microcontrollers
More results

Similar Description - M68DIL12

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
   Advance Information
MC68HC08AZ32 MOTOROLA-MC68HC08AZ32 Datasheet
4Mb / 424P
   Advance Information
MC68HC08AZ60 MOTOROLA-MC68HC08AZ60 Datasheet
3Mb / 452P
   Advance Information
logo
Siemens Semiconductor G...
SAB82C215 SIEMENS-SAB82C215 Datasheet
367Kb / 20P
   ADVANCE INFORMATION
logo
Zarlink Semiconductor I...
SP8602 ZARLINK-SP8602 Datasheet
320Kb / 7P
   ADVANCE INFORMATION
logo
Freescale Semiconductor...
68HC08PT48 FREESCALE-68HC08PT48 Datasheet
2Mb / 352P
   Advance Information
logo
CML Microcircuits
EV6090 CMLMICRO-EV6090 Datasheet
447Kb / 12P
   ADVANCE INFORMATION
logo
Freescale Semiconductor...
MC68HC708AS48 FREESCALE-MC68HC708AS48 Datasheet
3Mb / 396P
   Advance Information
MPC5121E FREESCALE-MPC5121E Datasheet
1Mb / 86P
   Advance Information
logo
Motorola, Inc
68HC912DG128 MOTOROLA-68HC912DG128 Datasheet
3Mb / 424P
   Advance Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com