Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X956 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # X956
Description  FUJITSU Desktop ESPRIMO X956
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

X956 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  X956 Datasheet HTML 1Page - Fujitsu Component Limited. X956 Datasheet HTML 2Page - Fujitsu Component Limited. X956 Datasheet HTML 3Page - Fujitsu Component Limited. X956 Datasheet HTML 4Page - Fujitsu Component Limited. X956 Datasheet HTML 5Page - Fujitsu Component Limited. X956 Datasheet HTML 6Page - Fujitsu Component Limited. X956 Datasheet HTML 7Page - Fujitsu Component Limited. X956 Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet FUJITSU Desktop ESPRIMO X956
Page 2 / 8
www.fujitsu.com/fts/ESPRIMO
Components
Processor
Intel® Core™ i7-6700T processor (4 Cores / 8 Threads, 2.80 GHz, up to 3.6 GHz, 8 MB, Intel® HD Graphics 530) *
Intel® Core™ i5-6500T processor (4 Cores / 4 Threads, 2.50 GHz, up to 3.1 GHz, 6 MB, Intel® HD Graphics 530) *
Intel® Core™ i3-6100T processor (2 Cores / 4 Threads, 3.20 GHz, 3 MB, Intel® HD Graphics 530)
Intel® vPro™ Logo with Intel® Core i5 and Core i7 processors
*with Intel® Turbo Boost Technology (clock speed and performance will vary depending on workload and other
variables)
Intel® Smart Response Technology supported by Intel® Core™ i3, i5 and i7 processors
Operating systems
Operating system
Windows 10 Pro
Windows 10 Home
Windows 8.1 Pro
Windows 7 Professional 64-bit
Windows 7 Professional 32-bit
Operating system compatible
Windows 10 Pro (license + recovery media only)
openSUSE Linux
Microsoft OS support information
This system receives full support from Microsoft with Windows 10/Windows 10 Pro only. For any other Microsoft
OS installed, this device has limited support from Microsoft. For more information, please see Microsoft’s Support
Lifecycle FAQ.
Multimedia module (optional)
Camera
2.0 megapixel webcam (full HD)
Microphone
High quality mono
Presence Sensor
Ultrasonic sensor
Display
Tilt angle
-3° / +35°
Multi-Touch Support
not supported
Screen Surface Treatment
Anti-glare
Contrast - advanced
10,000,000:1
Response time typical
14 ms
Viewing angle (h/v) - typical
178°/178° CR10:1
Color performance
16.7 million colors (Hi-FRC)
Brightness - typical
250 cd/m
Aspect ratio
16:9
Diagonal Size
58.4 cm (23-inch)
Resolution (native)
1,920 x 1,080 pixel
Pixel Pitch
0.265 mm
Memory modules
4 GB (1 module(s) 4 GB) DDR4, non-ECC, 2,133 MHz, SO DIMM
8 GB (1 module(s) 8 GB) DDR4, non-ECC, 2,133 MHz, SO DIMM
16 GB (1 module(s) 16 GB) DDR4, non-ECC, 2,133 MHz, SO DIMM


Similar Part No. - X956

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
X956T FUJITSU-X956T Datasheet
352Kb / 8P
   FUJITSU Desktop ESPRIMO X956/T
More results

Similar Description - X956

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
X956T FUJITSU-X956T Datasheet
352Kb / 8P
   FUJITSU Desktop ESPRIMO X956/T
Q556 FUJITSU-Q556 Datasheet
382Kb / 8P
   FUJITSU Desktop ESPRIMO Q556
X923 FUJITSU-X923 Datasheet
143Kb / 8P
   FUJITSU Desktop ESPRIMO X923
Q956 FUJITSU-Q956 Datasheet
386Kb / 9P
   FUJITSU Desktop ESPRIMO Q956
Q920 FUJITSU-Q920 Datasheet
187Kb / 8P
   FUJITSU Desktop ESPRIMO Q920
P756E94 FUJITSU-P756E94 Datasheet
382Kb / 9P
   FUJITSU Desktop ESPRIMO P756/E94
P956LL FUJITSU-P956LL Datasheet
379Kb / 9P
   FUJITSU Desktop ESPRIMO P956/LL
D756E85 FUJITSU-D756E85 Datasheet
390Kb / 9P
   FUJITSU Desktop ESPRIMO D756/E85
P556E85 FUJITSU-P556E85 Datasheet
376Kb / 9P
   FUJITSU Desktop ESPRIMO P556/E85
P920E85 FUJITSU-P920E85 Datasheet
184Kb / 9P
   FUJITSU Desktop ESPRIMO P920 E85
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com