Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF9060 Datasheet(PDF) 6 Page - Motorola, Inc

Part # MRF9060
Description  945 MHz, 60 W, 26 V LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF9060 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MRF9060 Datasheet HTML 2Page - Motorola, Inc MRF9060 Datasheet HTML 3Page - Motorola, Inc MRF9060 Datasheet HTML 4Page - Motorola, Inc MRF9060 Datasheet HTML 5Page - Motorola, Inc MRF9060 Datasheet HTML 6Page - Motorola, Inc MRF9060 Datasheet HTML 7Page - Motorola, Inc MRF9060 Datasheet HTML 8Page - Motorola, Inc MRF9060 Datasheet HTML 9Page - Motorola, Inc MRF9060 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MRF9060R1 MRF9060SR1
6
MOTOROLA RF DEVICE DATA
TYPICAL CHARACTERISTICS
100
-70
0
0.1
10
1
-10
-20
-30
-40
-50
-60
10
100
8
10
12
14
16
18
20
0
10
20
30
40
50
60
Pout, OUTPUT POWER (WATTS) PEP
f, FREQUENCY (MHz)
930
18
Figure 3. Class AB Broadband Circuit Performance
14
11
10
Pout, OUTPUT POWER (WATTS) PEP
Figure 4. Power Gain versus Output Power
Figure 5. Intermodulation Distortion versus
Output Power
15
13
12
17
16
935
940
945
950
955
960
Pout, OUTPUT POWER (WATTS) AVG.
Pout, OUTPUT POWER (WATTS) PEP
Figure 6. Intermodulation Distortion Products
versus Output Power
Figure 7. Power Gain and Efficiency versus
Output Power
-38
-36
-34
-32
-30
35
40
45
50
-10
-18
-14
Gps
h
IMD
IRL
Gps
h
VDD = 26 Vdc
IDQ = 450 mA
f = 945 MHz
VDD = 26 Vdc
Pout = 60 W (PEP)
IDQ = 450 mA
1
10
100
500 mA
IDQ = 650 mA
VDD = 26 Vdc
f1 = 945 MHz
f2 = 945.1 MHz
450 mA
275 mA
VDD = 26 Vdc
f1 = 945 MHz
f2 = 945.1 MHz
IDQ = 275 mA
-12
-16
18
17.5
17
16.5
16
15.5
15
1
10
100
-20
-25
-30
-40
-45
-50
-60
450 mA
500 mA
650 mA
3rd Order
5th Order
7th Order
-35
-55
Two-Tone Measurement,
100 kHz Tone Spacing
VDD = 26 Vdc
IDQ = 450 mA
f1 = 945 MHz
f2 = 945.1 MHz


Similar Part No. - MRF9060

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF9060 FREESCALE-MRF9060 Datasheet
237Kb / 12P
   RF Power Field Effect Transistors N−Channel Enhancement−Mode Lateral MOSFETs
MRF9060LR1 FREESCALE-MRF9060LR1 Datasheet
237Kb / 12P
   RF Power Field Effect Transistors N−Channel Enhancement−Mode Lateral MOSFETs
MRF9060LR1 FREESCALE-MRF9060LR1 Datasheet
364Kb / 11P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF9060LR1 FREESCALE-MRF9060LR1_08 Datasheet
364Kb / 11P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF9060LSR1 FREESCALE-MRF9060LSR1 Datasheet
237Kb / 12P
   RF Power Field Effect Transistors N−Channel Enhancement−Mode Lateral MOSFETs
More results

Similar Description - MRF9060

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF9180 MOTOROLA-MRF9180 Datasheet
342Kb / 12P
   880 MHz, 170 W, 26 V LATERAL N-CHANNEL RF POWER MOSFETs
MRF9085 MOTOROLA-MRF9085 Datasheet
491Kb / 8P
   880 MHz, 90 W, 26 V LATERAL N-CHANNEL RF POWER MOSFETs
MRF9100 MOTOROLA-MRF9100 Datasheet
395Kb / 12P
   GSM/EDGE 900 MHz, 110 W, 26 V LATERAL N-CHANNEL RF POWER MOSFETs
MRF183 MOTOROLA-MRF183 Datasheet
221Kb / 10P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF182 MOTOROLA-MRF182 Datasheet
133Kb / 8P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF184 MOTOROLA-MRF184 Datasheet
194Kb / 9P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF282 MOTOROLA-MRF282 Datasheet
142Kb / 11P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF18090A MOTOROLA-MRF18090A Datasheet
175Kb / 8P
   1.80 - 1.88 GHz, 90 W, 26 V LATERAL N-CHANNEL RF POWER MOSFETS
MRF185 MOTOROLA-MRF185 Datasheet
56Kb / 4P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFET
MRF3010 MOTOROLA-MRF3010 Datasheet
106Kb / 8P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com