Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10319 Datasheet(PDF) 6 Page - Motorola, Inc

Part # MC10319
Description  High Speed8-Bit Analog-to-Digital Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC10319 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MC10319 Datasheet HTML 2Page - Motorola, Inc MC10319 Datasheet HTML 3Page - Motorola, Inc MC10319 Datasheet HTML 4Page - Motorola, Inc MC10319 Datasheet HTML 5Page - Motorola, Inc MC10319 Datasheet HTML 6Page - Motorola, Inc MC10319 Datasheet HTML 7Page - Motorola, Inc MC10319 Datasheet HTML 8Page - Motorola, Inc MC10319 Datasheet HTML 9Page - Motorola, Inc MC10319 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MC10319
6
MOTOROLA ANALOG IC DEVICE DATA
80
VRB
Vin, INPUT VOLTAGE (VOLTS)
+ 2.5
VRB
Vin, INPUT VOLTAGE (VOLTS)
Figure 4. Input Capacitance @ Vin (Pin 14)
0.1 V
40
0
°C
VRT
60
– 2.5
0
20
100
VRT
60
Figure 5. Input Current @ Vin (Pin 14)
80
20
40
VRT –VRB = 2.0 V
VRT –VRB = 1.0 V
25
°C
70
°C
10
2.0
–90
–50
Vin, INPUT VOLTAGE (VOLTS)
–70
–110
Figure 6. Input Current @ Enable, Enable
1.0
– 130
0
–30
–10
5.5
0
–40
–80
0
°C
70
°C
0
25
°C
4.0
5.0
3.0
– 100
–60
2.0
1.0
Figure 7. Clock Input Current
40
6.0
0
– 120
20
–20
Vin, INPUT VOLTAGE (VOLTS)
Pin 19 (Pin 20 = 0 V)
Pin 20 (0 < Pin 19 < 5 V)
Pin 19 Current
2 V < Pin 20 < 5 V
+70
°C
0
°C
25
°C
IOH, OUTPUT CURRENT (µA)
0
Figure 8. Output Voltage versus Output Current
3.0
– 300
– 400
– 200
5.0
– 100
4.0
0.4
6.0
2.0
0.2
0.3
0
Figure 9. Output Voltage versus Output Current
0.5
IOL, OUTPUT CURRENT (mA)
4.0
0.1
8.0
0
4.5 V < VCC < 5.5 V
0
° and 70°C
25
°C


Similar Part No. - MC10319

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
MC103 OHMITE-MC103 Datasheet
363Kb / 2P
   Low voltage coefficient
MC103 OHMITE-MC103 Datasheet
363Kb / 2P
   High Voltage/High Resistance Precision Thick Film Surface Mount
logo
GUANGDONG MISUN TECHNOL...
MC1030 FPE-MC1030 Datasheet
254Kb / 3P
   COMPOSITE FORMING SMDINDUCTORS
MC1030-100M1 FPE-MC1030-100M1 Datasheet
254Kb / 3P
   COMPOSITE FORMING SMDINDUCTORS
MC1030-150M1 FPE-MC1030-150M1 Datasheet
254Kb / 3P
   COMPOSITE FORMING SMDINDUCTORS
More results

Similar Description - MC10319

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
TL5602 TI1-TL5602_08 Datasheet
106Kb / 6P
[Old version datasheet]   8-BIT DIGITAL-TO-ANALOG CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
   16 Bit Digital to Analog Converter
logo
Texas Instruments
ADS1212 TI1-ADS1212_14 Datasheet
1Mb / 51P
[Old version datasheet]   22-Bit ANALOG-TO-DIGITAL CONVERTER
TLC5502-5M TI1-TLC5502-5M Datasheet
92Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTER
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
[Old version datasheet]   20-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com