Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3284E Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3284E
Description  20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3284E Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3284E Datasheet HTML 1Page - Maxim Integrated Products MAX3284E Datasheet HTML 2Page - Maxim Integrated Products MAX3284E Datasheet HTML 3Page - Maxim Integrated Products MAX3284E Datasheet HTML 4Page - Maxim Integrated Products MAX3284E Datasheet HTML 5Page - Maxim Integrated Products MAX3284E Datasheet HTML 6Page - Maxim Integrated Products MAX3284E Datasheet HTML 7Page - Maxim Integrated Products MAX3284E Datasheet HTML 8Page - Maxim Integrated Products MAX3284E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
20Mbps, +3.3V, SOT23 RS-485/
RS-422 Transmitters
_______________________________________________________________________________________
5
Y
Z
VOD
R
R
VOC
DI
DE
3V
Y
VID
CL
CL
RDIFF
Z
DI
3V
0V
Z
Y
VO
0V
-VO
VO
1.5V
1/2 VO
1/2 VO
tPLH
tF
tR
tPHL
10%
90%
90%
1.5V
10%
VDIFF = V (Y) - V (Z)
tSKEW = | tPLH - tPHL |
VDIFF
f = 1MHz, tR ≤ 3ns, tF ≤ 3ns
S1
S2
OUTPUT
UNDER TEST
VCC
CL
RL
Figure 1. Driver DC Test Load
Figure 2. Driver Timing Test Circuit
Figure 3. Driver Propagation Delays
Figure 4. Enable/Disable Timing Test Load
OUTPUT NORMALLY LOW
OUTPUT NORMALLY HIGH
3V
0V
Y, Z
VOL
Y, Z
0V
1.5V
1.5V
VOL + 0.25V
VOH - 0.25V
2.3V
2.3V
tZL(SHDN), tZL
tLZ
tZH(SHDN), tZH
tHZ
DE
Figure 5. Driver Enable and Disable Times
Test Circuits and Timing Diagrams


Similar Part No. - MAX3284E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3284E MAXIM-MAX3284E Datasheet
247Kb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 1; 3/11
MAX3284E MAXIM-MAX3284E Datasheet
229Kb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 2; 12/12
MAX3284E MAXIM-MAX3284E Datasheet
1Mb / 11P
   짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 7; 1/19
MAX3284EAUT MAXIM-MAX3284EAUT Datasheet
247Kb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 1; 3/11
MAX3284EAUT+T MAXIM-MAX3284EAUT+T Datasheet
229Kb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 2; 12/12
More results

Similar Description - MAX3284E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3293 MAXIM-MAX3293_11 Datasheet
295Kb / 11P
   20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
Rev 3; 3/11
MAX3295AUT-T MAXIM-MAX3295AUT-T Datasheet
295Kb / 11P
   20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
Rev 3; 3/11
MAX3293 MAXIM-MAX3293_14 Datasheet
1Mb / 11P
   20Mbps, 3.3V, SOT23 RS-485/RS-422 Transmitters
Rev 4; 12/14
MAX3293 MAXIM-MAX3293_V01 Datasheet
1Mb / 12P
   20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
19-2770; Rev 5; 4/19
logo
Exar Corporation
XR33193 EXAR-XR33193 Datasheet
420Kb / 12P
   3.3V, 20Mbps, TSOT23 RS-485/RS-422 Transmitters with 15kV ESD Protection
logo
Maxim Integrated Produc...
MAX3460 MAXIM-MAX3460 Datasheet
376Kb / 14P
   5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 1; 2/03
MAX3040 MAXIM-MAX3040 Datasheet
262Kb / 15P
   짹10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters
Rev 1; 12/01
logo
Intersil Corporation
ISL43485 INTERSIL-ISL43485 Datasheet
477Kb / 11P
   3.3V, Low Power, 30Mbps, RS-485/RS-422
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
   3.3V Low Power RS-485/RS-422 Transceivers
logo
Shenzhen Huazhimei Semi...
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com